Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL8489IB-T Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL8489IB-T
Description  5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL8489IB-T Datasheet(HTML) 5 Page - Intersil Corporation

  ISL8489IB-T Datasheet HTML 1Page - Intersil Corporation ISL8489IB-T Datasheet HTML 2Page - Intersil Corporation ISL8489IB-T Datasheet HTML 3Page - Intersil Corporation ISL8489IB-T Datasheet HTML 4Page - Intersil Corporation ISL8489IB-T Datasheet HTML 5Page - Intersil Corporation ISL8489IB-T Datasheet HTML 6Page - Intersil Corporation ISL8489IB-T Datasheet HTML 7Page - Intersil Corporation ISL8489IB-T Datasheet HTML 8Page - Intersil Corporation ISL8489IB-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
Absolute Maximum Ratings
Thermal Information
VCC to Ground. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7V
Input Voltages
DI, DE, RE . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to (VCC +0.5V)
Input/Output Voltages
A, B, Y, Z . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -8V to +12.5V
RO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to (VCC +0.5V)
Short Circuit Duration
Y, Z. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Continuous
ESD Rating
HBM (Per MIL-STD-883, Method 3015.7) . . . . . . . . . . . . . . >7kV
Operating Conditions
Temperature Range
ISL84XXCX . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0oC to 70oC
ISL84XXIX . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40oC to 85oC
Thermal Resistance (Typical, Note 1)
θ
JA (
oC/W)
8 Ld SOIC Package . . . . . . . . . . . . . . . . . . . . . . . . .
170
8 Ld PDIP Package . . . . . . . . . . . . . . . . . . . . . . . . .
140
14 Ld SOIC Package . . . . . . . . . . . . . . . . . . . . . . . .
120
14 Ld PDIP Package . . . . . . . . . . . . . . . . . . . . . . . .
100
Moisture Sensitivity (see Technical Brief TB363)
All Packages . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Level 1
Maximum Junction Temperature (Plastic Package) . . . . . . . 150oC
Maximum Storage Temperature Range . . . . . . . . . -65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . 300oC
(SOIC - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1.
θJA is measured with the component mounted on a low effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
Electrical Specifications
Test Conditions: VCC = 4.5V to 5.5V; Unless Otherwise Specified.
Typicals are at VCC = 5V, TA = 25
oC, Note 2
PARAMETER
SYMBOL
TEST CONDITIONS
TEMP
(oC)
MIN
TYP
MAX
UNITS
DC CHARACTERISTICS
Driver Differential VOUT (no load)
VOD1
Full
-
-
VCC
V
Driver Differential VOUT (with load)
VOD2
R = 50
Ω (RS-422), Figure 1
Full
2
3
-
V
R = 27
Ω (RS-485), Figure 1
Full
1.5
2.3
5
V
Change in Magnitude of Driver
Differential VOUT for
Complementary Output States
∆V
OD
R = 27
Ω or 50Ω, Figure 1
Full
-
0.01
0.2
V
Driver Common-Mode VOUT
VOC
R = 27
Ω or 50Ω, Figure 1
Full
-
-
3
V
Change in Magnitude of Driver
Common-Mode VOUT for
Complementary Output States
∆VOC
R = 27
Ω or 50Ω, Figure 1
Full
-
0.01
0.2
V
Logic Input High Voltage
VIH
DE, DI, RE
Full
2
-
-
V
Logic Input Low Voltage
VIL
DE, DI, RE
Full
-
-
0.8
V
Logic Input Current
IIN1
DE, DI, RE (ISL8483)
Full
-2
-
2
µA
IIN1
DI (ISL8485 - ISL8491)
Full
-2
-
2
µA
IIN1
DE, RE (ISL8485, ISL8489, ISL8491)
Full
-25
-
25
µA
Input Current (A, B), Note 10
IIN2
DE = 0V, VCC = 0V or
4.5 to 5.5V
VIN = 12V
Full
-
-
1
mA
VIN = -7V
Full
-
-
-0.8
mA
Receiver Differential Threshold
Voltage
VTH
-7V
≤ VCM ≤ 12V
Full
-0.2
-
0.2
V
Receiver Input Hysteresis
∆VTH
VCM = 0V
25
-
70
-
mV
Receiver Output High Voltage
VOH
IO = -4mA, VID = 200mV
Full
3.5
-
-
V
Receiver Output Low Voltage
VOL
IO = -4mA, VID = 200mV
Full
-
-
0.4
V
Three-State (high impedance)
Receiver Output Current
IOZR
0.4V
≤ VO ≤ 2.4V
Full
-
-
±1
µA
ISL8483, ISL8485, ISL8488, ISL8489, ISL8490, ISL8491


Similar Part No. - ISL8489IB-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8489IB-T INTERSIL-ISL8489IB-T Datasheet
574Kb / 16P
   5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
More results

Similar Description - ISL8489IB-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8483 INTERSIL-ISL8483_06 Datasheet
574Kb / 16P
   5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL8483 RENESAS-ISL8483 Datasheet
913Kb / 18P
   5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL83483 INTERSIL-ISL83483 Datasheet
536Kb / 17P
   3.3V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL83485IBZ-T INTERSIL-ISL83485IBZ-T Datasheet
548Kb / 17P
   3.3V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL83491IBZ-T INTERSIL-ISL83491IBZ-T Datasheet
548Kb / 17P
   3.3V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL83483 INTERSIL-ISL83483_04 Datasheet
541Kb / 17P
   3.3V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL83483 RENESAS-ISL83483 Datasheet
888Kb / 17P
   3.3V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
TECH PUBLIC Electronics...
MAX3485ESA TECHPUBLIC-MAX3485ESA Datasheet
3Mb / 9P
   Low-Power,Slew-Rate-Limited RS-485/RS-422 Transceivers
logo
Tiger Electronic Co.,Lt...
MAX485 TGS-MAX485 Datasheet
1Mb / 6P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
logo
Maxim Integrated Produc...
MAX1487CSA MAXIM-MAX1487CSA Datasheet
1Mb / 17P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 9; 9/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com