Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ITF87056DQT Datasheet(PDF) 1 Page - Intersil Corporation

Part # ITF87056DQT
Description  5A, 20V, 0.045 Ohm, Dual P-Channel, 2.5V Specified Power MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ITF87056DQT Datasheet(HTML) 1 Page - Intersil Corporation

  ITF87056DQT Datasheet HTML 1Page - Intersil Corporation ITF87056DQT Datasheet HTML 2Page - Intersil Corporation ITF87056DQT Datasheet HTML 3Page - Intersil Corporation ITF87056DQT Datasheet HTML 4Page - Intersil Corporation ITF87056DQT Datasheet HTML 5Page - Intersil Corporation ITF87056DQT Datasheet HTML 6Page - Intersil Corporation ITF87056DQT Datasheet HTML 7Page - Intersil Corporation ITF87056DQT Datasheet HTML 8Page - Intersil Corporation ITF87056DQT Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
File Number
4813.2
ITF87056DQT
5A, 20V, 0.045 Ohm, Dual P-Channel,
2.5V Specified Power MOSFET
Packaging
Symbol
Features
• Ultra Low On-Resistance
-rDS(ON) = 0.045Ω, VGS = −4.5V
-rDS(ON) = 0.048Ω, VGS = −4.0V
-rDS(ON) = 0.077Ω, VGS = −2.5V
• 2.5V Gate Drive Capability
• Gate to Source Protection Diode
• Simulation Models
- Temperature Compensated PSPICE™ and SABER
Electrical Models
- Spice and SABER Thermal Impedance Models
- www.intersil.com
• Peak Current vs Pulse Width Curve
• Transient Thermal Impedance Curve vs Board Mounting
Area
• Switching Time vs RGS Curves
Absolute Maximum Ratings
TA = 25
oC, Unless Otherwise Specified
TSSOP-8
4
1
2 3
5
GATE1(4)
DRAIN1(1)
SOURCE1(3)
OURCE1(2)
(8) DRAIN2
(7) SOURCE2
(6) SOURCE2
(5) GATE2
Ordering Information
PART NUMBER
PACKAGE
BRAND
ITF87056DQT
TSSOP-8
87056
NOTE: When ordering, use the entire part number. ITF87056DQT2
is available only in tape and reel.
ITF87056DQT
UNITS
Drain to Source Voltage (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VDSS
-20
V
Drain to Gate Voltage (RGS = 20kΩ) (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VDGR
-20
V
Gate to Source Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VGS
±12
V
Drain Current
Continuous (TA = 25
oC, V
GS = -4.5V) (Note 2) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ID
Continuous (TA = 25
oC, V
GS = -4.0V) (Note 2) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ID
Continuous (TA = 100
oC, V
GS = -4.0V) (Note 3) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ID
Continuous (TA = 100
oC, V
GS = -2.5V) (Note 3) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ID
Pulsed Drain Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .IDM
5.0
5.0
3.0
2.5
Figure 4
A
A
A
A
Power Dissipation (Note 2) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . PD
Derate Above 25oC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
2.0
16
W
mW/oC
Operating and Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TJ, TSTG
-55 to 150
oC
Maximum Temperature for Soldering
Leads at 0.063in (1.6mm) from Case for 10s . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .TL
Package Body for 10s, See Techbrief TB370 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Tpkg
300
260
oC
oC
NOTES:
1. TJ = 25
oC to 125oC.
2. 62.5oC/W measured using FR-4 board with 0.50 in2 (322.6 mm2 ) copper pad at 1 second.
3. 230oC/W measured using FR-4 board with 0.0022 in2 (1.44 mm2) copper pad at 1000 seconds.
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Data Sheet
March 2000
CAUTION: These devices are sensitive to electrostatic discharge. Follow proper ESD Handling Procedures.
SABER© is a Copyright of Analogy Inc. PSPICE® is a registered trademark of MicroSim Corporation.
1-888-INTERSIL or 321-724-7143
| Copyright
© Intersil Corporation 2000


Similar Part No. - ITF87056DQT

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ITF87052SVT INTERSIL-ITF87052SVT Datasheet
257Kb / 12P
   3A, 20V, 0.115 Ohm, P-Channel, 2.5V Specified Power MOSFET
More results

Similar Description - ITF87056DQT

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ITF87072DK8T INTERSIL-ITF87072DK8T Datasheet
175Kb / 13P
   6A, 20V, 0.037 Ohm, Dual P-Channel, 2.5V Specified Power MOSFET
ITF87052SVT INTERSIL-ITF87052SVT Datasheet
257Kb / 12P
   3A, 20V, 0.115 Ohm, P-Channel, 2.5V Specified Power MOSFET
ITF87068SQT INTERSIL-ITF87068SQT Datasheet
197Kb / 12P
   9A, 20V, 0.015 Ohm, P-Channel, 2.5V Specified Power MOSFET
ITF87008DQT INTERSIL-ITF87008DQT Datasheet
203Kb / 13P
   7.0A, 20V, 0.023 Ohm, Dual N-Channel, 2.5V Specified Power MOSFET
ITF87012SVT INTERSIL-ITF87012SVT Datasheet
249Kb / 12P
   6A, 20V, 0.035 Ohm, N-Channel, 2.5V Specified Power MOSFET
logo
Fairchild Semiconductor
SI9934DY FAIRCHILD-SI9934DY Datasheet
52Kb / 3P
   Dual P-Channel 2.5V Specified PowerTrench MOSFET
FDW2502PZ FAIRCHILD-FDW2502PZ Datasheet
87Kb / 6P
   Dual P-Channel 2.5V Specified PowerTrench MOSFET
FDS9933 FAIRCHILD-FDS9933 Datasheet
94Kb / 3P
   Dual P-Channel 2.5V Specified PowerTrench MOSFET
FDY2000PZ FAIRCHILD-FDY2000PZ Datasheet
204Kb / 6P
   Dual P-Channel (-2.5V) Specified PowerTrenchR MOSFET
logo
Guangdong Kexin Industr...
KDW2504P KEXIN-KDW2504P Datasheet
63Kb / 2P
   Dual P-Channel 2.5V Specified PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com