Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UPC4742 Datasheet(PDF) 6 Page - NEC

Part No. UPC4742
Description  SINGLE SUPPLY VOLTAGE, HIGH SPEED, WIDE BAND, DUAL OPERATIONAL AMPLIFIERS
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEC [NEC]
Homepage  http://www.nec.com/
Logo 

UPC4742 Datasheet(HTML) 6 Page - NEC

Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
µPC4742
6
PACKAGE DRAWINGS
8PIN PLASTIC DIP (300 mil)
ITEM
MILLIMETERS
INCHES
NOTES
1) Each lead centerline is located within 0.25 mm (0.01 inch) of
its true position (T.P.) at maximum material condition.
P8C-100-300B,C-1
N
0.25
0.01
P
0.9 MIN.
0.035 MIN.
R
0~15
°
0~15
°
A
10.16 MAX.
0.400 MAX.
B
1.27 MAX.
0.050 MAX.
F
1.4 MIN.
0.055 MIN.
G
3.2±0.3
0.126±0.012
J
5.08 MAX.
0.200 MAX.
K
7.62 (T.P.)
0.300 (T.P.)
C
2.54 (T.P.)
0.100 (T.P.)
D
0.50±0.10
0.020+0.004
–0.005
H
0.51 MIN.
0.020 MIN.
I
4.31 MAX.
0.170 MAX.
L
6.4
0.252
M
0.25
0.010+0.004
–0.003
+0.10
–0.05
2) ltem "K" to center of leads when formed parallel.
14
85
M
A
R
M
P
I
J
H
G
F
DN
C
B
L
K


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn