Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UPC4742 Datasheet(PDF) 5 Page - NEC

Part No. UPC4742
Description  SINGLE SUPPLY VOLTAGE, HIGH SPEED, WIDE BAND, DUAL OPERATIONAL AMPLIFIERS
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEC [NEC]
Homepage  http://www.nec.com/
Logo 

UPC4742 Datasheet(HTML) 5 Page - NEC

 
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
µPC4742
5
120
100
80
60
40
20
0
10
100
1 k
10 k 100 k
1 M
10 M
V± = ±15 V
OPEN LOOP FREQUENCY RESPONSE
f - Frequency - Hz
LARGE SIGNAL FREQUENCY RESPONSE
30
20
10
0
100
1 k
10 k
100 k
1 M
10 M
V± = ±15 V
RL = 2 k
f - Frequency - Hz
10
1
0.1
0.01
0.01
0.1
1.0
10
100
IO SINK
VO
RL
V+
V+/2
The dotted line shows a
characteristic of RL = 1 k
OUTPUT SINK CURRENT LIMIT
IO SINK - Output Sink Current - mA
V+ = 15 V
V+ = 15 V
V+
V+/2
+
+
IO SOURCE
∆VO
5
4
3
2
1
0
0.01
0.1
1.0
10
100
OUTPUT SOURCE CURRENT LIMIT
IO SOURCE - Output Source Current - mA
VOLTAGE FOLLOWER PULSE RESPONSE
3
2
1
0
3
2
1
0
0123
t - Time - s
µ
TA - Operating Ambient Temperature - °C
RL = 2 k
V+ = +5 V
V= GND
SLEW RATE
12
10
8
6
4
2
0
100
50
0
–50
SR
SR+
V± = ±15 V
RL = 2 k


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn