Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UPC4742 Datasheet(PDF) 4 Page - NEC

Part No. UPC4742
Description  SINGLE SUPPLY VOLTAGE, HIGH SPEED, WIDE BAND, DUAL OPERATIONAL AMPLIFIERS
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEC [NEC]
Homepage  http://www.nec.com/
Logo 

UPC4742 Datasheet(HTML) 4 Page - NEC

 
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
µPC4742
4
TYPICAL CHARACTERISTICS (TA = 25
°C, TYP.)
500
400
300
200
100
0
20406080
100
POWER DISSIPATION
TA - Operating Ambient Temperature - °C
SUPPLY CURRENT
10
8
6
4
2
0
±5
±10
±15
±20
A
+
V
V+
ICC
TA = –20 °C
TA = +25 °C
TA = +80 °C
200
150
100
50
0
10203040
INPUT BIAS CURRENT
40
30
20
10
0
10203040
V+ - Supply Voltage - V (V= GND)
V+ - Supply Voltage - V (V= GND)
COMMON MODE INPUT VOLTAGE RANGE
VICM+
VICM–
V± - Supply Voltage - V
5
4
3
2
1
0
–1
–2
–3
–4
–5
–50
0
100
50
TA - Operating Ambient Temperature - °C
INPUT OFFSET VOLTAGE
200
100
0
50
0
–50
100
INPUT BIAS CURRENT
TA - Operating Ambient Temperature - °C
V± = ±15V
V± = ±15V
µ
µ
PC4742G2
PC4742C
227 °C/W
200 °C/W


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn