Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CR8CM-12A Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # CR8CM-12A
Description  600V - 8A - Thyristor Medium Power Use
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CR8CM-12A Datasheet(HTML) 1 Page - Renesas Technology Corp

  CR8CM-12A_15 Datasheet HTML 1Page - Renesas Technology Corp CR8CM-12A_15 Datasheet HTML 2Page - Renesas Technology Corp CR8CM-12A_15 Datasheet HTML 3Page - Renesas Technology Corp CR8CM-12A_15 Datasheet HTML 4Page - Renesas Technology Corp CR8CM-12A_15 Datasheet HTML 5Page - Renesas Technology Corp CR8CM-12A_15 Datasheet HTML 6Page - Renesas Technology Corp CR8CM-12A_15 Datasheet HTML 7Page - Renesas Technology Corp CR8CM-12A_15 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
R07DS1034EJ0300 Rev.3.00
Page 1 of 7
Jul 30, 2013
Preliminary Datasheet
CR8CM-12A
600V - 8A - Thyristor
Medium Power Use
Features
• I
T (AV) : 8 A
• V
DRM : 600 V
• I
GT : 15 mA
• Non-Insulated Type
• Planar Passivation Type
Outline
1 2
3
4
4
RENESAS Package code: PRSS0004AA-A
A
A
(Package name: TO-220)
1
2
3
RENESAS Package code: PRSS0004AG-A
(Package name: TO-220AB)
2, 4
1
3
1. Cathode
2. Anode
3. Gate
4. Anode
Applications
Switching mode power supply, regulator for autocycle, motor control, heater control, and other general purpose control
applications
Maximum Ratings
Parameter
Symbol
Voltage class
Unit
12
Repetitive peak reverse voltage
VRRM
600
V
Non-repetitive peak reverse voltage
VRSM
720
V
DC reverse voltage
VR (DC)
480
V
Repetitive peak off-state voltage
VDRM
600
V
DC off-state voltage
VD (DC)
480
V
R07DS1034EJ0300
Rev.3.00
Jul 30, 2013


Similar Part No. - CR8CM-12A_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CR8CM-12A RENESAS-CR8CM-12A_13 Datasheet
128Kb / 8P
   600V - 8A - Thyristor Medium Power Use
More results

Similar Description - CR8CM-12A_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CR8FM-12B RENESAS-CR8FM-12B Datasheet
123Kb / 8P
   600V-8A-Thyristor Medium Power Use
CR8CM-12B RENESAS-CR8CM-12B_15 Datasheet
127Kb / 9P
   600V - 8A - Thyristor Medium Power Use
CR8CM-12A RENESAS-CR8CM-12A_13 Datasheet
128Kb / 8P
   600V - 8A - Thyristor Medium Power Use
CR8FM-12B RENESAS-CR8FM-12B_15 Datasheet
123Kb / 8P
   600V-8A-Thyristor Medium Power Use
BCR8FM-12LB RENESAS-BCR8FM-12LB_15 Datasheet
138Kb / 8P
   600V - 8A - Triac Medium Power Use
BCR8PM-12LE RENESAS-BCR8PM-12LE_15 Datasheet
194Kb / 8P
   600V ??8A - Triac Medium Power Use
BCR8CM-12LB RENESAS-BCR8CM-12LB_15 Datasheet
151Kb / 9P
   600V - 8A - Triac Medium Power Use
BCR8LM-12LA RENESAS-BCR8LM-12LA_15 Datasheet
138Kb / 7P
   600V - 8A - Triac Medium Power Use
BCR8FM-12LC RENESAS-BCR8FM-12LC Datasheet
514Kb / 9P
   600V - 8A - Triac Medium Power Use
Feb. 19, 2019
CR5AS-12A RENESAS-CR5AS-12A_15 Datasheet
112Kb / 9P
   600V - 5A - Thyristor Medium Power Use
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com