Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADT7411 Datasheet(PDF) 11 Page - Analog Devices

Part No. ADT7411
Description  SPI-/IC-Compatible, 10-Bit Digital Temperature Sensor and 8-Channel ADC
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7411 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADT7411_15 Datasheet HTML 7Page - Analog Devices ADT7411_15 Datasheet HTML 8Page - Analog Devices ADT7411_15 Datasheet HTML 9Page - Analog Devices ADT7411_15 Datasheet HTML 10Page - Analog Devices ADT7411_15 Datasheet HTML 11Page - Analog Devices ADT7411_15 Datasheet HTML 12Page - Analog Devices ADT7411_15 Datasheet HTML 13Page - Analog Devices ADT7411_15 Datasheet HTML 14Page - Analog Devices ADT7411_15 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
ADT7411
Rev. B | Page 11 of 36
15
–10
–5
0
5
10
–15
–20
–25
010
20
PCB LEAKAGE RESISTANCE (MΩ)
30
40
50
60
70
80
90
100
VDD = 3.3V
TEMPERATURE = 25°C
D+ TO GND
D+ TO VCC
Figure 13. External Temperature Error vs. PCB Leakage Resistance
10
0
2
4
6
8
–2
–4
–6
NOISE FREQUENCY (Hz)
VDD = 3.3V
COMMON-MODE
VOLTAGE = 100mV
1
100
200
300
400
500
600
Figure 14. External Temperature Error vs.
Common-Mode Noise Frequency
VDD (V)
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
–3
–2
–1
0
1
2
3
OFFSET ERROR
GAIN ERROR
Figure 15. ADC Offset Error and Gain Error vs. VDD
–60
–50
–40
–30
–20
–10
0
VDD = 3.3V
0
5
10
15
20
25
CAPACITANCE (nF)
30
35
40
45
50
Figure 16. External Temperature Error vs. Capacitance Between D+ and D−
70
20
30
40
50
60
10
0
–10
1
100
200
NOISE FREQUENCY (MHz)
300
400
500
600
VDD = 3.3V
DIFFERENTIAL-MODE
VOLTAGE = 100mV
Figure 17. External Temperature Error vs. Differential Mode Noise Frequency
NOISE FREQUENCY (Hz)
±250mV
VDD = 3.3V
1
100
200
300
400
500
600
0.6
–0.4
–0.2
0
0.2
0.4
–0.6
Figure 18. Internal Temperature Error vs. Power Supply Noise Frequency


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn