Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADT7301 Datasheet(PDF) 9 Page - Analog Devices

Part # ADT7301
Description  1C Accurate, 13-Bit, Digital Temperature Sensor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7301 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADT7301_15 Datasheet HTML 5Page - Analog Devices ADT7301_15 Datasheet HTML 6Page - Analog Devices ADT7301_15 Datasheet HTML 7Page - Analog Devices ADT7301_15 Datasheet HTML 8Page - Analog Devices ADT7301_15 Datasheet HTML 9Page - Analog Devices ADT7301_15 Datasheet HTML 10Page - Analog Devices ADT7301_15 Datasheet HTML 11Page - Analog Devices ADT7301_15 Datasheet HTML 12Page - Analog Devices ADT7301_15 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
ADT7301
Rev. B | Page 9 of 16
THEORY OF OPERATION
The ADT7301 is a 13-bit digital temperature sensor with a 14th
bit that acts as a sign bit. The part houses an on-chip temperature
sensor, a 13-bit A/D converter, a reference circuit, and serial
interface logic functions in SOT-23 and MSOP packages. The
ADC section consists of a conventional successive approximation
converter based around a capacitor DAC. The parts run on a
2.7 V to 5.25 V power supply.
The on-chip temperature sensor allows an accurate measure-
ment of the ambient device temperature to be made. The
specified measurement range of the ADT7301 is −40°C to
+150°C. Greater than 125°C, the ADT7301 is limited to 5%
of its 55°C operational lifetime. The structural integrity of the
device may start to deteriorate when continuously operated at
absolute maximum voltage and temperature specifications.
CONVERTER DETAILS
The conversion clock for the part is internally generated. No
external clock is required except when reading from and writing
to the serial port. In normal mode, an internal clock oscillator
runs an automatic conversion sequence. During this automatic
conversion sequence, a conversion is initiated every 1.5 second.
At this time, the part powers up its analog circuitry and performs
a temperature conversion. This temperature conversion typically
takes 1.2 ms, after which the analog circuitry of the part auto-
matically shuts down. The analog circuitry powers up again when
the 1.5 second timer times out and the next conversion begins.
Since the serial interface circuitry never shuts down, the result
of the most recent temperature conversion is always available in
the serial output register.
The ADT7301 can be placed into shutdown mode via the control
register. This means that the on-chip oscillator is shut down and
no further conversions are initiated until the ADT7301 is taken
out of shutdown mode. The ADT7301 can be taken out of
shutdown mode by writing all 0s into the control register. The
conversion result from the last conversion prior to shutdown
can still be read from the ADT7301 even when it is in shutdown
mode.
In normal conversion mode, the internal clock oscillator is reset
after every read or write operation. This causes the device to start
a temperature conversion, the result of which is typically available
1.2 ms later. Similarly, when the part is taken out of shutdown
mode, the internal clock oscillator is started and a conversion is
initiated. The conversion result is available 1.2 ms later. Every
result is stored in a buffer register and is loaded into the
temperature value register only at the first falling SCLK edge of
every serial port activity. Serial port activity does not interfere
with conversion processes, and every conversion is completed,
even during a read operation. A conversion has to be completed
before a read occurs, otherwise its result is not loaded into the
temperature value register and instead is loaded into the buffer
register. A new conversion is triggered at the end of each serial
port activity, except when a conversion is already in progress.


Similar Part No. - ADT7301_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7301 AD-ADT7301_17 Datasheet
319Kb / 17P
   13-Bit, Digital Temperature Sensor
More results

Similar Description - ADT7301_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT75 AD-ADT75_15 Datasheet
352Kb / 24P
   1C Accurate, 12-Bit Digital Temperature Sensor
Rev. B
ADT7301ARTZ-500RL7 AD-ADT7301ARTZ-500RL7 Datasheet
286Kb / 16P
   짹1째C Accurate, 13-Bit, Digital Temperature Sensor
REV. B
logo
Maxim Integrated Produc...
MAX6627 MAXIM-MAX6627_11 Datasheet
262Kb / 9P
   Remote 1C Accurate Digital Temperature Remote 짹1째C Accurate Digital Temperature
Rev 5; 6/11
logo
Analog Devices
ADT7301 AD-ADT7301_17 Datasheet
319Kb / 17P
   13-Bit, Digital Temperature Sensor
ADT7408 AD-ADT7408_15 Datasheet
459Kb / 24P
   2C Accurate, 12-Bit Digital Temperature Sensor
Rev. 0
ADT7318ARQZ AD-ADT7318ARQZ Datasheet
3Mb / 44P
   Accurate Digital Temperature Sensor
REV. B
ADT75 AD-ADT75 Datasheet
387Kb / 24P
   -1째C Accurate, 12-Bit Digital Temperature Sensor
REV. 0
ADT7310 AD-ADT7310 Datasheet
455Kb / 24P
   짹0.5째C Accurate, 16-Bit Digital SPI Temperature Sensor
REV. 0
ADT7301 AD-ADT7301 Datasheet
637Kb / 14P
   13-Bit, 0.5C Accurate, MicroPower Digital Temperature Sensor in 6-Lead SOT-23
Rev. PrJ
ADT7410 AD-ADT7410 Datasheet
452Kb / 24P
   짹0.5째C Accurate, 16-Bit Digital I2C Temperature Sensor
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com