Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R2A20169NPSASP Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # R2A20169NPSASP
Description  8-bit 12ch D/A Converter with Buffer Amplifiers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R2A20169NPSASP Datasheet(HTML) 2 Page - Renesas Technology Corp

  R2A20169NPSASP_15 Datasheet HTML 1Page - Renesas Technology Corp R2A20169NPSASP_15 Datasheet HTML 2Page - Renesas Technology Corp R2A20169NPSASP_15 Datasheet HTML 3Page - Renesas Technology Corp R2A20169NPSASP_15 Datasheet HTML 4Page - Renesas Technology Corp R2A20169NPSASP_15 Datasheet HTML 5Page - Renesas Technology Corp R2A20169NPSASP_15 Datasheet HTML 6Page - Renesas Technology Corp R2A20169NPSASP_15 Datasheet HTML 7Page - Renesas Technology Corp R2A20169NPSASP_15 Datasheet HTML 8Page - Renesas Technology Corp R2A20169NPSASP_15 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Datasheet
R2A20169NP/SA/SP
Page 2 of 9
R03DS0020EJ0300 Rev.3.00
Jul 25, 2013
Pin Description
Pin Arrangement
Pin No.
Pin
Name
Function
[QFN]
[TSSOP
/SOP]
15
17
DI
Serial data input terminal.
(Input serial data with a 12-bit data length.)
12
14
Do
Serial data output terminal
(Data is sequentially output from the MSB bit.)
14
16
CLK
Serial clock input terminal
(Input signal from DI terminal is input to 12-bit shift register at rise of serial clock.)
13
15
LD
Load terminal
(When High level is input to LD terminal, value in 12-bit shift register is loaded
into decoder and 8-bit latch.)
16
18
Ao1
8-bit resolution D/A converter output terminals
(After power-on, all channels are reset and DAC data 00h is output.)
17
19
Ao2
20
2
Ao3
1
3
Ao4
2
4
Ao5
3
5
Ao6
4
6
Ao7
5
7
Ao8
6
8
Ao9
7
9
Ao10
10
12
Ao11
11
13
Ao12
9
11
Vcc
Power supply terminal
18
20
GND
GND terminal
8
10
VrefU
D/A converter upper reference voltage input terminal
19
1
VrefL
D/A converter lower reference voltage input terminal
Outline: PRSP0020DD-B[SP]
PTSP0020JB-A [SA]
Ao3
Ao4
GND
Ao2
Ao1
DI
Ao5
Ao6
Ao7
Ao8
CLK
LD
Do
Ao12
8
1
7
6
5
4
3
2
20
14
15
16
17
18
19
15
14
13
12
1
2
3
4
R2A20169NP (Top view)
Ao4
Ao5
CLK
LD
Outline: PWQN0020KB-A [NP]
Ao6
Ao7
DI
R2A20169SP/SA (Top view)
VrefL
VrefU
Ao10
10
9
11
12
13
Ao11
Vcc
Ao9
5
Ao8
11
Ao12
Do


Similar Part No. - R2A20169NPSASP_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R2A20169NP RENESAS-R2A20169NP Datasheet
394Kb / 10P
   8-bit 12ch D/A Converter with Buffer Amplifiers
R2A20169NP RENESAS-R2A20169NP Datasheet
299Kb / 10P
   8-bit 12ch D/A Converter with Buffer Amplifiers
R2A20169NP RENESAS-R2A20169NP_13 Datasheet
299Kb / 10P
   8-bit 12ch D/A Converter with Buffer Amplifiers
More results

Similar Description - R2A20169NPSASP_15

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62352P MITSUBISHI-M62352P Datasheet
55Kb / 6P
   8-BIT 12CH D-A CONVERTER WITH BUFFER AMPLIFIERS
logo
Renesas Technology Corp
M62352P RENESAS-M62352P Datasheet
140Kb / 10P
   8-bit 12ch D/A Converter with Buffer Amplifiers
M62358P RENESAS-M62358P Datasheet
2Mb / 7P
   8-BIT 12CH D-A CONVERTER WITH BUFFER AMPLIFIERS
logo
Mitsubishi Electric Sem...
M62358P MITSUBISHI-M62358P Datasheet
62Kb / 6P
   8-BIT 12CH D-A CONVERTER WITH BUFFER AMPLIFIERS
logo
Renesas Technology Corp
R2A20169NP RENESAS-R2A20169NP_13 Datasheet
299Kb / 10P
   8-bit 12ch D/A Converter with Buffer Amplifiers
M62352P RENESAS-M62352P_15 Datasheet
296Kb / 10P
   8-bit 12ch D/A Converter with Buffer Amplifiers
M62352AGP RENESAS-M62352AGP Datasheet
136Kb / 9P
   8-bit 12ch D/A Converter with Buffer Amplifiers
R2A20169NP RENESAS-R2A20169NP Datasheet
394Kb / 10P
   8-bit 12ch D/A Converter with Buffer Amplifiers
logo
Mitsubishi Electric Sem...
M62366GP MITSUBISHI-M62366GP Datasheet
50Kb / 5P
   3V TYPE 8-BIT 12CH D-A CONVERTER WITH BUFFER AMPLIFIERS
logo
Renesas Technology Corp
M62398P RENESAS-M62398P Datasheet
2Mb / 8P
   8-BIT 12CH I2C BUS D-A CONVERTER WITH BUFFER AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com