Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R2A20056BM Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # R2A20056BM
Description  Lithium-Ion Battery Charger IC with Auto Load Current Distribution
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R2A20056BM Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button R2A20056BM_15 Datasheet HTML 4Page - Renesas Technology Corp R2A20056BM_15 Datasheet HTML 5Page - Renesas Technology Corp R2A20056BM_15 Datasheet HTML 6Page - Renesas Technology Corp R2A20056BM_15 Datasheet HTML 7Page - Renesas Technology Corp R2A20056BM_15 Datasheet HTML 8Page - Renesas Technology Corp R2A20056BM_15 Datasheet HTML 9Page - Renesas Technology Corp R2A20056BM_15 Datasheet HTML 10Page - Renesas Technology Corp R2A20056BM_15 Datasheet HTML 11Page - Renesas Technology Corp R2A20056BM_15 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
R2A20056BM
Apr 15,2013
R03DS0075EJ0100 Rev. 1.23
Page 8 of 37
*1 State transition judgment includes battery
temperature detection.
State is kept in Default(00H) when TH
temperature protection ( Hign or Low)
and thermistor open.
*2 It's ‘or’ condition with TTHM < TTHCON
when THBATCON='1' (set by I2C).
*3 It's 'or' condition with TTHM > TTHCON
when THBATCON='1' (set by I2C).
*4 These judgment times are 384ms for
these transitions.
*5 Refer to Input voltage detection about the
condition of /POK=‘L’ or ‘H’.
Timer start
0.2C: 7.68s
0.2C1.0C: 512ms x 48step=24.58s
Quick charge (03H)
0.2C to1.0CStop increasing
High temp. charge-1
(04H)
0.2C
High temp. charge-2
(05H)
Charge completion
(07H)
VBAT < Vqchgon
and
VBAT < VSYS
VBAT < Vqchgon
and
VBAT < VSYS
Ttreg <Tj < Ttrgrst
Tj < (Ttreg-Treghys)
Tj < (Ttreg-Treghys)Ttrgrst < Tj < Tsd
Ttrgrst <Tj < Tsd
All state
06H,07H,09H,
0AH,0BH
All state
Charge completion
detection
(06H)
64ms x 6=384ms
09H
state
Vstart <VBAT < Vrechg
and
VBAT < VSYS
Vrechg <VBAT < Vov
and
VBAT < VSYS
Vqchgon <VBAT < Vov
and
VBAT < VSYS
RESET TIMER
RESET TIMER
RESET TIMER
RESET TIMER
RESET TIMER
RESET TIMER
RESET TIMER
RESET TIMER
RESET TIMER
RESET TIMER
RESET TIMER
Vstart <VBAT < Vqchgon
and
VBAT < VSYS
RESET TIMER
09H
state
Ichg <Ifc
and
FULMD=0
and
VBAT < VSYS
*4
*4
*1
Vqchgon <VBAT < Vov
and
VBAT < VSYS
Battery non-
connection(08H)
(/STAT=H)
Default(00H)
(/STAT=H)
VIN detected [/POK=‘L’]
and
USB Normal [USUP=‘L’]
and
Charge ON [/CEN=‘L’]
and
VBAT < VSYS
*1
0.1C(0.2C):
64ms x 10=640ms
Forced charge(01H)
(/STAT=L)
Timer start
0.1C(0.2C)
Trickle charge(02H)
(/STAT=L)
Timer out[TOUT=1]
Error-1(09H)
(/STAT=Blink 1)
0V < VBAT < Vstart
Tj >Tsd
or
VBAT >Vov
Timer is not reset
in the state inside
of broken line
Charge control
Compliant with
JEITA guideline
(/STAT=L)
(/STAT=L)
(/STAT=L)
(/STAT=H)
(/STAT=H)
Error-2
(0AH)
01H, 03H,04H
and 05H state
TTHM >TTHMVH
or
TTHM < TTHMVL
TTHM < TTHMVH
and
TTHM >TTHMVL
HOLD TIMER
Vqchgon <VBAT < Vov
and
VBAT < VSYS
RESTART
TIMER
RESTART
TIMER
03H
state
Error-3
(0BH)
02H state
HOLD TIMER
TTHM >TTHMVH
or
TTHM < TTHMVL
Vstart<VBAT < Vqchgon
and
VBAT < VSYS
02H
state
(/STAT=Blink 2)
(/STAT=Blink 2)
Notes
1)
2)
3)
4)
: Judged after 256ms delay time for
preventing erroneous detection.
(Others are judged instantly)
Under line : Register
When VBAT > VSYS (MOSFET between BAT
and SYS : ON), the state is not changed
except for battery voltage error or chip
temperature error.
There are 3 operations of timer in each
transition for Trickle charge timer and Quick
charge timer.
- ‘RESET TIMER’
- ‘HOLD TIMER’
- ‘RESTART TIMER’
The release conditions against ‘Error 1’ are
as follows:
-VIN not detected [/POK=‘H’]
- Suspend
- Charge stop [/CEN=‘H’]
- Battery non-connection
Vqchgon <VBAT < Vrechg
and
VBAT < VSYS
Charge state diagram
*5
*5
Vstart <VBAT <Vov
*3
*2
VIN not detected [/POK=‘H’]
or
Suspend
or
Charge stop [/CEN=‘H’]


Similar Part No. - R2A20056BM_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R2A20050ANS RENESAS-R2A20050ANS_15 Datasheet
301Kb / 14P
   Lithium-ion battery charger control IC
R2A20052NS RENESAS-R2A20052NS_15 Datasheet
555Kb / 20P
   Lithium-Ion Battery Charger IC with Auto load current distribution
More results

Similar Description - R2A20056BM_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R2A20052NS RENESAS-R2A20052NS_15 Datasheet
555Kb / 20P
   Lithium-Ion Battery Charger IC with Auto load current distribution
R2A20050ANS RENESAS-R2A20050ANS_15 Datasheet
301Kb / 14P
   Lithium-ion battery charger control IC
logo
Mitsubishi Electric Sem...
M62253FP MITSUBISHI-M62253FP Datasheet
62Kb / 5P
   LITHIUM ION BATTERY CHARGER CONTROL IC
logo
Renesas Technology Corp
M62242FP RENESAS-M62242FP Datasheet
126Kb / 9P
   Lithium-Ion Battery Charger Control IC
logo
New Japan Radio
NJW4100 NJRC-NJW4100 Datasheet
280Kb / 19P
   Lithium-ion Battery Charger Controller IC with Timer
logo
Microchip Technology
TC3827 MICROCHIP-TC3827 Datasheet
142Kb / 10P
   Lithium-Ion Battery Charger
2001
logo
Shanghai awinic technol...
AW3210A AWINIC-AW3210A Datasheet
1Mb / 12P
   Lithium ion battery charger
logo
Analog Devices
ADP3820 AD-ADP3820 Datasheet
112Kb / 8P
   Lithium-Ion Battery Charger
REV. A
ADP3820 AD-ADP3820_15 Datasheet
635Kb / 8P
   Lithium-Ion Battery Charger
REV. A
logo
Semtech Corporation
SC806 SEMTECH-SC806 Datasheet
413Kb / 13P
   Miniature High Current Lithium-Ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com