Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADSY8401 Datasheet(PDF) 5 Page - Analog Devices

Part No. ADSY8401
Description  LCD Level Shifters with VCOM, NRS Buffers, and High Voltage Edge Detector
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

ADSY8401 Datasheet(HTML) 5 Page - Analog Devices

 
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
ADSY8401
Rev. 0 | Page 5 of 16
Parameter
Conditions
Min
Typ
Max
Unit
Level Shifting Edge Detector Section
CL = 10 pF
Input Low Voltage, VIL
AGND + 1.5
V
Input High Voltage, VIH
AVCC − 1.5
V
Input Rising Edge Threshold Voltage, VTH LH
AGND + 3
V
Input Falling Edge Threshold Voltage, VTH HL
AVCC − 3
V
Output High Voltage, VOH
DVCC − 0.5
DVCC − 0.25
V
Output Low Voltage, VOL
0.25
0.5
V
Input Current High State, IIH
1.2
2.5
µA
Input Current, IIL
−2.5
−1.2
µA
Input Rising Edge Propagation Delay Time, t19
15.5
ns
Input Falling Edge Propagation Delay Time, t20
16.5
ns
t20 Variation with Temperature,
∆t
20
TA = 25°C to 85°C
2
ns
Output Rise, Fall Time, tr
10% to 90%
6
ns
Grounded-Mode Switch
GSW INPUT CHARACTERISTICS
CIN
3
pF
RIN
50
kΩ
IIH
0.6
µA
IIL
−70
µA
VIH
2
V
VIL
0.8
V
VTH
1.65
V
Power Supplies
Operating Range, DVCC
3
3.3
3.6
V
Quiescent Current, DVCC
20
25
mA
Operating Range, AVCC, AVCCL1, 2, 3
18
V
Quiescent Current, AVCCL1
12.5
15.5
mA
Quiescent Current, AVCCL2
DI1 − DI11
≤ V
IL
5.2
6.6
mA
Quiescent Current, AVCCL3
DI1 − DI11
≤ V
IL
5.2
6.6
mA
Quiescent Current, AVCCL2
DI1 − DI11
≥ V
IH
11.5
14.3
mA
Quiescent Current, AVCCL3
DI1 − DI11
≥ V
IH
11.5
14.3
mA
Quiescent Current, AVCC
10
12.8
mA
Operating Temperature
Ambient Temperature Range, TA
In still air
0
85
°C


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn