Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADSY8401 Datasheet(PDF) 4 Page - Analog Devices

Part No. ADSY8401
Description  LCD Level Shifters with VCOM, NRS Buffers, and High Voltage Edge Detector
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

ADSY8401 Datasheet(HTML) 4 Page - Analog Devices

 
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ADSY8401
Rev. 0 | Page 4 of 16
Parameter
Conditions
Min
Typ
Max
Unit
BFR Section
INPUT/OUTPUT CHARACTERISTICS
Voltage Range
VH
AVCC − VH
1.5
2.5
V
VL
VL − AGND
1.1
1.5
V
Output Voltage Grounded Mode
GSW = LOW
90
mV
Input Current
0.3
µA
Output Current
100
mA
Output Offset Voltage
BFRI = 7.5 V, TA = 25°C
6
20
mV
Output Offset Voltage
BFRI = 7.5 V, TA min to TA max
30
mV
PSRR, TA min to TA max
AVCC ± 10%
1
mV/V
Gain Error, TA min to TA max
BFRI = 1.5 V to 12 V
0.5
0.65
%
OUTPUT DYNAMIC PERFORMANCE
VO = 6 V step, CL = 10 nF
−3 dB Bandwidth (Small Signal)
VO = 0.25 V p-p
1.3
MHz
Slew Rate
12
V/µs
Settling Time to 0.5%
TA min to TA max
0.7
1
µs
Overshoot
0.3
%
MUX and BFR Sections as NRS Buffer
See Figure 4
Settling Time to 0.5%
CL = 10 nF
0.9
1.5
µs
Level Shifter Section
LEVEL SHIFTER LOGIC INPUTS
CIN
3
pF
IIH
0.05
µA
IIL
−0.6
µA
VIH
2
V
VIL
0.8
V
VTH
1.65
V
LEVEL SHIFTER OUTPUTS
VOH
AVCCL − 0.5
AVCCL − 0.25
V
VOL
0.25
0.5
V
LEVEL SHIFTER DYNAMIC PERFORMANCE
TA min to TA max
Output Rise, Fall Times, tr, tf
10% to 90%
DO1–DO8, DO9T–DO11T, DO9C–DO11C
CL = 40 pF
20
30
ns
DO1–DO8
CL = 300 pF
130
150
ns
Propagation Delay times, t11, t12, t13, t14
DO1–DO8, DO9T–DO11T, DO9C–DO11C
CL = 40 pF
23
50
ns
DO1–DO8
CL = 300 pF
60
80
ns
Propagation Delay Skew, t15, t16
CL = 40 pF
DO1–DO8
2
ns
Propagation Delay Skew, t15, t16, t17, t18
CL = 40 pF
DO1–DO8, DO9T–DO11T, DO9C–DO11C
4
ns


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn