Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADSST-SALEM-3T Datasheet(PDF) 6 Page - Analog Devices

Part # ADSST-SALEM-3T
Description  Powerful Energy Meter Chipset
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSST-SALEM-3T Datasheet(HTML) 6 Page - Analog Devices

Back Button ADSST-SALEM-3T_15 Datasheet HTML 2Page - Analog Devices ADSST-SALEM-3T_15 Datasheet HTML 3Page - Analog Devices ADSST-SALEM-3T_15 Datasheet HTML 4Page - Analog Devices ADSST-SALEM-3T_15 Datasheet HTML 5Page - Analog Devices ADSST-SALEM-3T_15 Datasheet HTML 6Page - Analog Devices ADSST-SALEM-3T_15 Datasheet HTML 7Page - Analog Devices ADSST-SALEM-3T_15 Datasheet HTML 8Page - Analog Devices ADSST-SALEM-3T_15 Datasheet HTML 9Page - Analog Devices ADSST-SALEM-3T_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
ADSST-SALEM-3T
Rev. 0 | Page 6 of 24
ADSST-218X COMMON-MODE PINS
Table 2.
Pin Name
No. of Pins
I/O
Function
BG
1
O
Bus Grant Output
BGH
1
O
Bus Grant Hung Output
BMS
1
O
Byte Memory Select Output
BR
1
I
Bus Request Input
CMS
1
O
Combined Memory Select Output
DMS
1
O
Data Memory Select Output
IOMS
1
O
Memory Select Output
PMS
1
O
Program Memory Select Output
RD
1
O
Memory Read Enable Output
RESET
1
I
Processor Reset Input
WR
1
O
Memory Write Enable Output
IRQ2/
1
I
Edge- or Level-Sensitive Interrupt Request1
PF7
I/O
Programmable I/O Pin
IRQL1/
1
I
Level-Sensitive Interrupt Requests1
PF6
I/O
Programmable I/O Pin
IRQL0/
1
I
Level-Sensitive Interrupt Requests1
PF5
I/O
Programmable I/O Pin
IRQE/
1
I
Edge-Sensitive Interrupt Requests1
PF4
I/O
Programmable I/O Pin
MODE A
1
I
Mode Select Input−Checked only during RESET
PF0
I/O
Programmable I/O Pin during Normal Operation
MODE B
1
I
Mode Select Input−Checked only during RESET
PF1
I/O
Programmable I/O Pin during Normal Operation
MODE C
1
I
Mode Select Input−Checked only during RESET
PF2
I/O
Programmable I/O Pin during Normal Operation
MODE D
1
I
Mode Select Input−Checked only during RESET
PF3
I/O
Programmable I/O Pin during Normal Operation
CLKIN, XTAL
2
I
Clock or Quartz Crystal Input
CLKOUT
1
O
Processor Clock Output
EZ-Port
9
I/O
For Emulation Use
FI, FO
Flag In, Flag Out2
FL0, FL1, FL2
3
O
Output Flags
GND
10
I
Power and Ground
IRQ1:0
Edge- or Level-Sensitive Interrupts
PWD
1
I
Power-Down Control Input
SPORT0
5
I/O
Serial Port I/O Pins
SPORT1
5
I/O
Serial Port I/O Pins
PWDACK
1
O
Power-Down Control Output
VDDEXT
4
I
External VDD (2.5 V or 3.3 V) Power (LQFP)
VDDEXT
7
I
External VDD (2.5 V or 3.3 V) Power (Mini-BGA)
VDDINT
2
I
Internal VDD (2.5 V) Power (LQFP)
VDDINT
4
I
Internal VDD (2.5 V) Power (Mini-BGA)
1Interrupt/flag pins retain both functions concurrently. If IMASK is set to enable the corresponding interrupts, the DSP will vector to the appropriate interrupt vector
address when the pin is asserted, either by external devices or set as a programmable flag.
2SPORT configuration determined by the DSP System Control register. Software configurable.


Similar Part No. - ADSST-SALEM-3T_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSST-SALEM-3T AD-ADSST-SALEM-3T Datasheet
532Kb / 24P
   Powerful Energy Meter Chipset
Rev. 0
More results

Similar Description - ADSST-SALEM-3T_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSST-EM-3040 AD-ADSST-EM-3040 Datasheet
532Kb / 24P
   Powerful Energy Meter Chipset
Rev. 0
ADSST-EM-2030 AD-ADSST-EM-2030_15 Datasheet
153Kb / 20P
   Three-Phase Energy Meter Chipset
REV. 0
ADSST-EM-2030 AD-ADSST-EM-2030 Datasheet
193Kb / 20P
   Three-Phase Energy Meter Chipset
REV. 0
logo
Cyrustek corporation
ES51920 CYRUSTEK-ES51920 Datasheet
444Kb / 11P
   LCR meter chipset
logo
SELEC Controls Pvt. Ltd
EM368 SELEC-EM368 Datasheet
554Kb / 2P
   Energy Meter
EM306 SELEC-EM306 Datasheet
67Kb / 1P
   Energy Meter
EM306A SELEC-EM306A Datasheet
406Kb / 1P
   Energy Meter
logo
List of Unclassifed Man...
EM10DIN ETC2-EM10DIN Datasheet
134Kb / 4P
   Energy Management Energy Meter
logo
Maxim Integrated Produc...
71M6541D_1111 MAXIM-71M6541D_1111 Datasheet
2Mb / 166P
   Energy Meter ICs
Rev 2; 11/11
logo
Teridian Semiconductor ...
71M6521DE TERIDIAN-71M6521DE Datasheet
1Mb / 101P
   Energy Meter IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com