Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL8483IP Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL8483IP
Description  5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL8483IP Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL8483IP Datasheet HTML 7Page - Intersil Corporation ISL8483IP Datasheet HTML 8Page - Intersil Corporation ISL8483IP Datasheet HTML 9Page - Intersil Corporation ISL8483IP Datasheet HTML 10Page - Intersil Corporation ISL8483IP Datasheet HTML 11Page - Intersil Corporation ISL8483IP Datasheet HTML 12Page - Intersil Corporation ISL8483IP Datasheet HTML 13Page - Intersil Corporation ISL8483IP Datasheet HTML 14Page - Intersil Corporation ISL8483IP Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
FIGURE 8. DRIVER OUTPUT CURRENT vs SHORT CIRCUIT
VOLTAGE
FIGURE 9. SUPPLY CURRENT vs TEMPERATURE
FIGURE 10. DRIVER PROPAGATION DELAY vs
TEMPERATURE (ISL8483, ISL8488, ISL8489)
FIGURE 11. DRIVER SKEW vs TEMPERATURE
(ISL8483, ISL8488, ISL8489)
FIGURE 12. DRIVER PROPAGATION DELAY vs
TEMPERATURE (ISL8485, ISL8490, ISL8491)
FIGURE 13. DRIVER SKEW vs TEMPERATURE
(ISL8485, ISL8490, ISL8491)
Typical Performance Curves VCC = 5V, TA = 25oC, ISL8483 thru ISL8491; Unless Otherwise Specified (Continued)
OUTPUT VOLTAGE (V)
-7 -6
-4
-2
0
2
4
6
8
10
12
-60
-40
-20
0
20
40
60
80
100
120
140
160
-80
-100
-120
Y OR Z = HIGH
Y OR Z = LOW
-40
0
50
85
TEMPERATURE (oC)
-25
25
75
100
200
300
400
500
600
150
250
350
450
550
ISL8485, DE = VCC, RE = X
ISL8485, DE = GND, RE = X
ISL8483, DE = GND, RE = GND; ISL8488/89, DE = RE = X
ISL8483, DE = VCC, RE = X
ISL8490/91, DE = RE = X
-40
0
50
85
TEMPERATURE (oC)
-25
25
75
500
600
700
800
900
1000
1100
1200
tPLHY
tPHLY
tPLHZ
tPHLZ
-40
0
50
85
TEMPERATURE (oC)
-25
25
75
0
100
200
300
400
|tPLHY - tPHLZ|
|tPHLY - tPLHZ|
|CROSS PT. OF Y
↑ & Z↓ - CROSS PT. OF Y↓ & Z↑|
-40
0
50
85
TEMPERATURE (oC)
-25
25
75
25
30
35
40
tPLHY
tPHLY
tPHLZ
tPLHZ
20
-40
0
50
85
TEMPERATURE (oC)
-25
25
75
1
1.5
2
2.5
3
|tPLHY - tPHLZ|
|tPHLY - tPLHZ|
|CROSSING PT. OF Y
↑ & Z↓ - CROSSING PT. OF Y↓ & Z↑|
ISL8483, ISL8485, ISL8488, ISL8489, ISL8490, ISL8491


Similar Part No. - ISL8483IP

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8483IP INTERSIL-ISL8483IP Datasheet
574Kb / 16P
   5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL8483IPZ INTERSIL-ISL8483IPZ Datasheet
574Kb / 16P
   5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL8483IPZ RENESAS-ISL8483IPZ Datasheet
913Kb / 18P
   5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
More results

Similar Description - ISL8483IP

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8483 INTERSIL-ISL8483_06 Datasheet
574Kb / 16P
   5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL8483 RENESAS-ISL8483 Datasheet
913Kb / 18P
   5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL83483 INTERSIL-ISL83483 Datasheet
536Kb / 17P
   3.3V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL83485IBZ-T INTERSIL-ISL83485IBZ-T Datasheet
548Kb / 17P
   3.3V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL83491IBZ-T INTERSIL-ISL83491IBZ-T Datasheet
548Kb / 17P
   3.3V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL83483 INTERSIL-ISL83483_04 Datasheet
541Kb / 17P
   3.3V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL83483 RENESAS-ISL83483 Datasheet
888Kb / 17P
   3.3V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
TECH PUBLIC Electronics...
MAX3485ESA TECHPUBLIC-MAX3485ESA Datasheet
3Mb / 9P
   Low-Power,Slew-Rate-Limited RS-485/RS-422 Transceivers
logo
Tiger Electronic Co.,Lt...
MAX485 TGS-MAX485 Datasheet
1Mb / 6P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
logo
Maxim Integrated Produc...
MAX1487CSA MAXIM-MAX1487CSA Datasheet
1Mb / 17P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 9; 9/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com