Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL8487 Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL8487
Description  1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL8487 Datasheet(HTML) 1 Page - Intersil Corporation

  ISL8487 Datasheet HTML 1Page - Intersil Corporation ISL8487 Datasheet HTML 2Page - Intersil Corporation ISL8487 Datasheet HTML 3Page - Intersil Corporation ISL8487 Datasheet HTML 4Page - Intersil Corporation ISL8487 Datasheet HTML 5Page - Intersil Corporation ISL8487 Datasheet HTML 6Page - Intersil Corporation ISL8487 Datasheet HTML 7Page - Intersil Corporation ISL8487 Datasheet HTML 8Page - Intersil Corporation ISL8487 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
®
FN6050.2
ISL8487, ISL81483, ISL81487
1/8 Unit Load, 5V, Low Power, High Speed
or Slew Rate Limited, RS-485/RS-422
Transceivers
These Intersil RS-485/RS-422 devices are “fractional” unit
load (UL), BiCMOS, 5V powered, single transceivers that
meet both the RS-485 and RS-422 standards for balanced
communication. Unlike competitive devices, this Intersil
family is specified for 10% tolerance supplies (4.5V to 5.5V).
The ISL81483 and ISL81487 present a 1/8 unit load to the
RS-485 bus, which allows up to 256 transceivers on the
network for large node count systems (e.g., process
automation, remote meter reading systems). The 1/4 UL
ISL8487 allows up to 128 transceivers on the bus. In a
remote utility meter reading system, individual (apartments
for example) utility meter readings are routed to a
concentrator via an RS-485 network, so the high allowed
node count minimizes the number of repeaters required to
network all the meters. Data for all meters is then read out
from the concentrator via a single access port, or a wireless
link.
Slew rate limited drivers on the ISL8487 and ISL81483
reduce EMI, and minimize reflections from improperly
terminated transmission lines, or unterminated stubs in
multidrop and multipoint applications. Data rates up to
250kbps are achievable with these devices.
Data rates up to 5Mbps are achievable by using the
ISL81487, which features higher slew rates.
Receiver (Rx) inputs feature a “fail-safe if open” design,
which ensures a logic high Rx output if Rx inputs are
floating.
Driver (Tx) outputs are short circuit protected, even for
voltages exceeding the power supply voltage. Additionally,
on-chip thermal shutdown circuitry disables the Tx outputs to
prevent damage if power dissipation becomes excessive.
These half duplex devices multiplex the Rx inputs and Tx
outputs to allow transceivers with Rx and Tx disable
functions in 8 lead packages.
Features
• Fractional Unit Load Allows up to 256 Devices on the Bus
• Specified for 10% Tolerance Supplies
• Class 3 ESD Protection (HBM) on all Pins. . . . . . . . >7kV
• High Data Rate Version (ISL81487). . . . . . . up to 5Mbps
• Slew Rate Limited Versions for Error Free Data
Transmission (ISL8487, ISL81483) . . . . . . .up to 250kbps
• Low Current Shutdown Mode (Except ISL81487) . . . 1nA
• Low Quiescent Supply Current:
- ISL8487, ISL81483. . . . . . . . . . . . . . . . . . 120µA (Max.)
- ISL81487 . . . . . . . . . . . . . . . . . . . . . . . . . 300µA (Max.)
• -7V to +12V Common Mode Input Voltage Range
• Three State Rx and Tx Outputs
• 30ns Propagation Delays, 5ns Skew (ISL81487)
• Half Duplex Pinouts
• Operate from a Single +5V Supply (10% Tolerance)
• Current Limiting and Thermal Shutdown for driver
Overload Protection
• Drop-In Replacements for: MAX487 (ISL8487); MAX1483
(ISL81483); MAX1487, LMS1487 (ISL81487)
Applications
• High Node Count Networks
• Automated Utility Meter Reading Systems
• Factory Automation
• Security Networks
• Building Environmental Control Systems
• Industrial/Process Control Networks
TABLE 1. SUMMARY OF FEATURES
PART
NUMBER
HALF/FULL
DUPLEX
NO. OF DEVICES
ALLOWED ON BUS
DATA RATE
(Mbps)
SLEW-RATE
LIMITED?
RECEIVER/
DRIVER ENABLE?
QUIESCENT
ICC (µA)
LOW POWER
SHUTDOWN?
PIN
COUNT
ISL8487
Half
128
0.25
Yes
Yes
100
Yes
8
ISL81483
Half
256
0.25
Yes
Yes
100
Yes
8
ISL81487
Half
256
5
No
Yes
250
No
8
Data Sheet
December 2003
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2003. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - ISL8487

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8487 INTERSIL-ISL8487 Datasheet
453Kb / 13P
   1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL8487 RENESAS-ISL8487 Datasheet
749Kb / 14P
   1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL8487E INTERSIL-ISL8487E Datasheet
527Kb / 14P
   짹15kV ESD Protected, 1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL8487E INTERSIL-ISL8487E Datasheet
527Kb / 14P
   짹15kV ESD Protected, 1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL8487E RENESAS-ISL8487E Datasheet
750Kb / 14P
   짹15kV ESD Protected, 1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
More results

Similar Description - ISL8487

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8487 INTERSIL-ISL8487_06 Datasheet
453Kb / 13P
   1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL8487 RENESAS-ISL8487 Datasheet
749Kb / 14P
   1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL8483 INTERSIL-ISL8483 Datasheet
507Kb / 16P
   5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL8483 INTERSIL-ISL8483_06 Datasheet
574Kb / 16P
   5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL8483 RENESAS-ISL8483 Datasheet
913Kb / 18P
   5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL8487E RENESAS-ISL8487E Datasheet
750Kb / 14P
   짹15kV ESD Protected, 1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL8487E INTERSIL-ISL8487E_06 Datasheet
527Kb / 14P
   짹15kV ESD Protected, 1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL8487E INTERSIL-ISL8487E Datasheet
527Kb / 14P
   짹15kV ESD Protected, 1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL83483 INTERSIL-ISL83483 Datasheet
536Kb / 17P
   3.3V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL83485IBZ-T INTERSIL-ISL83485IBZ-T Datasheet
548Kb / 17P
   3.3V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com