Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ISL84051 Datasheet(PDF) 6 Page - Intersil Corporation

Part No. ISL84051
Description  Low-Voltage, Single and Dual Supply, 8 to 1 Multiplexer, Dual 4 to 1 Multiplexer and a Triple SPDT Analog Switches
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

ISL84051 Datasheet(HTML) 6 Page - Intersil Corporation

Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
6
Electrical Specifications: 5V Supply
Test Conditions: V+ = +4.5V to +5.5V, V- = GND = 0V, VINH = 2.4V, VINL = 0.8V (Note 4),
Unless Otherwise Specified
PARAMETER
TEST CONDITIONS
TEMP
(oC)
MIN
(NOTE 5)
TYP
MAX
(NOTE 5)UNITS
ANALOG SWITCH CHARACTERISTICS
Analog Signal Range, VANALOG
Full
0
-
V+
V
ON Resistance, RON
V+ = 5V, ICOM = 1.0mA, VNO or VNC = 3.5V,
(See Figure 5)
25
-
125
225
Full
-
-
280
NO or NC OFF Leakage Current,
INO(OFF) or INC(OFF)
V+ = 5.5V, VCOM = 0V, 4.5V, VNO or VNC = 4.5V, 0V,
(Note 8)
25
-1
0.002
1
nA
Full
-10
-
10
nA
COM OFF Leakage Current,
ICOM(OFF), (ISL84051)
V+ = 5.5V, VCOM = 0V, 4.5V, VNO or VNC = 4.5V, 0V,
(Note 8)
25
-1
0.002
1
nA
Full
-10
-
10
nA
COM OFF Leakage Current,
ICOM(OFF), (ISL84052, ISL84053)
V+ = 5.5V, VCOM = 0V, 4.5V, VNO or VNC = 4.5V, 0V,
(Note 8)
25
-1
0.002
1
nA
Full
-5
-
5
nA
COM ON Leakage Current,
ICOM(ON)
V+ = 5.5V, VCOM = VNO or VNC = 4.5V, (Note 8)
25
-1
0.002
1
nA
Full
-10
-
10
nA
DIGITAL INPUT CHARACTERISTICS
Input Voltage High, VINH, VADDH
Full
2.4
-
-
V
Input Voltage Low, VINL, VADDL
Full
-
-
0.8
V
Input Current, IINH, IINL, IADDH,
IADDL
V+ = 5.5V, VINH, VADD = 0V or V+
Full
-1
0.03
1
µA
DYNAMIC CHARACTERISTICS
Inhibit Turn-ON Time, tON
V+ = 4.5V, VNO or VNC = 3V, RL = 300Ω, CL = 35pF,
VIN = 0 to 3V, (See Figure 1)
25
-
90
200
ns
Full
-
-
275
ns
Inhibit Turn-OFF Time, tOFF
V+ = 4.5V, VNO or VNC = 3V, RL = 300Ω, CL = 35pF,
VIN = 0 to 3V, (See Figure 1)
25
-
60
125
ns
Full
-
-
175
ns
Break-Before-Make Time, tBBM
V+ = 5.5V, VNO or VNC = 3V, RL = 300Ω, CL = 35pF,
VIN = 0 to 3V, (See Figure 3)
25
-
30
-
ns
Charge Injection, Q
CL = 1.0nF, VG = 0V, RG = 0Ω, (See Figure 2)
25
-
2
10
pC
OFF Isolation
RL = 50Ω, CL = 15pF, f = 100kHz,
VNO or VNC = 1VRMS, (See Figures 4 and 6)
25
-
<90
-
dB
Crosstalk, (Note 9) (ISL84052,
ISL840533 only)
25
-
<-90
-
dB
POWER SUPPLY CHARACTERISTICS
Power Supply Range
Full
2
-
12
V
Positive Supply Current, I+
V+ = 5.5V, V- = 0V, VINH, VADD = 0V or V+,
Switch On or Off
25
-1
-
1
µA
Full
-10
-
10
µA
ISL84051, ISL84052, ISL84053


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn