Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ISL84051 Datasheet(PDF) 4 Page - Intersil Corporation

Part No. ISL84051
Description  Low-Voltage, Single and Dual Supply, 8 to 1 Multiplexer, Dual 4 to 1 Multiplexer and a Triple SPDT Analog Switches
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

ISL84051 Datasheet(HTML) 4 Page - Intersil Corporation

 
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
4
Absolute Maximum Ratings
Thermal Information
V+ to V- . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to15V
V+ to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to15V
V- to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -15 to 0.3V
Input Voltages
INH, NO, NC, ADD (Note 2) . . . . . . . . . ((V-)-0.3) to ((V+) + 0.3V)
Output Voltages
COM (Note 2) . . . . . . . . . . . . . . . . . . . . ((V-)-0.3) to ((V+) + 0.3V)
Continuous Current (Any Terminal) . . . . . . . . . . . . . . . . . . . .
±30mA
Peak Current NO, NC, or COM
(Pulsed 1ms, 10% Duty Cycle, Max) . . . . . . . . . . . . . . . . . .
±100mA
ESD Rating
HBM (Per MIL-STD-883, Method 3015.7) . . . . . . . . . . . . . . >2kV
Thermal Resistance (Typical, Note 3)
θJA (oC/W)
16 Ld SOIC Package . . . . . . . . . . . . . . . . . . . . . . . .
115
16 Ld SSOP Package . . . . . . . . . . . . . . . . . . . . . . .
160
Maximum Junction Temperature (Plastic Package) . . . . . . . 150oC
Maximum Storage Temperature Range. . . . . . . . . . . . -65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . 300oC
(Lead Tips Only)
Operating Conditions
Temperature Range
ISL8405XIX . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40oC to 85oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
2. Signals on NC, NO, COM, ADD, or INH exceeding V+ or V- are clamped by internal diodes. Limit forward diode current to maximum current
ratings.
3.
θ
JA is measured with the component mounted on a low effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
Electrical Specifications:
±5V Supply Test Conditions: V
SUPPLY = ±4.5V to ±5.5V, GND = 0V, VINH = 2.4V, VINL = 0.8V (Note 4),
Unless Otherwise Specified
PARAMETER
TEST CONDITIONS
TEMP
(oC)
(NOTE 5)
MIN
TYP
(NOTE 5)
MAX
UNITS
ANALOG SWITCH CHARACTERISTICS
Analog Signal Range, VANALOG
Full
V-
-
V+
V
ON Resistance, RON
VS = ±5V, ICOM = 1mA, VNO or VNC = ±3V,
(See Figure 5)
25
-
60
100
Full
-
-
125
RON Matching Between Channels,
∆RON
VS = ±5V, ICOM = 1mA, VNO or VNC = ±3V, (Note 6)
25
-
-
6
Full
-
-
12
RON Flatness, RFLAT(ON)
VS = ±5V, ICOM = 1mA, VNO or VNC = ±3V, 0V,
(Note 7)
25
-
-
10
Full
-
-
15
NO or NC OFF Leakage Current,
INO(OFF) or INC(OFF)
VS = ±5.5V, VCOM = ±4.5V, VNO or VNC = +4.5V,
(Note 8)
25
-0.1
0.002
0.1
nA
Full
-5
-
5
nA
COM OFF Leakage Current,
ICOM(OFF), (ISL84051)
VS = ±5.5V, VCOM = ±4.5V, VNO or VNC = +4.5V,
(Note 8)
25
-0.1
0.002
0.1
nA
Full
-5
-
5
nA
COM OFF Leakage Current,
ICOM(OFF), (ISL84052, ISL84053)
VS = ±5.5V, VCOM = ±4.5V, VNO or VNC = +4.5V,
(Note 8)
25
-0.1
0.002
0.1
nA
Full
-2.5
-
2.5
nA
COM ON Leakage Current,
ICOM(ON), (ISL84051)
VS = ±5.5V, VCOM = VNO or VNC = ±4.5V,
(Note 8)
25
-0.1
0.002
0.1
nA
Full
-5
-
5
nA
COM ON Leakage Current,
ICOM(ON), (ISL84052, ISL84053)
VS = ±5.5V, VCOM = VNO or VNC = ±4.5V, (Note 8)
25
-0.1
0.002
0.1
nA
Full
-2.5
-
2.5
nA
DIGITAL INPUT CHARACTERISTICS
Input Voltage High, VINH, VADDH
Full
2.4
-
-
V
Input Voltage Low, VINL, VADDL
Full
-
-
0.8
V
Input Current, IINH, IINL, IADDH,
IADDL
VS = ±5.5V, VINH, VADD = 0V or V+
Full
-1
0.03
1
µA
ISL84051, ISL84052, ISL84053


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn