Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ISL8391 Datasheet(PDF) 2 Page - Intersil Corporation

Part No. ISL8391
Description  Low-Voltage, Single and Dual Supply, Quad SPST, Analog Switches
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

ISL8391 Datasheet(HTML) 2 Page - Intersil Corporation

 
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
Pinouts (Note 1)
ISL8391 (SOIC)
TOP VIEW
ISL8392 (SOIC)
TOP VIEW
ISL8393 (SOIC)
TOP VIEW
NOTE:
1. Switches Shown for Logic “0” Input.
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
IN1
COM1
NC1
V-
GND
NC4
IN4
COM4
IN2
NC2
V+
N.C.
NC3
COM3
IN3
COM2
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
IN1
COM1
NO1
V-
GND
NO4
IN4
COM4
IN2
NO2
V+
N.C.
NO3
COM3
IN3
COM2
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
IN1
COM1
NO1
V-
GND
NO4
IN4
COM4
IN2
NC2
V+
N.C.
NC3
COM3
IN3
COM2
Truth Table
LOGIC
ISL8391
ISL8392
ISL8393
SW 1, 2, 3, 4
SW 1, 2, 3, 4
SW 1, 4
SW 2, 3
0On
Off
Off
On
1
Off
On
On
Off
NOTE:
Logic “0”
≤ 0.8V. Logic “1” ≥ 2.4V.
Pin Descriptions
PIN
FUNCTION
V+
Positive Power Supply Input
V-
Negative Power Supply Input. Connect to GND for
Single Supply Configurations.
GND
Ground Connection
IN
Digital Control Input
COM
Analog Switch Common Pin
NO
Analog Switch Normally Open Pin
NC
Analog Switch Normally Closed Pin
N.C.
No Internal Connection
Ordering Information
PART NO.
(BRAND)
(NOTE 2)
TEMP.
RANGE (oC)
PACKAGE
PKG. DWG. #
ISL8391IB
-40 to 85
16 Ld SOIC (N)
M16.15
ISL8392IB
-40 to 85
16 Ld SOIC (N)
M16.15
ISL8393IB
-40 to 85
16 Ld SOIC (N)
M16.15
NOTES:
2. Most surface mount devices are available on tape and reel; add
“-T” to suffix.
ISL8391, ISL8392, ISL8393


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn