Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

ISL83387E Datasheet(PDF) 3 Page - Intersil Corporation

Part No. ISL83387E
Description  /-15kV ESD Protected,3#V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown and a Separate Logic Supply
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

ISL83387E Datasheet(HTML) 3 Page - Intersil Corporation

 
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
Typical Operating Circuit
23
VCC
T1OUT
T2OUT
T3OUT
T1IN
T2IN
T3IN
T1
T2
T3
0.1
µF
+
0.1
µF
+
0.1
µF
7
8
21
20
10
19
1
3
2
6
V+
V-
C1+
C1-
C2+
C2-
+
0.1
µF
4
5
R1OUT
R1IN
18
5k
R2OUT
R2IN
17
13
5k
R3OUT
R3IN
16
12
5k
14
C1
C2
+
C3
C4
FORCEON
FORCEOFF
11
GND
24
+3.3V
+
0.1
µF
22
VCC
TTL/CMOS
LOGIC LEVELS
RS-232
LEVELS
RS-232
LEVELS
R1
R2
R3
9
INVALID
TO POWER
CONTROL LOGIC
VL
15
LOGIC VCC
+
0.1
µF
ISL83387E


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ICL3224E_06+/-15kV ESD Protected +3V to +5.5V 1Microamp 250kbps RS-232 Transceivers with Enhanced Automatic Powerdown 1 2 3 4 5 MoreIntersil Corporation
ICL3225E_06±15kV ESD Protected +3V to +5.5V 1Microamp 1Mbps RS-232 Transceivers with Enhanced Automatic Powerdown 1 2 3 4 5 MoreIntersil Corporation
ISL83386E_04±15kV ESD Protected +3V to +5.5V 1 Microamp 250kbps RS-232 Transmitters/Receivers with Separate Logic Supply 1 2 3 4 5 MoreIntersil Corporation
ICL3224_061 Microamp +3V to +5.5V 250kbps RS-232 Transceivers with Enhanced Automatic Powerdown 1 2 3 4 5 MoreIntersil Corporation
ICL3225_061 Microamp +3V to +5.5V 1Mbps RS-232 Transceivers with Enhanced Automatic Powerdown 1 2 3 4 5 MoreIntersil Corporation
ISL8563E_04+/-15kV ESD Protected +3V to +5.5V 1Microamp 250kbps EIA/TIA-562 EIA/TIA-232 Transmitters/Receivers 1 2 3 4 5 MoreIntersil Corporation
ISL83220E_06±15kV ESD Protected +3V to +5.5V 1Microamp 250kbps RS-232 Transmitters/Receivers 1 2 3 4 5 MoreIntersil Corporation
ISL4221E_07QFN Packaged ±15kV ESD Protected +2.7V to +5.5V 150nA 250kBps RS-232 Transmitters/Receivers 1 2 3 4 5 MoreIntersil Corporation
5962-0620701Q3A±15kV ESD Protected +3.3V 1Microamp 250kbps RS-232 Transmitters/Receivers 1 2 3 4 5 MoreIntersil Corporation
5962-0620705Q3A±15kV ESD Protected +5.0V 1Microamp 250kbps RS-232 Transmitters/Receivers 1 2 3 4 5 MoreIntersil Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn