Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ISL83387E Datasheet(PDF) 2 Page - Intersil Corporation

Part No. ISL83387E
Description  /-15kV ESD Protected,3#V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown and a Separate Logic Supply
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL83387E Datasheet(HTML) 2 Page - Intersil Corporation

  ISL83387E Datasheet HTML 1Page - Intersil Corporation ISL83387E Datasheet HTML 2Page - Intersil Corporation ISL83387E Datasheet HTML 3Page - Intersil Corporation ISL83387E Datasheet HTML 4Page - Intersil Corporation ISL83387E Datasheet HTML 5Page - Intersil Corporation ISL83387E Datasheet HTML 6Page - Intersil Corporation ISL83387E Datasheet HTML 7Page - Intersil Corporation ISL83387E Datasheet HTML 8Page - Intersil Corporation ISL83387E Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
Pinout
ISL83387E (TSSOP)
TOP VIEW
C1+
V+
C1-
C2+
C2-
V-
T1IN
T2IN
INVALID
FORCEON
R3OUT
FORCEOFF
GND
T1OUT
T2OUT
T3OUT
R2IN
VL
R1OUT
R2OUT
VCC
R1IN
R3IN
24
23
22
21
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
9
10
11
12
T3IN
Pin Descriptions
PIN
FUNCTION
VCC
System power supply input (3.0V to 5.5V).
V+
Internally generated positive transmitter supply (+5.5V).
V-
Internally generated negative transmitter supply (-5.5V).
GND
Ground connection.
C1+
External capacitor (voltage doubler) is connected to this lead.
C1-
External capacitor (voltage doubler) is connected to this lead.
C2+
External capacitor (voltage inverter) is connected to this lead.
C2-
External capacitor (voltage inverter) is connected to this lead.
TIN
TTL/CMOS compatible transmitter Inputs. The switching point is a function of the VL voltage.
TOUT
±15kV ESD Protected, RS-232 level (nominally ±5.5V) transmitter outputs.
RIN
±15kV ESD Protected, RS-232 compatible receiver inputs.
ROUT
TTL/CMOS level receiver outputs. Swings between GND and VL.
VL
Logic-Level Supply. All TTL/CMOS inputs and outputs are powered by this supply.
INVALID
Active low output that indicates if no valid RS-232 levels are present on any receiver input. Swings between GND and VL.
FORCEOFF Active low to shut down transmitters and on-chip power supply. This overrides any automatic circuitry and FORCEON (see Table 2).
The switching point is a function of the VL voltage.
FORCEON
Active high input to override automatic powerdown circuitry thereby keeping transmitters active. (FORCEOFF must be high). The
switching point is a function of the VL voltage.
ISL83387E


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ICL3224E_06+/-15kV ESD Protected +3V to +5.5V 1Microamp 250kbps RS-232 Transceivers with Enhanced Automatic Powerdown 1 2 3 4 5 MoreIntersil Corporation
ICL3225E_06±15kV ESD Protected +3V to +5.5V 1Microamp 1Mbps RS-232 Transceivers with Enhanced Automatic Powerdown 1 2 3 4 5 MoreIntersil Corporation
ISL83386E_04±15kV ESD Protected +3V to +5.5V 1 Microamp 250kbps RS-232 Transmitters/Receivers with Separate Logic Supply 1 2 3 4 5 MoreIntersil Corporation
ICL3224_061 Microamp +3V to +5.5V 250kbps RS-232 Transceivers with Enhanced Automatic Powerdown 1 2 3 4 5 MoreIntersil Corporation
ICL3225_061 Microamp +3V to +5.5V 1Mbps RS-232 Transceivers with Enhanced Automatic Powerdown 1 2 3 4 5 MoreIntersil Corporation
ISL8563E_04+/-15kV ESD Protected +3V to +5.5V 1Microamp 250kbps EIA/TIA-562 EIA/TIA-232 Transmitters/Receivers 1 2 3 4 5 MoreIntersil Corporation
ISL83220E_06±15kV ESD Protected +3V to +5.5V 1Microamp 250kbps RS-232 Transmitters/Receivers 1 2 3 4 5 MoreIntersil Corporation
ISL4221E_07QFN Packaged ±15kV ESD Protected +2.7V to +5.5V 150nA 250kBps RS-232 Transmitters/Receivers 1 2 3 4 5 MoreIntersil Corporation
5962-0620701Q3A±15kV ESD Protected +3.3V 1Microamp 250kbps RS-232 Transmitters/Receivers 1 2 3 4 5 MoreIntersil Corporation
5962-0620705Q3A±15kV ESD Protected +5.0V 1Microamp 250kbps RS-232 Transmitters/Receivers 1 2 3 4 5 MoreIntersil Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn