Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL83387E Datasheet(PDF) 12 Page - Intersil Corporation

Part # ISL83387E
Description  /-15kV ESD Protected,3#V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown and a Separate Logic Supply
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL83387E Datasheet(HTML) 12 Page - Intersil Corporation

Back Button ISL83387E Datasheet HTML 5Page - Intersil Corporation ISL83387E Datasheet HTML 6Page - Intersil Corporation ISL83387E Datasheet HTML 7Page - Intersil Corporation ISL83387E Datasheet HTML 8Page - Intersil Corporation ISL83387E Datasheet HTML 9Page - Intersil Corporation ISL83387E Datasheet HTML 10Page - Intersil Corporation ISL83387E Datasheet HTML 11Page - Intersil Corporation ISL83387E Datasheet HTML 12Page - Intersil Corporation ISL83387E Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
12
Die Characteristics
SUBSTRATE POTENTIAL (POWERED UP)
GND
TRANSISTOR COUNT
ISL83387E: 1063
PROCESS
Si Gate CMOS
FIGURE 14. SUPPLY CURRENT vs LOAD CAPACITANCE
WHEN TRANSMITTING DATA
FIGURE 15. SUPPLY CURRENT vs SUPPLY VOLTAGE
FIGURE 16.VL SUPPLY CURRENT vs VL VOLTAGE
Typical Performance Curves V
CC = VL = 3.3V, TA = 25
oC (Continued)
10
15
20
25
30
45
35
40
0
1000
2000
3000
4000
5000
LOAD CAPACITANCE (pF)
20kbps
250kbps
120kbps
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
0
0.5
1.0
1.5
2.0
SUPPLY VOLTAGE (V)
2.5
3.0
3.5
NO LOAD
ALL OUTPUTS STATIC
VL (V)
NO LOAD
ALL OUTPUTS STATIC
2.0
3.0
3.5
4.0
4.5
5.0
5.5
6.0
2.5
6.5
7.0
1n
10n
100n
1
µ
10
µ
100
µ
10m
1m
VCC = 3.3V
VL ≤ VCC
VL > VCC
ISL83387E


Similar Part No. - ISL83387E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL83387E INTERSIL-ISL83387E Datasheet
315Kb / 13P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown and a Separate Logic Supply
logo
Renesas Technology Corp
ISL83387E RENESAS-ISL83387E Datasheet
608Kb / 13P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown and a Separate Logic Supply
logo
Intersil Corporation
ISL83387E INTERSIL-ISL83387E Datasheet
318Kb / 13P
   /-15kV ESD Protected, 3V to 5.5V,1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown and a Separate Logic Supply
July 8, 2005
ISL83387EIV INTERSIL-ISL83387EIV Datasheet
317Kb / 13P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown and a Separate Logic Supply
ISL83387EIV INTERSIL-ISL83387EIV Datasheet
315Kb / 13P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown and a Separate Logic Supply
More results

Similar Description - ISL83387E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL83387 INTERSIL-ISL83387 Datasheet
317Kb / 13P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown and a Separate Logic Supply
ISL83387E INTERSIL-ISL83387E_05 Datasheet
315Kb / 13P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown and a Separate Logic Supply
logo
Renesas Technology Corp
ISL83387E RENESAS-ISL83387E Datasheet
608Kb / 13P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown and a Separate Logic Supply
logo
Intersil Corporation
ISL83387EIV INTERSIL-ISL83387EIV Datasheet
318Kb / 13P
   /-15kV ESD Protected, 3V to 5.5V,1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown and a Separate Logic Supply
July 8, 2005
ICL3224E INTERSIL-ICL3224E Datasheet
458Kb / 19P
   15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
logo
Renesas Technology Corp
ICL3224E RENESAS-ICL3224E Datasheet
852Kb / 20P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
logo
Intersil Corporation
ICL3224E INTERSIL-ICL3224E_06 Datasheet
388Kb / 20P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
ICL3224ECAZ INTERSIL-ICL3224ECAZ Datasheet
405Kb / 20P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
February 27, 2006
ICL3227E INTERSIL-ICL3227E Datasheet
383Kb / 19P
   -15kV ESD Protected, 3V to 5.5V, 1Microamp, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown
ISL4270E INTERSIL-ISL4270E Datasheet
422Kb / 13P
   QFN Packaged, 짹15kV ESD Protected, 3V to 5.5V, 300nA, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown and a Separate Logic Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com