Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ISL83387E Datasheet(PDF) 5 Page - Intersil Corporation

Part No. ISL83387E
Description  /-15kV ESD Protected,3#V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown and a Separate Logic Supply
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL83387E Datasheet(HTML) 5 Page - Intersil Corporation

  ISL83387E Datasheet HTML 1Page - Intersil Corporation ISL83387E Datasheet HTML 2Page - Intersil Corporation ISL83387E Datasheet HTML 3Page - Intersil Corporation ISL83387E Datasheet HTML 4Page - Intersil Corporation ISL83387E Datasheet HTML 5Page - Intersil Corporation ISL83387E Datasheet HTML 6Page - Intersil Corporation ISL83387E Datasheet HTML 7Page - Intersil Corporation ISL83387E Datasheet HTML 8Page - Intersil Corporation ISL83387E Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
TRANSMITTER OUTPUTS
Output Voltage Swing
All Transmitter Outputs Loaded with 3k
Ω to Ground
Full
±5.0
±5.4
-
V
Output Resistance
VCC = V+= V-= 0V, Transmitter Output= ±2V
Full
300
10M
-
Output Short-Circuit Current
VOUT = 0V
Full
-
±35
±60
mA
Output Leakage Current
VOUT = ±12V, VCC = 0V or 3V to 5.5V
Automatic Powerdown or FORCEOFF = GND
Full
-
-
±25
µA
ENHANCED AUTOMATIC POWERDOWN (FORCEON = GND, FORCEOFF = VCC)
Receiver Input Thresholds to
INVALID High
See Figure 4
Full
-2.7
-
2.7
V
Receiver Input Thresholds to
INVALID Low
See Figure 4
Full
-0.3
-
0.3
V
INVALID Output Voltage Low
IOUT = 1.6mA
Full
-
-
0.4
V
INVALID Output Voltage High
IOUT = -1.0mA
Full
VL - 0.6
-
-
V
Receiver Positive or Negative
Threshold to INVALID High Delay
(tINVH)
See Figure 7
25
-
1
-
µs
Receiver Positive or Negative
Threshold to INVALID Low Delay
(tINVL)
See Figure 7
25
-
30
-
µs
Receiver or Transmitter Edge to
Transmitters Enabled Delay (tWU)
Note 2, See Figure 7
25
-
100
-
µs
Receiver or Transmitter Edge to
Transmitters Disabled Delay
(tAUTOPWDN)
Note 2, See Figure 7
Full
15
30
60
sec
TIMING CHARACTERISTICS
Maximum Data Rate
RL = 3kΩ, CL = 1000pF, One Transmitter Switching
Full
250
500
-
kbps
Receiver Propagation Delay
Receiver Input to Receiver
Output, CL = 150pF
tPHL
25
-
0.15
-
µs
tPLH
25
-
0.15
-
µs
Time to Exit Powerdown
TX | VOUT | ≥ 3.7V
25
-
100
-
µs
Transmitter Skew
tPHL - tPLH
25
-
100
-
ns
Receiver Skew
tPHL - tPLH
25
-
50
-
ns
Transition Region Slew Rate
VCC = 3.3V,
RL = 3kΩ to 7kΩ,
Measured From 3V to -3V or -3V
to 3V
CL = 150pF to 1000pF
25
6
18
30
V/
µs
CL = 150pF to 2500pF
25
4
13
30
V/
µs
ESD PERFORMANCE
RS-232 Pins (TOUT, RIN)
Human Body Model
25
-
±15
-
kV
IEC61000-4-2 Air Gap Discharge
25
-
±15
-
kV
IEC61000-4-2 Contact Discharge
25
-
±8
-
kV
NOTE:
2. An “edge” is defined as a transition through the transmitter or receiver input thresholds.
Electrical Specifications
Test Conditions: VCC = 3V to 5.5V, C1 - C4 = 0.1µF, VL = VCC; Unless Otherwise Specified.
Typicals are at TA = 25
oC, V
CC = VL = 3.3V (Continued)
PARAMETER
TEST CONDITIONS
TEMP
(oC)
MIN
TYP
MAX
UNITS
ISL83387E


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ICL3224E_06+/-15kV ESD Protected +3V to +5.5V 1Microamp 250kbps RS-232 Transceivers with Enhanced Automatic Powerdown 1 2 3 4 5 MoreIntersil Corporation
ICL3225E_06±15kV ESD Protected +3V to +5.5V 1Microamp 1Mbps RS-232 Transceivers with Enhanced Automatic Powerdown 1 2 3 4 5 MoreIntersil Corporation
ISL83386E_04±15kV ESD Protected +3V to +5.5V 1 Microamp 250kbps RS-232 Transmitters/Receivers with Separate Logic Supply 1 2 3 4 5 MoreIntersil Corporation
ICL3224_061 Microamp +3V to +5.5V 250kbps RS-232 Transceivers with Enhanced Automatic Powerdown 1 2 3 4 5 MoreIntersil Corporation
ICL3225_061 Microamp +3V to +5.5V 1Mbps RS-232 Transceivers with Enhanced Automatic Powerdown 1 2 3 4 5 MoreIntersil Corporation
ISL8563E_04+/-15kV ESD Protected +3V to +5.5V 1Microamp 250kbps EIA/TIA-562 EIA/TIA-232 Transmitters/Receivers 1 2 3 4 5 MoreIntersil Corporation
ISL83220E_06±15kV ESD Protected +3V to +5.5V 1Microamp 250kbps RS-232 Transmitters/Receivers 1 2 3 4 5 MoreIntersil Corporation
ISL4221E_07QFN Packaged ±15kV ESD Protected +2.7V to +5.5V 150nA 250kBps RS-232 Transmitters/Receivers 1 2 3 4 5 MoreIntersil Corporation
5962-0620701Q3A±15kV ESD Protected +3.3V 1Microamp 250kbps RS-232 Transmitters/Receivers 1 2 3 4 5 MoreIntersil Corporation
5962-0620705Q3A±15kV ESD Protected +5.0V 1Microamp 250kbps RS-232 Transmitters/Receivers 1 2 3 4 5 MoreIntersil Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn