Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ISL83387E Datasheet(PDF) 4 Page - Intersil Corporation

Part No. ISL83387E
Description  /-15kV ESD Protected,3#V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown and a Separate Logic Supply
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL83387E Datasheet(HTML) 4 Page - Intersil Corporation

  ISL83387E Datasheet HTML 1Page - Intersil Corporation ISL83387E Datasheet HTML 2Page - Intersil Corporation ISL83387E Datasheet HTML 3Page - Intersil Corporation ISL83387E Datasheet HTML 4Page - Intersil Corporation ISL83387E Datasheet HTML 5Page - Intersil Corporation ISL83387E Datasheet HTML 6Page - Intersil Corporation ISL83387E Datasheet HTML 7Page - Intersil Corporation ISL83387E Datasheet HTML 8Page - Intersil Corporation ISL83387E Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
Absolute Maximum Ratings
Thermal Information
VCC to Ground . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 6V
VL to Ground . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 7V
V+ to Ground . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 7V
V- to Ground . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +0.3V to -7V
V+ to V- . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14V
Input Voltages
TIN, FORCEON, FORCEOFF . . . . . . . . . . . . . . . . . . -0.3V to 6V
RIN . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±25V
Output Voltages
TOUT . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±13.2V
ROUT, INVALID . . . . . . . . . . . . . . . . . . . . . . . -0.3V to (VL +0.3V)
Short Circuit Duration
TOUT . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Continuous
ESD Rating . . . . . . . . . . . . . . . . . . . . . . . . . See Specification Table
Thermal Resistance (Typical, Note 1)
θ
JA (
oC/W)
24 Ld TSSOP Package . . . . . . . . . . . . . . . . . . . . . .
140
Moisture Sensitivity (see Technical Brief TB363)
TSSOP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Level 1
Maximum Junction Temperature (Plastic Package) . . . . . . . 150oC
Maximum Storage Temperature Range . . . . . . . . . -65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . 300oC
(Lead Tips Only)
Operating Conditions
Temperature Range
ISL83387EIV . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40oC to 85oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1.
θJA is measured with the component mounted on a low effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
Electrical Specifications
Test Conditions: VCC = 3V to 5.5V, C1 - C4 = 0.1µF, VL = VCC; Unless Otherwise Specified.
Typicals are at TA = 25
oC, V
CC = VL = 3.3V
PARAMETER
TEST CONDITIONS
TEMP
(oC)
MIN
TYP
MAX
UNITS
DC CHARACTERISTICS
Supply Current, Automatic
Powerdown
All RIN Open, FORCEON= GND, FORCEOFF =VCC
25
-
1
10
µA
Supply Current, Powerdown
FORCEOFF = GND
25
-
1
10
µA
Supply Current,
Automatic Powerdown Disabled
All Outputs Unloaded, FORCEON= FORCEOFF =VCC,
VCC = 3.15V
25
-
0.3
1
mA
LOGIC AND TRANSMITTER INPUTS
Input Logic Threshold Low
TIN, FORCEON, FORCEOFF
VL = 3.3V or 5V
Full
-
-
0.8
V
VL = 2.5V
Full
-
-
0.6
V
Input Logic Threshold High
TIN, FORCEON, FORCEOFF
VL = 5V
Full
2.4
-
-
V
VL = 3.3V
Full
2.0
-
-
V
VL = 2.5V
Full
1.4
-
-
V
VL = 1.8V
25
-
0.9
-
V
Transmitter Input Hysteresis
25
-
0.5
-
V
Input Leakage Current
TIN, FORCEON, FORCEOFF
Full
-
±0.01
±1.0
µA
RECEIVER OUTPUTS
Output Voltage Low
IOUT = 1.6mA
Full
-
-
0.4
V
Output Voltage High
IOUT = -1.0mA
Full
VL - 0.6
VL - 0.1
-
V
RECEIVER INPUTS
Input Voltage Range
Full
-25
-
25
V
Input Threshold Low
VCC = VL = 5.0V
25
0.8
1.5
-
V
VCC = VL = 3.3V
25
0.6
1.2
-
V
Input Threshold High
VCC = VL = 5.0V
25
-
1.8
2.4
V
VCC = VL = 3.3V
25
-
1.5
2.4
V
Input Hysteresis
25
-
0.5
-
V
Input Resistance
25
3
5
7
k
ISL83387E


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ICL3224E_06+/-15kV ESD Protected +3V to +5.5V 1Microamp 250kbps RS-232 Transceivers with Enhanced Automatic Powerdown 1 2 3 4 5 MoreIntersil Corporation
ICL3225E_06±15kV ESD Protected +3V to +5.5V 1Microamp 1Mbps RS-232 Transceivers with Enhanced Automatic Powerdown 1 2 3 4 5 MoreIntersil Corporation
ISL83386E_04±15kV ESD Protected +3V to +5.5V 1 Microamp 250kbps RS-232 Transmitters/Receivers with Separate Logic Supply 1 2 3 4 5 MoreIntersil Corporation
ICL3224_061 Microamp +3V to +5.5V 250kbps RS-232 Transceivers with Enhanced Automatic Powerdown 1 2 3 4 5 MoreIntersil Corporation
ICL3225_061 Microamp +3V to +5.5V 1Mbps RS-232 Transceivers with Enhanced Automatic Powerdown 1 2 3 4 5 MoreIntersil Corporation
ISL8563E_04+/-15kV ESD Protected +3V to +5.5V 1Microamp 250kbps EIA/TIA-562 EIA/TIA-232 Transmitters/Receivers 1 2 3 4 5 MoreIntersil Corporation
ISL83220E_06±15kV ESD Protected +3V to +5.5V 1Microamp 250kbps RS-232 Transmitters/Receivers 1 2 3 4 5 MoreIntersil Corporation
ISL4221E_07QFN Packaged ±15kV ESD Protected +2.7V to +5.5V 150nA 250kBps RS-232 Transmitters/Receivers 1 2 3 4 5 MoreIntersil Corporation
5962-0620701Q3A±15kV ESD Protected +3.3V 1Microamp 250kbps RS-232 Transmitters/Receivers 1 2 3 4 5 MoreIntersil Corporation
5962-0620705Q3A±15kV ESD Protected +5.0V 1Microamp 250kbps RS-232 Transmitters/Receivers 1 2 3 4 5 MoreIntersil Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn