Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL83386EIV Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL83386EIV
Description  짹15kV ESD Protected, 3V to 5.5V, 1 Microamp, 250kbps, RS-232 Transmitters/Receivers with Separate Logic Supply
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL83386EIV Datasheet(HTML) 1 Page - Intersil Corporation

  ISL83386EIV Datasheet HTML 1Page - Intersil Corporation ISL83386EIV Datasheet HTML 2Page - Intersil Corporation ISL83386EIV Datasheet HTML 3Page - Intersil Corporation ISL83386EIV Datasheet HTML 4Page - Intersil Corporation ISL83386EIV Datasheet HTML 5Page - Intersil Corporation ISL83386EIV Datasheet HTML 6Page - Intersil Corporation ISL83386EIV Datasheet HTML 7Page - Intersil Corporation ISL83386EIV Datasheet HTML 8Page - Intersil Corporation ISL83386EIV Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
®
FN6034
ISL83386E
±15kV ESD Protected, +3V to +5.5V,
1 Microamp, 250kbps, RS-232
Transmitters/Receivers with Separate
Logic Supply
The ISL83386E contains 3.0V to 5.5V powered RS-232
transmitters/receivers which meet ElA/TIA-232 and
V.28/V.24 specifications, even at VCC = 3.0V. Targeted
applications are PDAs, Palmtops, and cell phones where the
low operational, and even lower standby, power consumption
is critical. Efficient on-chip charge pumps, coupled with a
manual powerdown function reduces the standby supply
current to a 1
µA trickle. Small footprint packaging, and the
use of small, low value capacitors ensure board space
savings as well. Data rates greater than 250kbps are
guaranteed at worst case load conditions.
The ISL83386E features a VL pin that adjusts the logic pin
(see Pin Descriptions table) output levels and input
thresholds to values compatible with the VCC powering the
external logic (e.g., a UART).
The single pin powerdown function (SHDN = 0) disables all
the receiver and transmitter outputs, while shutting down the
charge pump to minimize supply current drain.
Table 1 summarizes the features of the ISL83386E, while
Application Note AN9863 summarizes the features of each
device comprising the 3V RS-232 family.
Features
•VL Pin for Compatibility with Mixed Voltage Systems
• ESD Protection for RS-232 I/O Pins to ±15kV (IEC61000)
• Low Power, Pin Compatible Upgrade for MAX3386E and
SP3203E
• Single SHDN Pin Disables Transmitters and Receivers
• Meets EIA/TIA-232 and V.28/V.24 Specifications at 3V
• On-Chip Charge Pumps Require Only Four External
0.1
µF Capacitors
• Receiver Hysteresis For Improved Noise Immunity
• Very Low Supply Current . . . . . . . . . . . . . . . . . . . . 300
µA
• Guaranteed Minimum Data Rate . . . . . . . . . . . . . 250kbps
• Wide Power Supply Range. . . . . . . . Single +3V to +5.5V
• Low Supply Current in Powerdown State . . . . . . . . . < 1
µA
Applications
• Any System Requiring RS-232 Communication Ports
- Battery Powered, Hand-Held, and Portable Equipment
- Laptop Computers, Notebooks, Palmtops
- Digital Cameras
- PDA’s and PDA Cradles
- Cellular/Mobile Phones
Ordering Information
PART
NUMBER
(BRAND)
TEMP.
RANGE (oC)
PACKAGE
PKG. NO.
ISL83386EIV
(83386EIV)
-40 to 85
20 Ld TSSOP
M20.173
ISL83386EIV-T
(83386EIV)
-40 to 85
Tape and Reel
M20.173
TABLE 1. SUMMARY OF FEATURES
PART
NUMBER
NO. OF
Tx.
NO. OF
Rx.
DATA RATE
(kbps)
Rx. ENABLE
FUNCTION?
VL LOGIC
SUPPLY PIN?
MANUAL
POWER- DOWN?
AUTOMATIC
POWERDOWN FUNCTION?
ISL83386E
3
2
250
NO
YES
YES
NO
Data Sheet
January 2003
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2003. All Rights Reserved


Similar Part No. - ISL83386EIV

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL83386EIV INTERSIL-ISL83386EIV Datasheet
271Kb / 10P
   짹15kV ESD Protected, 3V to 5.5V, 1 Microamp, 250kbps, RS-232 Transmitters/Receivers with Separate Logic Supply
ISL83386EIV-T INTERSIL-ISL83386EIV-T Datasheet
271Kb / 10P
   짹15kV ESD Protected, 3V to 5.5V, 1 Microamp, 250kbps, RS-232 Transmitters/Receivers with Separate Logic Supply
ISL83386EIVZ INTERSIL-ISL83386EIVZ Datasheet
271Kb / 10P
   짹15kV ESD Protected, 3V to 5.5V, 1 Microamp, 250kbps, RS-232 Transmitters/Receivers with Separate Logic Supply
logo
Renesas Technology Corp
ISL83386EIVZ RENESAS-ISL83386EIVZ Datasheet
354Kb / 16P
   ±15kV ESD Protected, 3V to 5.5V, 1μA, 250kbps, RS-232 Transmitters/Receivers with Separate Logic Supply
Apr.19.19
logo
Intersil Corporation
ISL83386EIVZ-T INTERSIL-ISL83386EIVZ-T Datasheet
271Kb / 10P
   짹15kV ESD Protected, 3V to 5.5V, 1 Microamp, 250kbps, RS-232 Transmitters/Receivers with Separate Logic Supply
More results

Similar Description - ISL83386EIV

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL83386E INTERSIL-ISL83386E_04 Datasheet
271Kb / 10P
   짹15kV ESD Protected, 3V to 5.5V, 1 Microamp, 250kbps, RS-232 Transmitters/Receivers with Separate Logic Supply
ISL83385E INTERSIL-ISL83385E_05 Datasheet
275Kb / 11P
   짹15kV ESD Protected, 3V to 5.5V, 1 Microamp, 250kbps, RS-232 Transmitters/Receivers
ISL83385E INTERSIL-ISL83385E Datasheet
94Kb / 11P
   15kV ESD Protected, 3V to 5.5V, /-1 Microamp, 250kbps, RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
ISL83385E RENESAS-ISL83385E Datasheet
604Kb / 11P
   ±15kV ESD Protected, 3V to 5.5V, 1 Microamp, 250kbps, RS-232 Transmitters/Receivers
January 16, 2005
logo
Intersil Corporation
ISL4260E INTERSIL-ISL4260E Datasheet
341Kb / 11P
   QFN Packaged, 짹15kV ESD Protected, 3V to 5.5V, 150nA, 250kbps, RS-232 Transmitters/Receivers with Separate Logic Supply
logo
Renesas Technology Corp
ISL4260E RENESAS-ISL4260E Datasheet
599Kb / 11P
   QFN Packaged, 짹15kV ESD Protected, 3V to 5.5V, 150nA, 250kbps, RS-232 Transmitters/Receivers with Separate Logic Supply
ISL83386E RENESAS-ISL83386E Datasheet
354Kb / 16P
   ±15kV ESD Protected, 3V to 5.5V, 1μA, 250kbps, RS-232 Transmitters/Receivers with Separate Logic Supply
Apr.19.19
logo
Intersil Corporation
ISL83220E INTERSIL-ISL83220E_06 Datasheet
194Kb / 10P
   짹15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
ISL83220E RENESAS-ISL83220E Datasheet
511Kb / 10P
   짹15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
logo
Intersil Corporation
ISL83239E INTERSIL-ISL83239E Datasheet
567Kb / 12P
   짹15kV ESD Protected, 10nA Supply- Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com