Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL83239EIA-T Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL83239EIA-T
Description  짹15kV ESD Protected, 10nA Supply- Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL83239EIA-T Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL83239EIA-T Datasheet HTML 4Page - Intersil Corporation ISL83239EIA-T Datasheet HTML 5Page - Intersil Corporation ISL83239EIA-T Datasheet HTML 6Page - Intersil Corporation ISL83239EIA-T Datasheet HTML 7Page - Intersil Corporation ISL83239EIA-T Datasheet HTML 8Page - Intersil Corporation ISL83239EIA-T Datasheet HTML 9Page - Intersil Corporation ISL83239EIA-T Datasheet HTML 10Page - Intersil Corporation ISL83239EIA-T Datasheet HTML 11Page - Intersil Corporation ISL83239EIA-T Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
Shrink Small Outline Plastic Packages (SSOP)
NOTES:
4. Symbols are defined in the “MO Series Symbol List” in Section 2.2
of Publication Number 95.
5. Dimensioning and tolerancing per ANSI Y14.5M-1982.
6. Dimension “D” does not include mold flash, protrusions or gate
burrs. Mold flash, protrusion and gate burrs shall not exceed
0.20mm (0.0078 inch) per side.
7. Dimension “E” does not include interlead flash or protrusions. Inter-
lead flash and protrusions shall not exceed 0.20mm (0.0078 inch)
per side.
8. The chamfer on the body is optional. If it is not present, a visual in-
dex feature must be located within the crosshatched area.
9. “L” is the length of terminal for soldering to a substrate.
10. “N” is the number of terminal positions.
11. Terminal numbers are shown for reference only.
12. Dimension “B” does not include dambar protrusion. Allowable
dambar protrusion shall be 0.13mm (0.005 inch) total in excess of
“B” dimension at maximum material condition.
13. Controlling dimension: MILLIMETER. Converted inch dimensions
are not necessarily exact.
INDEX
AREA
E
D
N
12
3
-B-
0.25(0.010)
C A
M
BS
e
-A-
L
B
M
-C-
A1
A
SEATING PLANE
0.10(0.004)
C
H
µ
0.25(0.010)
B
M
M
α
0.25
0.010
GAUGE
PLANE
A2
M28.209 (JEDEC MO-150-AH ISSUE B)
28 LEAD SHRINK SMALL OUTLINE PLASTIC PACKAGE
SYMBOL
INCHES
MILLIMETERS
NOTES
MIN
MAX
MIN
MAX
A
-
0.078
-
2.00
-
A1
0.002
-
0.05
-
-
A2
0.065
0.072
1.65
1.85
-
B
0.009
0.014
0.22
0.38
9
C
0.004
0.009
0.09
0.25
-
D
0.390
0.413
9.90
10.50
3
E
0.197
0.220
5.00
5.60
4
e
0.026 BSC
0.65 BSC
-
H
0.292
0.322
7.40
8.20
-
L
0.022
0.037
0.55
0.95
6
N28
28
7
α
0o
8o
0o
8o
-
Rev. 1 3/95
ISL83239E


Similar Part No. - ISL83239EIA-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL83239EIA-T INTERSIL-ISL83239EIA-T Datasheet
343Kb / 11P
   짹15kV ESD Protected, 10nA Supply- Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
ISL83239EIA-T RENESAS-ISL83239EIA-T Datasheet
602Kb / 11P
   ±15kV ESD Protected, 10nA Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
June 2004
More results

Similar Description - ISL83239EIA-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL83239E INTERSIL-ISL83239E_04 Datasheet
343Kb / 11P
   짹15kV ESD Protected, 10nA Supply- Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
ISL83239E RENESAS-ISL83239E Datasheet
602Kb / 11P
   ±15kV ESD Protected, 10nA Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
June 2004
ICL3237E RENESAS-ICL3237E Datasheet
571Kb / 12P
   짹15kV ESD Protected, 10nA Supply-Current, 3V to 5.5V, 250k/1Mbps, RS-232 Transmitters/Receivers
logo
Intersil Corporation
ISL83220E INTERSIL-ISL83220E_06 Datasheet
194Kb / 10P
   짹15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
ISL83220E RENESAS-ISL83220E Datasheet
511Kb / 10P
   짹15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
logo
Intersil Corporation
ISL83385E INTERSIL-ISL83385E_05 Datasheet
275Kb / 11P
   짹15kV ESD Protected, 3V to 5.5V, 1 Microamp, 250kbps, RS-232 Transmitters/Receivers
ICL3241EIA INTERSIL-ICL3241EIA Datasheet
699Kb / 33P
   짹15kV ESD Protected, 3V to 5.5V, 1關A, 250kbps, RS-232 Transmitters/Receivers
ICL3221E INTERSIL-ICL3221E Datasheet
699Kb / 33P
   짹15kV ESD Protected, 3V to 5.5V, 1關A, 250kbps, RS-232 Transmitters/Receivers
ICL3243EIA INTERSIL-ICL3243EIA Datasheet
699Kb / 33P
   짹15kV ESD Protected, 3V to 5.5V, 1關A, 250kbps, RS-232 Transmitters/Receivers
ICL3243ECVZ-T INTERSIL-ICL3243ECVZ-T Datasheet
699Kb / 33P
   짹15kV ESD Protected, 3V to 5.5V, 1關A, 250kbps, RS-232 Transmitters/Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com