Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6844 Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL6844
Description  Improved Industry Standard Single Ended Current Mode PWM Controller
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6844 Datasheet(HTML) 9 Page - Intersil Corporation

  ISL6844 Datasheet HTML 1Page - Intersil Corporation ISL6844 Datasheet HTML 2Page - Intersil Corporation ISL6844 Datasheet HTML 3Page - Intersil Corporation ISL6844 Datasheet HTML 4Page - Intersil Corporation ISL6844 Datasheet HTML 5Page - Intersil Corporation ISL6844 Datasheet HTML 6Page - Intersil Corporation ISL6844 Datasheet HTML 7Page - Intersil Corporation ISL6844 Datasheet HTML 8Page - Intersil Corporation ISL6844 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
9
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems.
Intersil Corporation’s quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
ISL6842, ISL6843, ISL6844, ISL6845
Mini Small Outline Plastic Packages (MSOP)
NOTES:
1. These package dimensions are within allowable dimensions of
JEDEC MO-187BA.
2. Dimensioning and tolerancing per ANSI Y14.5M-1994.
3. Dimension “D” does not include mold flash, protrusions or gate
burrs and are measured at Datum Plane. Mold flash, protrusion
and gate burrs shall not exceed 0.15mm (0.006 inch) per side.
4. Dimension “E1” does not include interlead flash or protrusions
and are measured at Datum Plane.
Interlead flash and
protrusions shall not exceed 0.15mm (0.006 inch) per side.
5. Formed leads shall be planar with respect to one another within
0.10mm (0.004) at seating Plane.
6. “L” is the length of terminal for soldering to a substrate.
7. “N” is the number of terminal positions.
8. Terminal numbers are shown for reference only.
9. Dimension “b” does not include dambar protrusion. Allowable
dambar protrusion shall be 0.08mm (0.003 inch) total in excess
of “b” dimension at maximum material condition. Minimum space
between protrusion and adjacent lead is 0.07mm (0.0027 inch).
10. Datums
and
to be determined at Datum plane
.
11. Controlling dimension: MILLIMETER. Converted inch dimen-
sions are for reference only.
L
0.25
(0.010)
L1
R1
R
4X
θ
4X
θ
GAUGE
PLANE
SEATING
PLANE
E
E1
N
12
TOP VIEW
INDEX
AREA
-C-
-B-
0.20 (0.008)
A
B C
SEATING
PLANE
0.20 (0.008)
C
0.10 (0.004)
C
-A-
-H-
SIDE VIEW
b
e
D
A
A1
A2
-B-
END VIEW
0.20 (0.008)
C
D
E1
CL
C
a
- H -
-A -
- B -
- H -
M8.118 (JEDEC MO-187AA)
8 LEAD MINI SMALL OUTLINE PLASTIC PACKAGE
SYMBOL
INCHES
MILLIMETERS
NOTES
MIN
MAX
MIN
MAX
A
0.037
0.043
0.94
1.10
-
A1
0.002
0.006
0.05
0.15
-
A2
0.030
0.037
0.75
0.95
-
b
0.010
0.014
0.25
0.36
9
c
0.004
0.008
0.09
0.20
-
D
0.116
0.120
2.95
3.05
3
E1
0.116
0.120
2.95
3.05
4
e
0.026 BSC
0.65 BSC
-
E
0.187
0.199
4.75
5.05
-
L
0.016
0.028
0.40
0.70
6
L1
0.037 REF
0.95 REF
-
N8
8
7
R
0.003
-
0.07
-
-
R1
0.003
-
0.07
-
-
05o
15o
5o
15o
-
α
0o
6o
0o
6o
-
Rev. 2 01/03


Similar Part No. - ISL6844

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6844 INTERSIL-ISL6844 Datasheet
278Kb / 12P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
ISL6844 INTERSIL-ISL6844 Datasheet
287Kb / 12P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
ISL6844 INTERSIL-ISL6844 Datasheet
531Kb / 10P
   ISL6844 Reference Design: ISL6844EVAL3Z
ISL6844 INTERSIL-ISL6844 Datasheet
391Kb / 13P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
ISL6844 INTERSIL-ISL6844 Datasheet
391Kb / 13P
   Improved Industry Standard Single-Ended
More results

Similar Description - ISL6844

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6840 INTERSIL-ISL6840_07 Datasheet
278Kb / 12P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
ISL6840IRZ-T INTERSIL-ISL6840IRZ-T Datasheet
372Kb / 14P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
September 29, 2015
ISL6843CBZ-T INTERSIL-ISL6843CBZ-T Datasheet
391Kb / 13P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
ISL6843IBZ-T INTERSIL-ISL6843IBZ-T Datasheet
391Kb / 13P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
ISL78215 INTERSIL-ISL78215 Datasheet
231Kb / 11P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
ISL6840 INTERSIL-ISL6840 Datasheet
287Kb / 12P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
logo
Renesas Technology Corp
ISL6840 RENESAS-ISL6840 Datasheet
683Kb / 14P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
logo
Intersil Corporation
ISL6843IUZ-T INTERSIL-ISL6843IUZ-T Datasheet
391Kb / 13P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
ISL6840IUZ-T INTERSIL-ISL6840IUZ-T Datasheet
391Kb / 13P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
February 23, 2012
logo
Renesas Technology Corp
ISL78215 RENESAS-ISL78215 Datasheet
578Kb / 11P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com