Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL81485IU-T Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL81485IU-T
Description  5V, 30Mbps, RS-485/RS-422 Transceiver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL81485IU-T Datasheet(HTML) 1 Page - Intersil Corporation

  ISL81485IU-T Datasheet HTML 1Page - Intersil Corporation ISL81485IU-T Datasheet HTML 2Page - Intersil Corporation ISL81485IU-T Datasheet HTML 3Page - Intersil Corporation ISL81485IU-T Datasheet HTML 4Page - Intersil Corporation ISL81485IU-T Datasheet HTML 5Page - Intersil Corporation ISL81485IU-T Datasheet HTML 6Page - Intersil Corporation ISL81485IU-T Datasheet HTML 7Page - Intersil Corporation ISL81485IU-T Datasheet HTML 8Page - Intersil Corporation ISL81485IU-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
®
FN6061
ISL81485
5V, 30Mbps, RS-485/RS-422 Transceiver
The Intersil ISL81485 is a BiCMOS, 5V powered, single
transceiver that meets both the RS-485 and RS-422
standards for balanced communication, and features a
larger output voltage and higher data rate to benefit high
speed applications.
Unlike competitive devices, this Intersil transceiver is
specified for 10% tolerance supplies (4.5V to 5.5V), and it
delivers a much larger worst case differential output voltage
(2.0V compared to the typical 1.5V) over the full supply
range. The increased output voltage translates into longer
reach, or better data integrity, at the 30Mbps data rate.
This device presents a “1 unit load” to the RS-485 bus,
which allows up to 32 transceivers on the network.
Receiver (Rx) inputs feature a “fail-safe if open” design,
which ensures a logic high Rx output if Rx inputs are
floating.
Driver (Tx) outputs are short circuit protected, even for
voltages exceeding the power supply voltage. Additionally,
on-chip thermal shutdown circuitry disables the Tx outputs to
prevent damage if power dissipation becomes excessive.
Features
• Specified for 10% Tolerance Supplies
• High Data Rates . . . . . . . . . . . . . . . . . . . . . up to 30Mbps
• Large Differential Output Voltage. . . . 2.0V(min.) into 54
• Drop-In Replacement for the ADM1485
• One Unit Load Allows up to 32 Devices on the Bus
• Low Quiescent Current . . . . . . . . . . . . . . . . . . . . . 800µA
• -7V to +12V Common Mode Input Voltage Range
• Three State Rx and Tx Outputs
• 15ns (Max) Propagation Delays, 5ns (Max) Skew
• Operates from a Single +5V Supply (10% Tolerance)
• Current Limiting and Thermal Shutdown for driver
Overload Protection
Applications
• SCSI “Fast 20” Drivers and Receivers
• Factory Automation
• Field Bus Networks
• Security Networks
• Building Environmental Control Systems
• Industrial/Process Control Networks
Ordering Information
PART NO.
(BRAND)
TEMP.
RANGE (oC)
PACKAGE
PKG. DWG. #
ISL81485IB
(81485IB)
-40 to 85
8 Ld SOIC
M8.15
ISL81485IB-T
(81485IB)
-40 to 85
8 Ld SOIC
(Tape and Reel)
M8.15
ISL81485IU
(1485)
-40 to 85
8 Ld MSOP
M8.118
ISL81485IU-T
(1485)
-40 to 85
8 Ld MSOP
(Tape and Reel)
M8.118
Pinout
ISL81485 (SOIC, MSOP)
TOP VIEW
RO
RE
DE
DI
1
2
3
4
8
7
6
5
VCC
B / Z
A / Y
GND
D
R
Data Sheet
December 2003
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2003. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - ISL81485IU-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL81485IU INTERSIL-ISL81485IU Datasheet
377Kb / 11P
   5V, 30Mbps, RS-485/RS-422 Transceiver
logo
Renesas Technology Corp
ISL81485IU RENESAS-ISL81485IU Datasheet
743Kb / 12P
   5V, 30Mbps, RS-485/RS-422 Transceiver
July 2004
logo
Intersil Corporation
ISL81485IUZ INTERSIL-ISL81485IUZ Datasheet
377Kb / 11P
   5V, 30Mbps, RS-485/RS-422 Transceiver
logo
Renesas Technology Corp
ISL81485IUZ RENESAS-ISL81485IUZ Datasheet
743Kb / 12P
   5V, 30Mbps, RS-485/RS-422 Transceiver
July 2004
More results

Similar Description - ISL81485IU-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL81485 INTERSIL-ISL81485_04 Datasheet
377Kb / 11P
   5V, 30Mbps, RS-485/RS-422 Transceiver
logo
Renesas Technology Corp
ISL81485 RENESAS-ISL81485 Datasheet
743Kb / 12P
   5V, 30Mbps, RS-485/RS-422 Transceiver
July 2004
ISL43485 RENESAS-ISL43485 Datasheet
660Kb / 11P
   3.3V, Low Power, 30Mbps, RS-485/RS-422 Transceiver
logo
Intersil Corporation
ISL43485 INTERSIL-ISL43485_05 Datasheet
480Kb / 11P
   3.3V, Low Power, 30Mbps, RS-485/RS-422 Transceiver
ISL43485 INTERSIL-ISL43485 Datasheet
477Kb / 11P
   3.3V, Low Power, 30Mbps, RS-485/RS-422
logo
Exar Corporation
SP338E EXAR-SP338E Datasheet
1Mb / 25P
   RS-232/RS-485/RS-422 TRANSCEIVER
SP335E EXAR-SP335E Datasheet
356Kb / 22P
   RS-232/RS-485/RS-422 TRANSCEIVER
SP337EBEY-L EXAR-SP337EBEY-L Datasheet
991Kb / 18P
   3.3V TO 5V RS-232/RS-485/RS-422 MULTIPROTOCOL TRANSCEIVER
SP336EEY-L-TR EXAR-SP336EEY-L-TR Datasheet
1Mb / 30P
   3.3V / 5V PROGRAMMABLE RS-232/RS-485/RS-422 SERIAL TRANSCEIVER
SP336EEY-0A-EB EXAR-SP336EEY-0A-EB Datasheet
1Mb / 30P
   3.3V / 5V PROGRAMMABLE RS-232/RS-485/RS-422 SERIAL TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com