Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ISL83220E Datasheet(PDF) 1 Page - Intersil Corporation

Part No. ISL83220E
Description  /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL83220E Datasheet(HTML) 1 Page - Intersil Corporation

  ISL83220E Datasheet HTML 1Page - Intersil Corporation ISL83220E Datasheet HTML 2Page - Intersil Corporation ISL83220E Datasheet HTML 3Page - Intersil Corporation ISL83220E Datasheet HTML 4Page - Intersil Corporation ISL83220E Datasheet HTML 5Page - Intersil Corporation ISL83220E Datasheet HTML 6Page - Intersil Corporation ISL83220E Datasheet HTML 7Page - Intersil Corporation ISL83220E Datasheet HTML 8Page - Intersil Corporation ISL83220E Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
TM
File Number
6011.1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil and Design is a trademark of Intersil Americas Inc. | Copyright © Intersil Americas Inc. 2001
ISL83220E
+/-15kV ESD Protected, +3V to +5.5V,
1Microamp, 250kbps, RS-232
Transmitters/Receivers
The Intersil ISL83220E is a 3.0V to 5.5V powered RS-232
transmitter/receiver which meets ElA/TIA-232 and V.28/V.24
specifications, even at VCC = 3.0V. Additionally, it provides
±15kV ESD protection (IEC 1000-4-2 Air Gap and Human
Body Model) on transmitter outputs and receiver inputs
(RS-232 pins). Targeted applications are PDAs, Palmtops,
and notebook and laptop computers where the low
operational, and even lower standby, power consumption is
critical. Efficient on-chip charge pumps, coupled with a
manual powerdown function, reduce the standby supply
current to a 1
µA trickle. Small footprint packaging, and the
use of small, low value capacitors ensure board space
savings as well. Data rates greater than 250kbps are
guaranteed at worst case load conditions. This family is fully
compatible with 3.3V only systems, mixed 3.3V and 5.0V
systems, and 5.0V only systems.
Table 1 summarizes the features of the ISL83320E, while
Application Note AN9863 summarizes the features of each
device comprising the ICL32XXE 3V family.
Features
• ESD Protection for RS-232 I/O Pins to
±15kV (IEC1000)
• Drop in Replacement for SP3220E
• Meets EIA/TIA-232 and V.28/V.24 Specifications at 3V
• Interoperable with RS-232 down to VCC = 2.7V
• Latch-Up Free
• On-Chip Voltage Converters Require Only Four External
0.1
µF Capacitors
• Manual Powerdown Feature with Receivers Active
• Separate Receiver Enable Pin
•RX and TX Hysteresis For Improved Noise Immunity
• Guaranteed Minimum Data Rate . . . . . . . . . . . . . 250kbps
• Guaranteed Minimum Slew Rate . . . . . . . . . . . . . . . 6V/
µs
• Wide Power Supply Range . . . . . . . Single +3V to +5.5V
• Low Supply Current in Powerdown State . . . . . . . . . . . 1
µA
Applications
• Any System Requiring RS-232 Communication Ports
- Battery Powered, Hand-Held, and Portable Equipment
- Laptop Computers, Notebooks, Palmtops
- Modems, Printers and other Peripherals
- Digital Cameras
- Cellular/Mobile Phones
Related Literature
• Technical Brief TB363 “Guidelines for Handling and
Processing Moisture Sensitive Surface Mount Devices
(SMDs)”
TABLE 1. SUMMARY OF FEATURES
PART
NUMBER
NO. OF
Tx.
NO. OF
Rx.
NO. OF
MONITOR Rx.
(ROUTB)
DATA
RATE
(kbps)
Rx. ENABLE
FUNCTION?
READY
OUTPUT?
MANUAL
POWER-
DOWN?
AUTOMATIC
POWERDOWN
FUNCTION?
ISL83220E
1
1
0
250
YES
NO
YES
NO
Data Sheet
September 2001
itle
L32
E,
L32
E,
L32
E,
L32
E,
L32
E,
L32
E)
b-
t
-
kV
D
-
ted,
V to
.5V,
icro
p,
0kbp
S-
2
ns-
t-
s/Re
v-
)
utho
)
ey-
rds


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn