Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3000 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 2SK3000
Description  Silicon N Channel MOS FET Low Frequency Power Switching
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SK3000 Datasheet(HTML) 4 Page - Renesas Technology Corp

  2SK3000_15 Datasheet HTML 1Page - Renesas Technology Corp 2SK3000_15 Datasheet HTML 2Page - Renesas Technology Corp 2SK3000_15 Datasheet HTML 3Page - Renesas Technology Corp 2SK3000_15 Datasheet HTML 4Page - Renesas Technology Corp 2SK3000_15 Datasheet HTML 5Page - Renesas Technology Corp 2SK3000_15 Datasheet HTML 6Page - Renesas Technology Corp 2SK3000_15 Datasheet HTML 7Page - Renesas Technology Corp 2SK3000_15 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2SK3000
R07DS1134EJ0400 Rev.4.00
Page 4 of 7
Jan 10, 2014
5
2
1
0.2
0.5
0.1
0.1
0.2
0.5
1
2
10
10
5
25
°C
Tc = –25
°C
75
°C
Case Temperature
Tc
(
°C)
Static Drain to Source on State Resistance
vs. Temperature
Drain Current I
(A)
D
Forward Transfer Admittance vs.
Drain Current
V
= 10 V
Pulse Test
DS
04
8
12
16
20
200
500
100
10
20
50
5000
2000
500
1000
100
200
50
1
1
2
5
0.5
0.2
0.1
Ciss
Coss
Crss
V
= 0
f = 1 MHz
GS
500
200
50
100
10
20
5
0.05
1
5
4
3
2
1
0
0.4
0.8
1.2
1.6
2.0
V
= 0
GS
5 V
0.5
0.2
0.1
Drain to Source DiodeReverse Surge
Destruction Characteristics
10
5
250
20
Ta = 25
°C
1 shot
10 V
Surge Pulse Width PW (mS)
5
2
0.05
V
= 4 V, V
= 10 V
PW = 5
μs, duty < 1 %
GS
DD
t f
d(on)
t
d(off)
t
r
t
Drain to Source Voltage V
(V)
DS
Typical Capacitance vs.
Drain to Source Voltage
Drain Current
I
(A)
D
Switching Characteristics
Source to Drain Voltage
V
(V)
SD
Reverse Drain Current vs.
Source to Drain Voltage
Pulse Test
0.5
0.4
0.3
0.2
0.1
–40
0
40
80
120
160
0
ID = 0.45 A
VGS = 4 V
10 V
0.45 A
Pulse Test


Similar Part No. - 2SK3000_15

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SK3000-3 KEXIN-2SK3000-3 Datasheet
146Kb / 4P
   N-Channel Enhancement MOSFET
More results

Similar Description - 2SK3000_15

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SK2802 HITACHI-2SK2802 Datasheet
40Kb / 8P
   Silicon N Channel MOS FET Low Frequency Power Switching
logo
Renesas Technology Corp
2SK3000 RENESAS-2SK3000 Datasheet
119Kb / 7P
   Silicon N Channel MOS FET Low Frequency Power Switching
2SK2570 RENESAS-2SK2570 Datasheet
172Kb / 7P
   Silicon N Channel MOS FET Low Frequency Power Switching
logo
Hitachi Semiconductor
2SK2570 HITACHI-2SK2570 Datasheet
40Kb / 8P
   Silicon N-Channel MOS FET Low Frequency Power Switching
2SK3000 HITACHI-2SK3000 Datasheet
47Kb / 8P
   Silicon N Channel MOS FET Low Frequency Power Switching
logo
Renesas Technology Corp
RQM2201DNS RENESAS-RQM2201DNS Datasheet
120Kb / 8P
   Silicon N Channel MOS FET Power Switching
HITK0203MP RENESAS-HITK0203MP_12 Datasheet
104Kb / 7P
   Silicon N Channel MOS FET Power Switching
HITK0303MP RENESAS-HITK0303MP_13 Datasheet
103Kb / 7P
   Silicon N Channel MOS FET Power Switching
RQK0605JGDQA RENESAS-RQK0605JGDQA_11 Datasheet
90Kb / 7P
   Silicon N Channel MOS FET Power Switching
RQK0202RGDQA RENESAS-RQK0202RGDQA_11 Datasheet
91Kb / 7P
   Silicon N Channel MOS FET Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com