Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6565ACBZ Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL6565ACBZ
Description  Multi-Phase PWM Controller with Precision rDS(ON) or DCR Current Sensing for VR10.X Application
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6565ACBZ Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL6565ACBZ Datasheet HTML 3Page - Intersil Corporation ISL6565ACBZ Datasheet HTML 4Page - Intersil Corporation ISL6565ACBZ Datasheet HTML 5Page - Intersil Corporation ISL6565ACBZ Datasheet HTML 6Page - Intersil Corporation ISL6565ACBZ Datasheet HTML 7Page - Intersil Corporation ISL6565ACBZ Datasheet HTML 8Page - Intersil Corporation ISL6565ACBZ Datasheet HTML 9Page - Intersil Corporation ISL6565ACBZ Datasheet HTML 10Page - Intersil Corporation ISL6565ACBZ Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
7
Absolute Maximum Ratings
Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .+7V
Input, Output, or I/O Voltage (except OVP) . .GND -0.3V to VCC + 0.3V
OVP Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .+15V
ESD (Human body model) . . . . . . . . . . . . . . . . . . . . . . . . . . . . .>4kV
ESD (Machine model) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .>300V
ESD (Charged device model) . . . . . . . . . . . . . . . . . . . . . . . . . .>2kV
Operating Conditions
Supply Voltage, VCC (5V bias mode) . . . . . . . . . . . . . . . . +5V ±5%
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . 0°C to 125°C
Thermal Information
Thermal Resistance
θJA (°C/W) θJC (°C/W)
SOIC Package (Note 1) . . . . . . . . . . . .
62
N/A
QFN Package (Notes 2, 3). . . . . . . . . .
33
3.5
TSSOP Package (Note 1) . . . . . . . . . .
85
N/A
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . 150°C
Maximum Storage Temperature Range . . . . . . . . . . . -65°C to 150°C
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300°C
(SOIC - Lead Tips Only)
CAUTION: Stress above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational section of this specification is not implied.
NOTES:
1.
θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
2.
θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See
Tech Brief TB379.
3. For
θJC, the “case temp” location is the center of the exposed metal pad on the package underside.
Electrical Specifications
Operating Conditions: VCC = 5V or ICC < 25mA (Note 3), TJ = 0°C to 105°C.
Unless Otherwise Specified.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
VCC SUPPLY CURRENT
Nominal Supply
VCC = 5VDC; EN = 5VDC; RT = 100kΩ,
ISEN1 = ISEN2 = ISEN3 = -70
µA
-14
18
mA
Shutdown Supply
VCC = 5VDC; EN = 0VDC; RT = 100kΩ
-10
14
mA
SHUNT REGULATOR
VCC Voltage
VCC tied to 12VDC thru 300
Ω resistor, RT = 100kΩ 5.6
5.9
6.2
V
VCC Sink Current
VCC tied to 12VDC thru 300
Ω resistor, RT = 100kΩ
--
25
mA
POWER-ON RESET AND ENABLE
POR Threshold
VCC Rising
4.2
4.31
4.50
V
VCC Falling
3.7
3.82
4.00
V
ENABLE Threshold
EN Rising
1.29
1.31
1.33
V
Hysteresis
-
150
-
mV
Fault Reset
1.10
1.14
1.18
V
ENLL Input Logic Low Level
--
0.4
V
ENLL input Logic High Level
0.8
-
-
V
ENLL Leakage Current
ENLL = 5V
-
-
1
µA
REFERENCE VOLTAGE AND DAC
System Accuracy (VID = 1.2V-1.6V, TJ = 0°C to 85°C)
-0.5
-
0.5
%VID
System Accuracy (VID = 0.8375V-1.1875V TJ = 25°C)
-0.7
-
0.7
%VID
System Accuracy (VID = 0.8375V-1.1875V, TJ = 0°C to 85°C)
-0.8
-
0.8
%VID
VID Pull Up
-65
-50
-35
µA
VID Input Low Level
--
0.4
V
VID Input High Level
0.8
-
-
V
DAC Source/Sink Current
VID = 010100
-200
-
200
µA
REF Source/Sink Current
-50
-
50
µA
PIN-ADJUSTABLE OFFSET
Voltage at OFS pin
Offset resistor connected to ground
485
500
515
mV
Voltage below VCC, offset resistor connected to VCC 1.97
2.03
2.09
V
ISL6565A, ISL6565B


Similar Part No. - ISL6565ACBZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6565ACBZ RENESAS-ISL6565ACBZ Datasheet
1Mb / 28P
   Multi-Phase PWM Controller with Precision rDS(ON) or DCR Current Sensing for VR10.X Application
More results

Similar Description - ISL6565ACBZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6565A RENESAS-ISL6565A Datasheet
1Mb / 28P
   Multi-Phase PWM Controller with Precision rDS(ON) or DCR Current Sensing for VR10.X Application
logo
Intersil Corporation
ISL6561 INTERSIL-ISL6561 Datasheet
782Kb / 26P
   Multi-Phase PWM Controller with Precision Rds(on) or DCR Differential Current Sensing for VR10.X Application
logo
Renesas Technology Corp
ISL6561 RENESAS-ISL6561 Datasheet
1Mb / 27P
   Multi-Phase PWM Controller with Precision rDS(ON) or DCR Differential Current Sensing for VR10.X Application
logo
Intersil Corporation
ISL6316 INTERSIL-ISL6316_06 Datasheet
697Kb / 29P
   Enhanced 4-Phase PWM Controller with 6-Bit VID Code Capable of Precision rDS(ON) or DCR Differential Current Sensing for VR10 Application
logo
Renesas Technology Corp
ISL6316 RENESAS-ISL6316 Datasheet
1Mb / 30P
   Enhanced 4-Phase PWM Controller with 6-Bit VID Code Capable of Precision rDS(ON) or DCR Differential Current Sensing for VR10 Application
logo
Intersil Corporation
ISL6316 INTERSIL-ISL6316 Datasheet
838Kb / 29P
   Enhanced 4-Phase PWM Controller with 6-Bit VID Code Capable of Precision RDS(ON) or DCR Differential Current Sensing for VR10 Application
logo
Renesas Technology Corp
ISL6564 RENESAS-ISL6564 Datasheet
1Mb / 28P
   Multi-Phase PWM Controller with Linear 6-bit DAC Capable of Precision rDS(ON) or DCR Differential Current Sensing
logo
Intersil Corporation
ISL6564 INTERSIL-ISL6564 Datasheet
798Kb / 27P
   Multi-Phase PWM Controller with Linear 6-bit DAC Capable of Precision rDS(ON) or DCR Differential Current Sensing
ISL6326 INTERSIL-ISL6326 Datasheet
630Kb / 30P
   4-Phase PWM Controller with 8-Bit DAC Code Capable of Precision rDS ON or DCR Differential Current Sensing
logo
Renesas Technology Corp
ISL6306 RENESAS-ISL6306 Datasheet
1Mb / 33P
   4-Phase PWM Controller with 8-Bit DAC Code Capable of Precision rDS(ON) or DCR Differential Current Sensing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com