Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6558CBZ Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL6558CBZ
Description  Multi-Purpose Precision Multi-Phase PWM Controller With Optional Active Voltage Positioning
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6558CBZ Datasheet(HTML) 1 Page - Intersil Corporation

  ISL6558CBZ Datasheet HTML 1Page - Intersil Corporation ISL6558CBZ Datasheet HTML 2Page - Intersil Corporation ISL6558CBZ Datasheet HTML 3Page - Intersil Corporation ISL6558CBZ Datasheet HTML 4Page - Intersil Corporation ISL6558CBZ Datasheet HTML 5Page - Intersil Corporation ISL6558CBZ Datasheet HTML 6Page - Intersil Corporation ISL6558CBZ Datasheet HTML 7Page - Intersil Corporation ISL6558CBZ Datasheet HTML 8Page - Intersil Corporation ISL6558CBZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
®
FN9027.12
ISL6558
Multi-Purpose Precision Multi-Phase PWM
Controller With Optional Active Voltage
Positioning
The ISL6558 is a multi-phase PWM controller, which in
combination with the HIP6601B, HIP6602B, HIP6603B, or
ISL6605 companion gate drivers form a complete solution
for high-current, high slew-rate applications. The ISL6558
regulates output voltage, balances load currents and
provides protective functions for two to four synchronous
rectified buck converter channels.
A novel approach to current sensing is used to reduce
overall solution cost and improve efficiency. The voltage
developed across the lower MOSFET during conduction is
sampled and fed back to the controller. This lossless
current-sensing approach enables the controller to maintain
phase-current balance between the power channels, provide
overcurrent protection, and permit droop compensation.
Optional output voltage “droop” or active voltage positioning
is supported via the DROOP pin. Taking advantage of this
feature reduces the size and cost of the output capacitors
required to support a load transient.
In the event of an overvoltage, the controller monitors and
responds to reduce the risk of damage to load devices.
Undervoltage conditions are indicated through a PGOOD
transition. Overcurrent conditions cause the converter to
shutdown limiting the exposure of load devices. These
integrated monitoring and protection features provide a safe
environment for microprocessors and other advanced low
voltage circuits.
Features
Pb-Free Plus Anneal Available (RoHS Compliant)
• Multi-Phase Power Conversion
- 2-, 3-, or 4-Phase Operation
• Optional Output Voltage Droop
• Precision Channel-Current Balance
• Lossless Current Sensing
• Precision Reference Voltage
- 0.8V ± 1.5% Over -40°C - 85°C Range
- 0 . 8 V ± 1.0% Over 0°C - 70°C Range
• Fast Transient Response
• Overcurrent and Overvoltage Protection
• Digital Soft-start
• Power Good Indication
• High Ripple Frequency (80kHz to 1.5MHz)
• QFN Package
- Compliant to JEDEC PUB95 MO-220 QFN-Quad Flat
No Leads-Product Outline
- Near Chip-Scale Package Footprint; Improves PCB
Efficiency and Thinner in Profile
Applications
• Power Supply Control for Microprocessors
• Low Output Voltage, High Current DC-DC Converters
• Voltage Regulator Modules
• Servers and Workstations
• Memory and Accelerated Graphics Port Supplies
• Communication Processor and Personal Computer
Peripherals
Pinouts
COMP
DROOP
FB
VSEN
PWM2
ISEN1
PWM1
ISEN2
N/C
ISEN3
1
2
3
4
5
67
89
10
15
14
13
12
11
20
19
18
17
16
9
10
11
12
13
14
16
15
8
7
6
5
4
3
2
1
VCC
PGOOD
COMP
DROOP
FB
VSEN
GND
FS/EN
PWM4
ISEN1
PWM1
PWM2
ISEN4
ISEN2
ISEN3
PWM3
ISL6558 (16 LEAD SOIC)
TOP VIEW
ISL6558 (20 LEAD 5X5 QFN)
TOP VIEW
Data Sheet
June 21, 2005
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2001-2005. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - ISL6558CBZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6558CBZA RENESAS-ISL6558CBZA Datasheet
845Kb / 17P
   Multi-Purpose Precision Multi-Phase PWM Controller With Optional Active Voltage Positioning
ISL6558CBZA-T RENESAS-ISL6558CBZA-T Datasheet
845Kb / 17P
   Multi-Purpose Precision Multi-Phase PWM Controller With Optional Active Voltage Positioning
More results

Similar Description - ISL6558CBZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6558 RENESAS-ISL6558 Datasheet
845Kb / 17P
   Multi-Purpose Precision Multi-Phase PWM Controller With Optional Active Voltage Positioning
logo
Intersil Corporation
ISL6217 INTERSIL-ISL6217 Datasheet
307Kb / 19P
   Precision Multi-Phase Buck PWM Precision Multi-Phase Buck PWM Positioning IMVP-IV??and IMVP-IV
ISL9500 INTERSIL-ISL9500 Datasheet
467Kb / 20P
   Precision Multi-Phase Buck PWM Controller
December 2, 2005
ISL6217ACV INTERSIL-ISL6217ACV Datasheet
437Kb / 20P
   Precision Multi-Phase Buck PWM Controller for Intel, Mobile Voltage Positioning IMVP-IV and IMVP-IV
June 30, 2005
logo
Renesas Technology Corp
ISL6244 RENESAS-ISL6244 Datasheet
1Mb / 25P
   Multi-Phase PWM Controller
ISL6559 RENESAS-ISL6559 Datasheet
1Mb / 21P
   Multi-Phase PWM Controller
logo
Semtech Corporation
SC2643VX SEMTECH-SC2643VX Datasheet
189Kb / 11P
   Multi-Platform Multi-Phase PWM Controller
logo
Intersil Corporation
ISL6217A INTERSIL-ISL6217A Datasheet
443Kb / 20P
   Precision Multi-Phase Buck PWM Controller for Intel, Mobile Voltage Positioning IMVP-IV??and IMVP-IV?
logo
Semtech Corporation
SC2647 SEMTECH-SC2647 Datasheet
211Kb / 11P
   Multi-Platform Multi-Phase PWM Controller
logo
Intersil Corporation
ISL6569 INTERSIL-ISL6569 Datasheet
497Kb / 22P
   Multi-Phase PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com