Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6562EVAL1 Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL6562EVAL1
Description  Microprocessor CORE Voltage Regulator Two-Phase Buck PWM Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6562EVAL1 Datasheet(HTML) 1 Page - Intersil Corporation

  ISL6562EVAL1 Datasheet HTML 1Page - Intersil Corporation ISL6562EVAL1 Datasheet HTML 2Page - Intersil Corporation ISL6562EVAL1 Datasheet HTML 3Page - Intersil Corporation ISL6562EVAL1 Datasheet HTML 4Page - Intersil Corporation ISL6562EVAL1 Datasheet HTML 5Page - Intersil Corporation ISL6562EVAL1 Datasheet HTML 6Page - Intersil Corporation ISL6562EVAL1 Datasheet HTML 7Page - Intersil Corporation ISL6562EVAL1 Datasheet HTML 8Page - Intersil Corporation ISL6562EVAL1 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
®
FN9011.3
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil and Design is a trademark of Intersil Americas Inc.
Athlon™ is a trademark of Advanced Micro Devices, Inc.
| Copyright © Intersil Americas Inc. 2003, 2004, All Rights Reserved
ISL6560
Microprocessor CORE Voltage Regulator
Two-Phase Buck PWM Controller
The ISL6560 two-phase current mode, PWM control IC
together with companion gate drivers, the HIP6601A,
HIP6602A, HIP6603A or HIP6604 and MOSFETs provides a
precision voltage regulation system for advanced
microprocessors. Two-phase power conversion is a marked
departure from earlier single phase converter configurations
previously employed to satisfy the ever increasing current
demands of modern microprocessors. Multi-phase
converters, by distributing the power and load current,
results in smaller and lower cost transistors with fewer input
and output capacitors. These reductions accrue from the
higher effective conversion frequency with higher frequency
ripple current due to the phase interleaving process of this
topology. For example, a two phase converter operating at
350kHz per phase will have a ripple frequency of 700kHz.
Higher converter bandwidth is also achievable, resulting in
faster response to load transients.
An outstanding feature of this controller IC includes high-
side current sensing with a single current sampling resistor
in the input line to the output MOSFET transistors. This
single current sampling resistor monitors each channels
input current assuring excellent current sharing. Current
mode control results in rapid response to changing load
demands.
Also featured are programmable VID codes with an accuracy
of
±0.8% that range from 1.100–1.850V, and are set by the
microprocessor. Pull up currents on these VID pins
eliminates the need for external pull-up resistors.
Another feature of this controller IC is the PWRGD monitor
circuit and load protection circuits which provide overvoltage
protection, overcurrent protection and undervoltage
indication.
Features
• Two-phase power conversion
• Precision channel current sharing
• Precision CORE voltage regulation
-
±0.8% accuracy
• Microprocessor voltage identification input
- VRM 9.0 compliant
- 5-bit VID input
- 1.100 to 1.850V in 25mV steps
- Programmable “droop” voltage
• Fast transient recovery time
• Overcurrent protection
• High output ripple frequency. . . . . . . . . . . . . 100kHz to 2MHz
Pb-Free Available (RoHS Compliant)
Applications
• VRM9.X modules
• AMD Athlon™ processor voltage regulator
• Low output voltage, high current DC/DC converters
Related Literature
• Technical Brief TB363 Guidelines for Handling and
Processing Moisture Sensitive Surface Mount Devices
(SMDs)
Pinout
ISL6560 (SOIC)
TOP VIEW
Ordering Information
PART NUMBER
TEMP. (°C)
PACKAGE
PKG.
DWG.#
ISL6560CB
0 to 70
16 Ld SOIC
M16.15
ISL6560CB-T
16 Ld SOIC Tape and Reel
ISL6560CBZ
(See Note)
0 to 70
16 Ld SOIC
(Pb-free)
M16.15
ISL6560CBZ-T
(See Note)
16 Ld SOIC Tape and Reel (Pb-free)
ISL6560/62EVAL1
Evaluation Platform
NOTE: Intersil Pb-free products employ special Pb-free material sets; molding
compounds/die attach materials and 100% matte tin plate termination finish,
which are RoHS compliant and compatible with both SnPb and Pb-free
soldering operations. Intersil Pb-free products are MSL classified at Pb-free
peak reflow temperatures that meet or exceed the Pb-free requirements of
IPC/JEDEC J STD-020C.
VID4
VID3
VID2
VID1
VID0
CT
PWRGD
REF
PWM1
PWM2
VCC
FB
CS-
COMP
CS+
GND
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
Data Sheet
October 22, 2004


Similar Part No. - ISL6562EVAL1

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6562 INTERSIL-ISL6562 Datasheet
45Kb / 5P
   Microprocessor CORE Voltage Regulator Two-Phase Buck PWM Controller
logo
Renesas Technology Corp
ISL6562 RENESAS-ISL6562 Datasheet
427Kb / 6P
   Microprocessor CORE Voltage Regulator Two-Phase Buck PWM Controller
Mar 23, 2001
logo
Intersil Corporation
ISL6562CB INTERSIL-ISL6562CB Datasheet
45Kb / 5P
   Microprocessor CORE Voltage Regulator Two-Phase Buck PWM Controller
logo
Renesas Technology Corp
ISL6562CB RENESAS-ISL6562CB Datasheet
427Kb / 6P
   Microprocessor CORE Voltage Regulator Two-Phase Buck PWM Controller
Mar 23, 2001
logo
Intersil Corporation
ISL6562CB-T INTERSIL-ISL6562CB-T Datasheet
45Kb / 5P
   Microprocessor CORE Voltage Regulator Two-Phase Buck PWM Controller
More results

Similar Description - ISL6562EVAL1

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6562 INTERSIL-ISL6562 Datasheet
45Kb / 5P
   Microprocessor CORE Voltage Regulator Two-Phase Buck PWM Controller
logo
Renesas Technology Corp
ISL6560 RENESAS-ISL6560 Datasheet
792Kb / 13P
   Microprocessor CORE Voltage Regulator Two-Phase Buck PWM Controller
October 22, 2004
ISL6562 RENESAS-ISL6562 Datasheet
427Kb / 6P
   Microprocessor CORE Voltage Regulator Two-Phase Buck PWM Controller
Mar 23, 2001
logo
Intersil Corporation
ISL6553 INTERSIL-ISL6553_04 Datasheet
672Kb / 15P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
logo
Renesas Technology Corp
HIP6311A RENESAS-HIP6311A Datasheet
778Kb / 16P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
ISL6552 RENESAS-ISL6552 Datasheet
863Kb / 18P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
HIP6304 RENESAS-HIP6304 Datasheet
756Kb / 14P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
March 2000
logo
Intersil Corporation
HIP6304 INTERSIL-HIP6304 Datasheet
176Kb / 14P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
HIP6302 INTERSIL-HIP6302_04 Datasheet
441Kb / 16P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
HIP6302CBZA-T INTERSIL-HIP6302CBZA-T Datasheet
459Kb / 16P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com