Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6571 Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL6571
Description  Complementary MOSFET Driver and Synchronous Half-Bridge Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6571 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL6571 Datasheet HTML 3Page - Intersil Corporation ISL6571 Datasheet HTML 4Page - Intersil Corporation ISL6571 Datasheet HTML 5Page - Intersil Corporation ISL6571 Datasheet HTML 6Page - Intersil Corporation ISL6571 Datasheet HTML 7Page - Intersil Corporation ISL6571 Datasheet HTML 8Page - Intersil Corporation ISL6571 Datasheet HTML 9Page - Intersil Corporation ISL6571 Datasheet HTML 10Page - Intersil Corporation ISL6571 Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
FN9082.4
Functional Pin Descriptions
VCC (Pin 54)
Provide a 12V bias supply for the driver IC to this pin. The
voltage at this pin is monitored for Power-On Reset (POR)
purposes.
PVCC (Pin 56)
Provide a well decoupled 5V to 10V bias supply at this pin.
The voltage at this pin is used to bias the gates of the
MOSFET switches.
GND (Pins 46, 50, 57, 71)
Ground pins for the driver IC. Connect these pins to the
circuit ground (plane) and to the PGND pins using the
shortest available paths.
PGND (Pins 60-68)
This is the source ground connection for the lower MOSFET
switches. Connect these pins to the circuit ground (plane)
and to the GND pins using the shortest available paths.
VIN (Pins 29-44, 70)
Connect these pins to the input voltage to be converted
down. Provide bulk and high-frequency decoupling
capacitors as close to these pins as feasible.
PHASE (Pins 1-17, 27, 45, 59, 69)
As a minimum, connect pin 69 to the output inductor. The
remainder of the PHASE pins may be tied to pin 69, left
open, or used for other connections. It is recommended pin
45 is connected to the bootstrap capacitor, CBOOT.
BOOT (Pin 47)
This pin is connected to the PVCC pin through an internal
quasi-diode. Connect a bootstrap capacitor from this pin to
PHASE pin 45 (0.1
µF recommended). This capacitor
provides the bias for the upper MOSFET drive and the gate
charge for the upper MOSFET.
LGATE (Pin 53)
This pin is the output of the lower MOSFET drive. Connect
this pin to LGATE1 pin using the shortest available path.
LGATE1 (Pin 58)
This pin is connected to the gate of the lower MOSFET
switch. Connect this pin to LGATE pin using the shortest
available path.
PWM (Pin 48)
Connect this pin to the regulating controller’s PWM output.
Left open, this input will float to approximately 2.5V and
cause both MOSFET switches to be turned off. Applying 5V
to this input causes the upper MOSFET switch to be turned
on. A 0V applied to this input causes the lower MOSFET
switch to be turned on. The approximate input impedance of
this pin is 5k
Ω.
NC (Pins 18-26, 28, 49, 51, 52, 55)
These pins are not internally connected.
Description
Bias Requirements
The on-board driver includes a Power-On Reset (POR)
function, which continually monitors the input bias supply.
The POR monitors the bias voltage (+12VIN) at the VCC pin,
and enables the ISL6571 for operation immediately after it
exceeds the rising threshold. Upon the bias voltage’s drop
below the falling threshold, the IC is disabled and both
internal MOSFETs are turned off.
The output drivers are powered from the PVCC pin. For
proper functionality and driving capability, connect PVCC to
FIGURE 10. ISL6571 EFFICIENCY AT 200kHz, 300kHz, 500kHz, 750kHz
Typical Performance Curves/Setup (Continued)
OUTPUT CURRENT (A)
0
4.5
7.5
10.5 12.0
6.0
79
83
87
9.0
1.5
3.0
89
85
81
77
75
73
13.5 15.0 16.5
91
93
750kHz
500kHz
300kHz
200kHz
ISL6571


Similar Part No. - ISL6571

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6571 RENESAS-ISL6571 Datasheet
379Kb / 11P
   Complementary MOSFET Driver and Synchronous Half-Bridge Switch
April 18, 2005
ISL6571CR RENESAS-ISL6571CR Datasheet
379Kb / 11P
   Complementary MOSFET Driver and Synchronous Half-Bridge Switch
April 18, 2005
ISL6571CRZ RENESAS-ISL6571CRZ Datasheet
379Kb / 11P
   Complementary MOSFET Driver and Synchronous Half-Bridge Switch
April 18, 2005
ISL6571EVAL1 RENESAS-ISL6571EVAL1 Datasheet
379Kb / 11P
   Complementary MOSFET Driver and Synchronous Half-Bridge Switch
April 18, 2005
More results

Similar Description - ISL6571

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6571 RENESAS-ISL6571 Datasheet
379Kb / 11P
   Complementary MOSFET Driver and Synchronous Half-Bridge Switch
April 18, 2005
logo
Fairchild Semiconductor
NDS8839H FAIRCHILD-NDS8839H Datasheet
350Kb / 12P
   Complementary MOSFET Half Bridge
NDS8852H FAIRCHILD-NDS8852H Datasheet
349Kb / 12P
   Complementary MOSFET Half Bridge
logo
Guangdong Kexin Industr...
KDS4501H KEXIN-KDS4501H Datasheet
77Kb / 3P
   Complementary PowerTrench Half-Bridge MOSFET
logo
Fairchild Semiconductor
FDS4501H FAIRCHILD-FDS4501H Datasheet
1Mb / 8P
   Complementary PowerTrench Half-Bridge MOSFET
logo
Guangdong Kexin Industr...
KI4500BDY KEXIN-KI4500BDY Datasheet
57Kb / 2P
   Complementary MOSFET Half-Bridge (N- and P-Channel)
KI4501DY KEXIN-KI4501DY Datasheet
58Kb / 2P
   Complementary MOSFET Half-Bridge (N- and P-Channel)
logo
Vishay Siliconix
SI4501ADY VISHAY-SI4501ADY Datasheet
65Kb / 2P
   Complementary MOSFET Half-Bridge (N- and P-Channel)
14-Jun-04
SI3850ADV VISHAY-SI3850ADV_08 Datasheet
128Kb / 9P
   Complementary MOSFET Half-Bridge (N- and P-Channel)
Rev. A, 27-Mar-06
SI3850ADV VISHAY-SI3850ADV_09 Datasheet
214Kb / 13P
   Complementary MOSFET Half-Bridge (N- and P-Channel)
Rev. B, 12-Oct-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com