Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6559CRZ Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL6559CRZ
Description  Multi-Phase PWM Controller
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6559CRZ Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL6559CRZ Datasheet HTML 3Page - Intersil Corporation ISL6559CRZ Datasheet HTML 4Page - Intersil Corporation ISL6559CRZ Datasheet HTML 5Page - Intersil Corporation ISL6559CRZ Datasheet HTML 6Page - Intersil Corporation ISL6559CRZ Datasheet HTML 7Page - Intersil Corporation ISL6559CRZ Datasheet HTML 8Page - Intersil Corporation ISL6559CRZ Datasheet HTML 9Page - Intersil Corporation ISL6559CRZ Datasheet HTML 10Page - Intersil Corporation ISL6559CRZ Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
7
FN9084.8
December 29, 2004
To understand the reduction of ripple current amplitude in
the multi-phase circuit, examine the equation representing
an individual channel’s peak-to-peak inductor current.
In Equation 1, VIN and VOUT are the input and output
voltages respectively, L is the single-channel inductor value,
and fS is the switching frequency.
The output capacitors conduct the ripple component of the
inductor current. In the case of multi-phase converters, the
capacitor current is the sum of the ripple currents from each
of the individual channels. Compare Equation 1 to the
expression for the peak-to-peak current after the summation
of N symmetrically phase-shifted inductor currents in
Equation 2. Peak-to-peak ripple current decreases by an
amount proportional to the number of channels. Output-
voltage ripple is a function of capacitance, capacitor
equivalent series resistance (ESR), and inductor ripple
current. Reducing the inductor ripple current allows the
designer to use fewer or less costly output capacitors.
Another benefit of interleaving is to reduce input ripple
current. Input capacitance is determined in part by the
maximum input ripple current. Multi-phase topologies can
improve overall system cost and size by lowering input ripple
current and allowing the designer to reduce the cost of input
capacitance. The example in Figure 2 illustrates input
currents from a three-phase converter combining to reduce
the total input ripple current.
The converter depicted in Figure 2 delivers 36A to a 1.5V
load from a 12V input. The RMS input capacitor current is
5.9A. Compare this to a single-phase converter also
stepping down 12V to 1.5V at 36A. The single-phase
converter has 11.9A RMS input capacitor current. The
single-phase converter must use an input capacitor bank
with twice the RMS current capacity as the equivalent three-
phase converter.
Figures 15, 16 and 17 in the section entitled Input Capacitor
Selection can be used to determine the input-capacitor RMS
current based on load current, duty cycle, and the number of
channels. They are provided as aids in determining the
optimal input capacitor solution. Figure 18 shows the single
phase input-capacitor RMS current for comparison.
PWM Operation
The timing of each converter leg is set by the number of
active channels. The default channel setting for the ISL6559
is four. One switching cycle is defined as the time between
PWM1 pulse termination signals. The pulse termination
signal is an internally generated clock signal which triggers
the falling edge of PWM1. The cycle time of the pulse
termination signal is the inverse of the switching frequency
set by the resistor between the FS/DIS pin and ground. Each
cycle begins when the clock signal commands the channel-1
PWM output to go low. The PWM1 transition signals the
channel-1 MOSFET driver to turn off the channel-1 upper
MOSFET and turn on the channel-1 synchronous MOSFET.
In the default channel configuration, the PWM2 pulse
terminates 1/4 of a cycle after PWM1. The PWM 3 output
follows another 1/4 of a cycle after PWM2. PWM4 terminates
another 1/4 of a cycle after PWM3.
If PWM3 is connected to VCC, then two channel operation is
selected and the PWM2 pulse terminates 1/2 of a cycle later.
Connecting PWM4 to VCC selects three channel operation
and the pulse-termination times are spaced in 1/3 cycle
increments.
Once a PWM signal transitions low, it is held low for a
minimum of 1/4 cycle. This forced off time is required to
ensure an accurate current sample. Current sensing is
described in the next section. After the forced off time
expires, the PWM output is enabled. The PWM output state
is driven by the position of the error amplifier output signal,
VCOMP, minus the current correction signal relative to the
sawtooth ramp as illustrated in Figure 1. When the modified
VCOMP voltage crosses the sawtooth ramp, the PWM output
transitions high. The MOSFET driver detects the change in
state of the PWM signal and turns off the synchronous
MOSFET and turns on the upper MOSFET. The PWM signal
will remain high until the pulse termination signal marks the
beginning of the next cycle by triggering the PWM signal low.
Current Sensing
During the forced off time following a PWM transition low, the
controller senses channel load current by sampling the
voltage across the lower MOSFET rDS(ON), see Figure 3. A
ground-referenced amplifier, internal to the ISL6559,
connects to the PHASE node through a resistor, RISEN. The
voltage across RISEN is equivalent to the voltage drop
I
PP
V
IN
V
OUT
() V
OUT
Lf
S VIN
------------------------------------------------------
=
(EQ. 1)
I
CPP
,
V
IN
NV
OUT
() V
OUT
Lf
S VIN
------------------------------------------------------------
=
(EQ. 2)
FIGURE 2. CHANNEL INPUT CURRENTS AND INPUT-
CAPACITOR RMS CURRENT FOR 3-PHASE
CONVERTER
CHANNEL 1
INPUT CURRENT
10A/DIV
CHANNEL 2
INPUT CURRENT
10A/DIV
CHANNEL 3
INPUT CURRENT
10A/DIV
INPUT-CAPACITOR CURRENT, 10A/DIV
1
µs/DIV
ISL6559


Similar Part No. - ISL6559CRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6559CRZ RENESAS-ISL6559CRZ Datasheet
1Mb / 21P
   Multi-Phase PWM Controller
ISL6559CRZ-T RENESAS-ISL6559CRZ-T Datasheet
1Mb / 21P
   Multi-Phase PWM Controller
More results

Similar Description - ISL6559CRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6244 RENESAS-ISL6244 Datasheet
1Mb / 25P
   Multi-Phase PWM Controller
ISL6559 RENESAS-ISL6559 Datasheet
1Mb / 21P
   Multi-Phase PWM Controller
logo
Intersil Corporation
ISL6569 INTERSIL-ISL6569 Datasheet
497Kb / 22P
   Multi-Phase PWM Controller
logo
Renesas Technology Corp
ISL6569 RENESAS-ISL6569 Datasheet
1Mb / 23P
   Multi-Phase PWM Controller
logo
Intersil Corporation
ISL6569A INTERSIL-ISL6569A Datasheet
514Kb / 22P
   Multi-Phase PWM Controller
ISL6244 INTERSIL-ISL6244 Datasheet
845Kb / 25P
   Multi-Phase PWM Controller
logo
Renesas Technology Corp
ISL6569A RENESAS-ISL6569A Datasheet
1Mb / 22P
   Multi-Phase PWM Controller
logo
Semtech Corporation
SC2643VX SEMTECH-SC2643VX Datasheet
189Kb / 11P
   Multi-Platform Multi-Phase PWM Controller
SC2647 SEMTECH-SC2647 Datasheet
211Kb / 11P
   Multi-Platform Multi-Phase PWM Controller
logo
Intersil Corporation
ISL9500 INTERSIL-ISL9500 Datasheet
467Kb / 20P
   Precision Multi-Phase Buck PWM Controller
December 2, 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com