Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6558IR Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL6558IR
Description  Multi-Purpose Precision Multi-Phase PWM Controller With Optional Active Voltage Positioning
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6558IR Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL6558IR Datasheet HTML 6Page - Intersil Corporation ISL6558IR Datasheet HTML 7Page - Intersil Corporation ISL6558IR Datasheet HTML 8Page - Intersil Corporation ISL6558IR Datasheet HTML 9Page - Intersil Corporation ISL6558IR Datasheet HTML 10Page - Intersil Corporation ISL6558IR Datasheet HTML 11Page - Intersil Corporation ISL6558IR Datasheet HTML 12Page - Intersil Corporation ISL6558IR Datasheet HTML 13Page - Intersil Corporation ISL6558IR Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
FN9027.12
June 21, 2005
The PWM drive signals are switched out of phase. The PWM
drive signal phase relationship is 360° divided by the number
of active channels. Figure shows the PWM drive signals for
a four channel converter running at 125kHz. Each PWM
drive signal is 90° out of phase with the other.
Frequency Setting
A resistor, RT, connected between the FS/EN pin and
ground sets the frequency of the internal oscillator. Tying the
FS/EN pin to ground disables the oscillator, thus shutting
down the converter. The resistor can be calculated given the
desired channel switching frequency, FSW.
Figure 5 provides a graph of oscillator frequency vs RT. The
maximum recommended channel frequency is 1.5MHz.
Reference Voltage
An internal 0.8V reference is used for both PWM duty cycle
determination as well as output voltage protection. The
reference is trimmed such that the system, including
amplifier offset voltages, is accurate to ±
1% over
temperature range.
Fault Protection
The ISL6558 protects the load device from damaging stress
levels. The overcurrent trip point is integral in preventing
output shorts of varying degrees from causing current spikes
which would damage a load device. The output voltage
detection features insure a safe window of operation for the
load device.
Overcurrent
The RISEN resistor scales the voltage sampled across the
lower MOSFET and provides current feedback proportional
to the output current of each active channel. The ISEN
currents from all the active channels are averaged together
to form a scaled version of the total output current, ITOTAL.
0V
PWM1, 5V/DIV
FIGURE 4. FOUR ACTIVE CHANNEL PWM DRIVE SIGNALS
1ms/DIV
0V
PWM3, 5V/DIV
PWM4, 5V/DIV
0V
0V
PWM2, 5V/DIV
R
T
10
10.9
1.1
F
SW
log
=
(EQ. 5)
50
100
10
20
200
500 1,000 2,000
1
2
5
10
20
50
100
200
500
1,000
CHANNEL OSCILLATOR FREQUENCY, FSW, [kHz]
FIGURE 5. OSCILLATOR FREQUENCY vs RT
OC
+
-
ITOTAL
+
ISEN1
ITRIP
82.5
µA
FIGURE 6. INTERNAL OVERCURRENT DETECTION
CIRCUITRY
n
n = ACTIVE CHANNELS
ISEN4
ISL6558
ISEN3
ISEN2
+
+
+
0V
0A
0V
FIGURE 7. OVERCURRENT OPERATION
10ms/DIV
IOUT (5A/DIV)
VOUT (1V/DIV)
SHORT APPLIED
SHORT REMOVED
PGOOD (5V/DIV)
ISL6558


Similar Part No. - ISL6558IR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6558IRZ RENESAS-ISL6558IRZ Datasheet
845Kb / 17P
   Multi-Purpose Precision Multi-Phase PWM Controller With Optional Active Voltage Positioning
ISL6558IRZ-T RENESAS-ISL6558IRZ-T Datasheet
845Kb / 17P
   Multi-Purpose Precision Multi-Phase PWM Controller With Optional Active Voltage Positioning
ISL6558IRZA RENESAS-ISL6558IRZA Datasheet
845Kb / 17P
   Multi-Purpose Precision Multi-Phase PWM Controller With Optional Active Voltage Positioning
ISL6558IRZA-T RENESAS-ISL6558IRZA-T Datasheet
845Kb / 17P
   Multi-Purpose Precision Multi-Phase PWM Controller With Optional Active Voltage Positioning
More results

Similar Description - ISL6558IR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6558 RENESAS-ISL6558 Datasheet
845Kb / 17P
   Multi-Purpose Precision Multi-Phase PWM Controller With Optional Active Voltage Positioning
logo
Intersil Corporation
ISL6217 INTERSIL-ISL6217 Datasheet
307Kb / 19P
   Precision Multi-Phase Buck PWM Precision Multi-Phase Buck PWM Positioning IMVP-IV??and IMVP-IV
ISL9500 INTERSIL-ISL9500 Datasheet
467Kb / 20P
   Precision Multi-Phase Buck PWM Controller
December 2, 2005
ISL6217ACV INTERSIL-ISL6217ACV Datasheet
437Kb / 20P
   Precision Multi-Phase Buck PWM Controller for Intel, Mobile Voltage Positioning IMVP-IV and IMVP-IV
June 30, 2005
logo
Renesas Technology Corp
ISL6244 RENESAS-ISL6244 Datasheet
1Mb / 25P
   Multi-Phase PWM Controller
ISL6559 RENESAS-ISL6559 Datasheet
1Mb / 21P
   Multi-Phase PWM Controller
logo
Semtech Corporation
SC2643VX SEMTECH-SC2643VX Datasheet
189Kb / 11P
   Multi-Platform Multi-Phase PWM Controller
logo
Intersil Corporation
ISL6217A INTERSIL-ISL6217A Datasheet
443Kb / 20P
   Precision Multi-Phase Buck PWM Controller for Intel, Mobile Voltage Positioning IMVP-IV??and IMVP-IV?
logo
Semtech Corporation
SC2647 SEMTECH-SC2647 Datasheet
211Kb / 11P
   Multi-Platform Multi-Phase PWM Controller
logo
Intersil Corporation
ISL6569 INTERSIL-ISL6569 Datasheet
497Kb / 22P
   Multi-Phase PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com