Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6561CR-T Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL6561CR-T
Description  Multi-Phase PWM Controller with Precision Rds(on) or DCR Differential Current Sensing for VR10.X Application
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6561CR-T Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL6561CR-T Datasheet HTML 5Page - Intersil Corporation ISL6561CR-T Datasheet HTML 6Page - Intersil Corporation ISL6561CR-T Datasheet HTML 7Page - Intersil Corporation ISL6561CR-T Datasheet HTML 8Page - Intersil Corporation ISL6561CR-T Datasheet HTML 9Page - Intersil Corporation ISL6561CR-T Datasheet HTML 10Page - Intersil Corporation ISL6561CR-T Datasheet HTML 11Page - Intersil Corporation ISL6561CR-T Datasheet HTML 12Page - Intersil Corporation ISL6561CR-T Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
9
FN9098.5
May 12, 2005
PIN-ADJUSTABLE OFFSET
Voltage at OFS pin
Offset resistor connected to ground
485
500
515
mV
VCC = 5.00V, offset resistor connected to VCC
2.91
3.00
3.09
V
OSCILLATOR
Accuracy
RT = 100 kΩ
-10
-
10
%
Adjustment Range
0.08
-
1.5
MHz
Sawtooth Amplitude
-1.5
-
V
Max Duty Cycle
-
66.7
-
%
ERROR AMPLIFIER
Open-Loop Gain
RL = 10kΩ to ground
-
80
-
dB
Open-Loop Bandwidth
CL = 100pF, RL = 10kΩ to ground
-
18
-
MHz
Slew Rate
CL = 100pF
4.4
6.0
7.5
V/
µs
Maximum Output Voltage
4.0
4.3
-
V
Output High Voltage @ 2mA
3.7
-
-
V
Output Low Voltage @ 2mA
-
-
1.40
V
REMOTE-SENSE AMPLIFIER
Bandwidth
-20-
MHz
Output High Current
VSEN - RGND = 2.5V
-500
-
500
µA
Output High Current
VSEN - RGND = 0.6
-500
-
500
µA
PWM OUTPUT
PWM Output Voltage LOW Threshold
Iload = ±500
µA
--
0.3
V
PWM Output Voltage HIGH Threshold
Iload = ±500
µA
4.3
-
-
V
TEMPERATURE COMPENSATION
Temperature Compensation Current @
40
°C and Tcomp = 0.5V
10
15
20
µA
Temperature Compensation
Transconductance
-1-
1
µA/V/
°C
SENSE CURRENT
Sensed Current Tolerance (
0°C to 85°C)
ISEN1 = ISEN2 = ISEN3 = ISEN4 = 80
µA
74
81
91
µA
Sensed Current Tolerance (
-40°C)
ISEN1 = ISEN2 = ISEN3 = ISEN4 = 80
µA
74
81
92
µA
Overcurrent Trip Level (
0°C to 85°C)
98
110
122
µA
Overcurrent Trip Level (-4
0°C)
98
110
127
µA
POWER GOOD AND PROTECTION MONITORS
PGOOD Low Voltage
IPGOOD = 4mA
-
-
0.4
V
Under-Voltage Offset From VID (
0°C to
85°C)
VSEN Falling
72
74
76
%VID
Under-Voltage Offset From VID (-4
0°C)
VSEN Falling
71
74
82
%VID
Overvoltage Threshold
Voltage above VID, After Soft Start (Note 5)
180
200
220
mV
Before Enable
1.63
V
VCC < POR Threshold
1.67
1.80
1.87
V
Overvoltage Reset Voltage
VCC
≥ POR Threshold, VSEN Falling
-
0.6
-
V
VCC < POR Threshold
-
1.5
-
V
OVP Drive Voltage
IOVP = -100mA, VCC = 5V
-
1.9
-
V
Minimum VCC for OVP
1.4
-
-
V
NOTES:
3. When using the internal shunt regulator, VCC is clamped to 6.02V (max). Current must be limited to 25mA or less.
4. These parts are designed and adjusted for accuracy with all errors in the voltage loop included.
5. During soft start, VDAC rises from 0 to VID. The overvoltage trip level is the higher of 1.7V and VDAC + 0.2V.
Electrical Specifications
Operating Conditions: VCC = 5V or ICC < 25mA (Note 3). Unless Otherwise Specified (Continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ISL6561


Similar Part No. - ISL6561CR-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6561 RENESAS-ISL6561 Datasheet
1Mb / 27P
   Multi-Phase PWM Controller with Precision rDS(ON) or DCR Differential Current Sensing for VR10.X Application
ISL6561IRZ RENESAS-ISL6561IRZ Datasheet
1Mb / 27P
   Multi-Phase PWM Controller with Precision rDS(ON) or DCR Differential Current Sensing for VR10.X Application
ISL6561IRZ-T RENESAS-ISL6561IRZ-T Datasheet
1Mb / 27P
   Multi-Phase PWM Controller with Precision rDS(ON) or DCR Differential Current Sensing for VR10.X Application
More results

Similar Description - ISL6561CR-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6561 RENESAS-ISL6561 Datasheet
1Mb / 27P
   Multi-Phase PWM Controller with Precision rDS(ON) or DCR Differential Current Sensing for VR10.X Application
logo
Intersil Corporation
ISL6565A INTERSIL-ISL6565A Datasheet
722Kb / 28P
   Multi-Phase PWM Controller with Precision rDS(ON) or DCR Current Sensing for VR10.X Application
logo
Renesas Technology Corp
ISL6565A RENESAS-ISL6565A Datasheet
1Mb / 28P
   Multi-Phase PWM Controller with Precision rDS(ON) or DCR Current Sensing for VR10.X Application
logo
Intersil Corporation
ISL6316 INTERSIL-ISL6316_06 Datasheet
697Kb / 29P
   Enhanced 4-Phase PWM Controller with 6-Bit VID Code Capable of Precision rDS(ON) or DCR Differential Current Sensing for VR10 Application
logo
Renesas Technology Corp
ISL6316 RENESAS-ISL6316 Datasheet
1Mb / 30P
   Enhanced 4-Phase PWM Controller with 6-Bit VID Code Capable of Precision rDS(ON) or DCR Differential Current Sensing for VR10 Application
logo
Intersil Corporation
ISL6316 INTERSIL-ISL6316 Datasheet
838Kb / 29P
   Enhanced 4-Phase PWM Controller with 6-Bit VID Code Capable of Precision RDS(ON) or DCR Differential Current Sensing for VR10 Application
logo
Renesas Technology Corp
ISL6564 RENESAS-ISL6564 Datasheet
1Mb / 28P
   Multi-Phase PWM Controller with Linear 6-bit DAC Capable of Precision rDS(ON) or DCR Differential Current Sensing
logo
Intersil Corporation
ISL6564 INTERSIL-ISL6564 Datasheet
798Kb / 27P
   Multi-Phase PWM Controller with Linear 6-bit DAC Capable of Precision rDS(ON) or DCR Differential Current Sensing
ISL6326 INTERSIL-ISL6326 Datasheet
630Kb / 30P
   4-Phase PWM Controller with 8-Bit DAC Code Capable of Precision rDS ON or DCR Differential Current Sensing
logo
Renesas Technology Corp
ISL6306 RENESAS-ISL6306 Datasheet
1Mb / 33P
   4-Phase PWM Controller with 8-Bit DAC Code Capable of Precision rDS(ON) or DCR Differential Current Sensing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com