Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6560CB-T Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL6560CB-T
Description  Microprocessor CORE Voltage Regulator Two-Phase Buck PWM Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6560CB-T Datasheet(HTML) 3 Page - Intersil Corporation

  ISL6560CB-T Datasheet HTML 1Page - Intersil Corporation ISL6560CB-T Datasheet HTML 2Page - Intersil Corporation ISL6560CB-T Datasheet HTML 3Page - Intersil Corporation ISL6560CB-T Datasheet HTML 4Page - Intersil Corporation ISL6560CB-T Datasheet HTML 5Page - Intersil Corporation ISL6560CB-T Datasheet HTML 6Page - Intersil Corporation ISL6560CB-T Datasheet HTML 7Page - Intersil Corporation ISL6560CB-T Datasheet HTML 8Page - Intersil Corporation ISL6560CB-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
FN9011.3
Absolute Maximum Ratings
Thermal Information
Supply Voltage (VCC) . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 15V
CS+. CS- . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to VCC + 0.3V
PWRGD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to VCC
All Other Inputs and Outputs . . . . . . . . . . . . . . . . . . . . . . -0.3V to 5V
ESD Rating . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3kV
Operating Conditions
Ambient Temperature Range . . . . . . . . . . . . . . . . . . . . . 0oC to 70oC
Maximum Operating Junction Temperature . . . . . . . . . . . . . . 125oC
Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12V
±10%
Thermal Resistance (Note 1)
θJA (oC/W)
SOIC Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
75
Maximum Junction Temperature (Plastic Package) . . . . . . . . 150oC
Maximum Storage Temperature Range . . . . . . . . . . -65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300oC
(SOIC - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1.
θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
Electrical Specifications
Recommended Operating Conditions, Unless Otherwise Noted
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
VCC SUPPLY CURRENT
Input Supply Current
ICC
VCC = 12V
-
5.8
9.0
mA
Input Supply Current, UVLO Mode
ICC(UVLO)
VCC
≤ V
UVLO, VCC Rising
-
5.7
8.9
mA
Undervoltage Lock Out Voltage
VUVLO
5.4
6.4
6.9
V
Undervoltage Lock Out Hysteresis
0.1
0.4
0.8
V
DAC and REFERENCE VOLTAGES
Minimum DAC Programed Voltage
VFB
DAC Programmed to 1.100V
1.091
1.100
1.109
V
Middle DAC Programed Voltage
VFB
DAC Programmed to 1.475V
1.463
1.475
1.487
V
Maximum DAC Programed Voltage
VFB
DAC Programmed to 1.850V
1.835
1.850
1.865
V
Line Regulation
∆VFB
VCC = 10V to 14V
-
0.05
-
%
Crowbar Trip Point at FB Input
VCROWBAR Percent of Nominal DAC Voltage
114
124
134
%
Crowbar Reset Point at FB Input
VCROWBAR Percent of Nominal DAC Voltage
50
60
70
%
Crowbar Response Time
ICROWBAR
Overvoltage to PWM Going Low
-
300
-
ns
Reference Voltage
VREF
0mA
≤ I
REF ≤ 1mA
2.952
3.000
3.048
V
Output Current
IREF
13
-
mA
VID INPUTS
Input Low Voltage
VIL(VID)
--
0.6
V
Input High Voltage
VIH(VID)
2.2
-
-
V
VID Pull-Up
IVID
VIDx = 0V or VIDx = 3V
10
20
40
µA
Internal Pull-Up Voltage
4.5
5.0
5.5
V
OSCILLATOR
Maximum Frequency
fCT(MAX)
2.0
-
-
MHz
Frequency Variation
∆fCT
TA = 25
oC, CT = 91pF
430
500
570
kHz
CT Charging Current
ICT
TA = 25
oC, V
FB in Regulation
130
150
170
µA
CT Charging Current
ICT
TA = 25
oC, V
FB = 0V
26
36
46
µA
ERROR AMPLIFIER
Output Resistance
RO(ERR)
-
200
-
k
Transconductance
gm(ERR)
2.0
2.2
2.4
mS
Output Current
Io(ERR)
FB Forced to VOUT - 3%
-
1
-
mA
ISL6560


Similar Part No. - ISL6560CB-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6560CB-T RENESAS-ISL6560CB-T Datasheet
792Kb / 13P
   Microprocessor CORE Voltage Regulator Two-Phase Buck PWM Controller
October 22, 2004
More results

Similar Description - ISL6560CB-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6562 INTERSIL-ISL6562 Datasheet
45Kb / 5P
   Microprocessor CORE Voltage Regulator Two-Phase Buck PWM Controller
logo
Renesas Technology Corp
ISL6560 RENESAS-ISL6560 Datasheet
792Kb / 13P
   Microprocessor CORE Voltage Regulator Two-Phase Buck PWM Controller
October 22, 2004
ISL6562 RENESAS-ISL6562 Datasheet
427Kb / 6P
   Microprocessor CORE Voltage Regulator Two-Phase Buck PWM Controller
Mar 23, 2001
logo
Intersil Corporation
ISL6553 INTERSIL-ISL6553_04 Datasheet
672Kb / 15P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
logo
Renesas Technology Corp
HIP6311A RENESAS-HIP6311A Datasheet
778Kb / 16P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
ISL6552 RENESAS-ISL6552 Datasheet
863Kb / 18P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
HIP6304 RENESAS-HIP6304 Datasheet
756Kb / 14P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
March 2000
logo
Intersil Corporation
HIP6304 INTERSIL-HIP6304 Datasheet
176Kb / 14P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
HIP6302 INTERSIL-HIP6302_04 Datasheet
441Kb / 16P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
HIP6302CBZA-T INTERSIL-HIP6302CBZA-T Datasheet
459Kb / 16P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com