Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6557CB Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL6557CB
Description  Multi-Phase PWM Controller for Core-Voltage Regulation
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6557CB Datasheet(HTML) 1 Page - Intersil Corporation

  ISL6557CB Datasheet HTML 1Page - Intersil Corporation ISL6557CB Datasheet HTML 2Page - Intersil Corporation ISL6557CB Datasheet HTML 3Page - Intersil Corporation ISL6557CB Datasheet HTML 4Page - Intersil Corporation ISL6557CB Datasheet HTML 5Page - Intersil Corporation ISL6557CB Datasheet HTML 6Page - Intersil Corporation ISL6557CB Datasheet HTML 7Page - Intersil Corporation ISL6557CB Datasheet HTML 8Page - Intersil Corporation ISL6557CB Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1
®
FN9059.2
ISL6557
Multi-Phase PWM Controller for
Core-Voltage Regulation
The ISL6557 provides core-voltage regulation by driving up
to four interleaved synchronous-rectified buck-converter
channels in parallel. Intersil multi-phase controllers together
with Intersil MOSFET drivers form the basis for the most
reliable power-supply solutions available to power the latest
industry-leading microprocessors. Multi-phase buck-
converter architecture uses interleaved timing to multiply
ripple frequency and reduce input and output ripple currents.
Lower ripple results in lower total component cost, reduced
dissipation, and smaller implementation area. Pre-
configured for 4-phase operation, the ISL6557 offers the
flexibility of selectable 2- or 3-phase operation. Simply
connect the unused PWM pins to VCC. The channel
switching frequency is adjustable in the range of 50kHz to
1.5MHz giving the designer the ultimate flexibility in
managing the balance between high-speed response and
good thermal management.
New features on the ISL6557 include Dynamic-VID™
technology allowing seamless on-the-fly VID changes with
no need for any additional external components. When the
ISL6557 receives a new VID code, it incrementally steps the
output voltage to the new level. Dynamic VID changes are
fast and reliable with no output voltage overshoot or
undershoot. The RGND and VSEN pins provide inputs for
differential remote voltage sensing to improve regulation and
protection accuracy. A threshold-sensitive enable pin (EN)
can be used with an external resistor divider to optionally set
the power-on voltage level. This allows optional start-up
coordination with Intersil MOSFET drivers or any other
devices powered from a separate supply.
Like other Intersil multiphase controllers, the ISL6557 uses
cost and space-saving
rDS(ON) sensing for channel current
balance, dynamic voltage positioning, and overcurrent
protection. Channel current balancing is automatic and
accurate with the integrated current-balance control system.
Overcurrent protection can be tailored to any application with
no need for additional parts. The IOUT pin carries a signal
proportional to load current and can be optionally connected
to FB for accurate load-line regulation.
An integrated DAC decodes the 5-bit logic signal present at
VID4-VID0 and provides an accurate reference for precision
voltage regulation. The high-bandwidth error amplifier,
differential remote-sensing amplifier, and accurate voltage
reference all work together to provide better than 0.8% total
system accuracy, and to enable the fastest transient
response available.
Features
• Multi-Phase Power Conversion
• Active Channel Current Balancing
• Precision
rDS(ON) Current Sensing
-Low Cost
- Lossless
• Precision CORE Voltage Regulation
- Differential Remote Voltage Sensing
-
±0.8% System Accuracy
• Microprocessor Voltage Identification Input
- Dynamic VID technology
- 5-Bit VID Input
- 1.100V to 1.850V in 25mV Steps
• Programmable Power-On Bias Level
• Programmable Droop Voltage
• Fast Transient Recovery Time
• Precision Enable Threshold
• Overcurrent Protection
• 2-, 3-, or 4-Phase Operation
• High Ripple Frequency. Channel Frequency Times
Number Channels (100kHz to 6MHz)
Pinout
ISL6557 24 PIN (SOIC)
TOP VIEW
Ordering Information
PART NUMBER
TEMP. (oC)
PACKAGE
PKG. DWG. #
ISL6557CB
0 to 70
24-Ld SOIC
M24.3
ISL6557CB-T
24-Ld SOIC Tape and Reel
VID4
VID3
VID2
VID1
VID0
IOUT
PWM2
PGOOD
PWM3
ISEN4
ISEN1
VDIFF
ISEN3
FB
PWM4
VSEN
COMP
PWM1
ISEN2
RGND
GND
FS
EN
VCC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
Data Sheet
August 2003
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2003. All Rights Reserved.
All other trademarks mentioned are the property of their respective owners. Dynamic VID™ is a trademark of Intersil Americas Inc.


Similar Part No. - ISL6557CB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6557CB RENESAS-ISL6557CB Datasheet
982Kb / 17P
   Multi-Phase PWM Controller for Core-Voltage Regulation
August 2003
ISL6557CB-T RENESAS-ISL6557CB-T Datasheet
982Kb / 17P
   Multi-Phase PWM Controller for Core-Voltage Regulation
August 2003
More results

Similar Description - ISL6557CB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6557A INTERSIL-ISL6557A Datasheet
540Kb / 19P
   Multi-Phase PWM Controller for Core-Voltage Regulation
logo
Renesas Technology Corp
ISL6557 RENESAS-ISL6557 Datasheet
982Kb / 17P
   Multi-Phase PWM Controller for Core-Voltage Regulation
August 2003
logo
Intersil Corporation
ISL6590 INTERSIL-ISL6590 Datasheet
1Mb / 24P
   Digital Multi-Phase PWM Controller for Core-Voltage Regulation
logo
Renesas Technology Corp
ISL6557A RENESAS-ISL6557A Datasheet
937Kb / 18P
   Multiphase PWM Controller for CORE Voltage Regulation
logo
Intersil Corporation
ISL6553 INTERSIL-ISL6553_04 Datasheet
672Kb / 15P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
logo
Renesas Technology Corp
HIP6311A RENESAS-HIP6311A Datasheet
778Kb / 16P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
ISL6552 RENESAS-ISL6552 Datasheet
863Kb / 18P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
HIP6304 RENESAS-HIP6304 Datasheet
756Kb / 14P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
March 2000
logo
Intersil Corporation
HIP6304 INTERSIL-HIP6304 Datasheet
176Kb / 14P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
HIP6302 INTERSIL-HIP6302_04 Datasheet
441Kb / 16P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com