Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6529CRZ-T Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL6529CRZ-T
Description  Dual Regulator.Synchronous Rectified Buck PWM and Linear Power Controller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6529CRZ-T Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL6529CRZ-T Datasheet HTML 2Page - Intersil Corporation ISL6529CRZ-T Datasheet HTML 3Page - Intersil Corporation ISL6529CRZ-T Datasheet HTML 4Page - Intersil Corporation ISL6529CRZ-T Datasheet HTML 5Page - Intersil Corporation ISL6529CRZ-T Datasheet HTML 6Page - Intersil Corporation ISL6529CRZ-T Datasheet HTML 7Page - Intersil Corporation ISL6529CRZ-T Datasheet HTML 8Page - Intersil Corporation ISL6529CRZ-T Datasheet HTML 9Page - Intersil Corporation ISL6529CRZ-T Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
6
FN9070.5
April 12, 2005
Functional Pin Descriptions
LGATE (Pin 1), (Pin 16 QFN)
Lower gate drive output. Connect to gate of the low-side
MOSFET.
PGND (Pin 2), (Pin 1 QFN)
This pin is the power ground return for the lower gate driver.
GND (Pin 3), (Pin 2 QFN)
Signal ground for the IC. All voltage levels are measured
with respect to this pin. Place via close to pin to minimize
impedance path to ground plane.
5VCC (Pin 4), (Pin 3 QFN)
Provide a well decoupled 5V bias supply for the IC to this
pin. The voltage at this pin is monitored for Power-On Reset
(POR) purposes.
DRIVE2 (Pin 5), (Pin 4 QFN)
Connect this pin to the gate terminal of an external
N-Channel MOSFET transistor. This pin provides the gate
voltage for the linear regulator pass transistor. It also
provides a means of compensating the error amplifier for
applications where the user needs to optimize the regulator
transient response.
COMP Low Output, Sink Current
IOUT Low
2.5
3.5
-
mA
Undervoltage Level (VFB/VREF)VUV
-
51.5
-
%
PWM CONTROLLER GATE DRIVERS
UGATE and LGATE Maximum Voltage
VHGATE
12VCC = 12V
11
12
-
V
UGATE and LGATE Minimum Voltage
VLGATE
12VCC = 12V
-
0
0.5
V
UGATE and LGATE Source Current
IGATE
12VCC = 12V
-
-1
-
A
UGATE and LGATE Sink Current
IGATE
12VCC = 12V
-
1
-
A
UGATE and LGATE OUTPUT IMPEDANCE
RDS(on)
12VCC = 12V
-
3.1
4.3
LINEAR REGULATOR (DRIVE2)
DC Gain
RL = 10K, CL = 10pF
-
80
-
dB
Gain-Bandwidth Product
GBWP
RL = 10K, CL = 10pF
-
15
-
MHz
Slew Rate
SR
RL = 10K, CL = 10pF
-
6
-
V
/µs
FB2 Input Current
II
VFB2 = 0.8V
-
20
150
nA
Drive2 High Output Voltage
VOUT High
9.5
10.3
-
V
Drive2 Low Output Voltage
VOUT Low
-
0.1
1.0
V
Drive2 High Output Source Current
IOUT High
-0.7
-1.4
-
mA
Drive2 Low Output Sink Current
IOUT Low
0.85
1.2
-
mA
Over-Voltage Level (VFB2/VREF)VOV
Percent of Nominal
-
160
-
%
Under-Voltage Level (VFB2/VREF)VUV
Percent of Nominal
-
51.5
-
%
REGULATOR ISOLATION
Change in Linear Regulator Output Voltage
(Note 4)
∆Vout
Linear Output = 2.5V, 6A Load Change on PWM
-
<0.5
-
%
Change in PWM Regulator Output Voltage
(Note 4)
∆Vout
PWM Output = 1.5V, 1A Load Change on Linear
-
<0.5
-
%
NOTE:
4. Measured in the evaluation board.
Electrical Specifications
Recommended Operating Conditions, Unless Otherwise Noted. Refer to Block and Simplified Power System
Diagrams, and Typical Application Schematic (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
5VCC
GND
DRIVE2
FB2
UGATE
FB
COMP
LGATE
14
13
12
11
1
2
3
4
10
9
8
5
6
7
12VCC
PGND
NC
NC = NO INTERNAL
NC
NC
NC
CONNECTION
ISL6529, ISL6529A


Similar Part No. - ISL6529CRZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6529CRZ RENESAS-ISL6529CRZ Datasheet
1Mb / 20P
   Dual Regulator?밪ynchronous Rectified Buck PWM and Linear Power Controllers
More results

Similar Description - ISL6529CRZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6529A INTERSIL-ISL6529A Datasheet
376Kb / 15P
   Dual Regulator.Synchronous Rectified Buck PWM and Linear Power Controller
logo
Renesas Technology Corp
ISL6529 RENESAS-ISL6529 Datasheet
1Mb / 20P
   Dual Regulator?밪ynchronous Rectified Buck PWM and Linear Power Controllers
ISL6549 RENESAS-ISL6549 Datasheet
854Kb / 18P
   Single 12V Input Supply Dual Regulator ?봖ynchronous Rectified Buck PWM and Linear Power Controller
logo
Intersil Corporation
ISL6549 INTERSIL-ISL6549 Datasheet
438Kb / 18P
   Single 12V Input Supply Dual Regulator Synchronous Rectified Buck PWM and Linear Power Controller
ISL6528 INTERSIL-ISL6528_06 Datasheet
367Kb / 13P
   Dual Regulator - Standard Buck PWM and Linear Power Controller
logo
ON Semiconductor
NCP5220A ONSEMI-NCP5220A Datasheet
172Kb / 18P
   3?뭝n?? PWM Dual Buck and Linear Power Controller
December, 2005 ??Rev. 4
logo
Intersil Corporation
ISL6528 INTERSIL-ISL6528 Datasheet
390Kb / 13P
   Dual Regulator - Standard Buck PWM and Linear Power Controller
logo
ON Semiconductor
NCP5220 ONSEMI-NCP5220 Datasheet
174Kb / 18P
   3?뭝n?? PWM Dual Buck and Linear Power Controller
November, 2004 ??Rev. 4
logo
Renesas Technology Corp
ISL6528 RENESAS-ISL6528 Datasheet
742Kb / 13P
   Dual Regulator - Standard Buck PWM and Linear Power Controller
logo
Silicon Standard Corp.
SS7529 SSC-SS7529 Datasheet
587Kb / 8P
   Synchronous Buck PWM and Linear Power Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com