Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6554CB-T Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL6554CB-T
Description  Microprocessor CORE Voltage Regulator Using Multi-Phase Buck PWM Control Without Programmable Droop
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6554CB-T Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL6554CB-T Datasheet HTML 5Page - Intersil Corporation ISL6554CB-T Datasheet HTML 6Page - Intersil Corporation ISL6554CB-T Datasheet HTML 7Page - Intersil Corporation ISL6554CB-T Datasheet HTML 8Page - Intersil Corporation ISL6554CB-T Datasheet HTML 9Page - Intersil Corporation ISL6554CB-T Datasheet HTML 10Page - Intersil Corporation ISL6554CB-T Datasheet HTML 11Page - Intersil Corporation ISL6554CB-T Datasheet HTML 12Page - Intersil Corporation ISL6554CB-T Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
FN9003.3
February 11, 2005
Note that Figure 5 shows the 12V gate driver voltage
available before the 5V supply to the ISL6554 has reached
its threshold level. If conditions were reversed and the 5V
supply was to rise first, the start-up sequence would be
different. In this case the ISL6554 will sense an overcurrent
condition due to charging the output capacitors. The supply
will then restart and go through the normal soft-start cycle.
Fault Protection
The ISL6554 protects the microprocessor and the entire
power system from damaging stress levels. Within the
ISL6554 both Overvoltage and Overcurrent circuits are
incorporated to protect the load and regulator.
Overvoltage
The VSEN pin is connected to the microprocessor CORE
voltage. A CORE overvoltage condition is detected when the
VSEN pin goes more than 15% above the programmed VID
level.
The overvoltage condition is latched, disabling normal PWM
operation, and causing PGOOD to go low. The latch can
only be reset by lowering and returning VCC high to initiate a
POR and soft-start sequence.
During a latched overvoltage, the PWM outputs will be driven
either low or three state, depending upon the VSEN input.
PWM outputs are driven low when the VSEN pin detects that
the CORE voltage is 15% above the programmed VID level.
This condition drives the PWM outputs low, resulting in the
lower or synchronous rectifier MOSFETs to conduct and shunt
the CORE voltage to ground to protect the load.
If after this event, the CORE voltage falls below the over-
voltage limit (plus some hysteresis), the PWM outputs will
three state. The HIP6601 family drivers pass the three-state
information along, and shuts off both upper and lower
MOSFETs. This prevents “dumping” of the output capacitors
back through the lower MOSFETs, avoiding a possibly
destructive ringing of the capacitors and output inductors. If
the conditions that caused the overvoltage still persist, the
PWM outputs will be cycled between three state and VCORE
clamped to ground, as a hysteretic shunt regulator.
Undervoltage
The VSEN pin also detects when the CORE voltage falls
more than 9% below the VID programmed level. This causes
PGOOD to go low, but has no other effect on operation and
is not latched. There is also hysteresis in this detection point.
Overcurrent
In the event of an overcurrent condition, the overcurrent
protection circuit reduces the RMS current delivered to 41%
of the current limit. When an overcurrent condition is
detected, the controller forces all PWM outputs into a three
state mode. This condition results in the gate driver
removing drive to the output stages. The ISL6554 goes into
a wait delay timing cycle that is equal to the soft-start ramp
PWM 1
PGOOD
VCORE
5V
OUTPUT
VCC
VIN = 12V
DELAY TIME
FIGURE 3. START-UP OF 4 PHASE SYSTEM OPERATING AT
500kHz
PGOOD
VCORE
5V
V COMP
VCC
VIN = 12V
DELAY TIME
FIGURE 4. START-UP OF 4 PHASE SYSTEM OPERATING AT
200kHz
12V ATX
SUPPLY
PGOOD
5 V ATX
VCORE
SUPPLY
ATX SUPPLY ACTIVATED BY ATX “PS-ON PIN”
VIN = 5V, CORE LOAD CURRENT = 31A
FIGURE 5. SUPPLY POWERED BY ATX SUPPLY
FREQUENCY 200kHz
ISL6554


Similar Part No. - ISL6554CB-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6554CB-T RENESAS-ISL6554CB-T Datasheet
768Kb / 16P
   Microprocessor CORE Voltage Regulator Using Multi-Phase Buck PWM ControlWithout Programmable Droop
More results

Similar Description - ISL6554CB-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6554 RENESAS-ISL6554 Datasheet
768Kb / 16P
   Microprocessor CORE Voltage Regulator Using Multi-Phase Buck PWM ControlWithout Programmable Droop
logo
Intersil Corporation
ISL6553 INTERSIL-ISL6553_04 Datasheet
672Kb / 15P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
logo
Renesas Technology Corp
HIP6311A RENESAS-HIP6311A Datasheet
778Kb / 16P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
ISL6552 RENESAS-ISL6552 Datasheet
863Kb / 18P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
HIP6304 RENESAS-HIP6304 Datasheet
756Kb / 14P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
March 2000
logo
Intersil Corporation
HIP6304 INTERSIL-HIP6304 Datasheet
176Kb / 14P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
HIP6302 INTERSIL-HIP6302_04 Datasheet
441Kb / 16P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
HIP6302CBZA-T INTERSIL-HIP6302CBZA-T Datasheet
459Kb / 16P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
HIP6311 INTERSIL-HIP6311_04 Datasheet
442Kb / 17P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
logo
Renesas Technology Corp
HIP6311 RENESAS-HIP6311 Datasheet
802Kb / 17P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com