Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6550AIR Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL6550AIR
Description  SAM Supervisor And Monitor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6550AIR Datasheet(HTML) 3 Page - Intersil Corporation

  ISL6550AIR Datasheet HTML 1Page - Intersil Corporation ISL6550AIR Datasheet HTML 2Page - Intersil Corporation ISL6550AIR Datasheet HTML 3Page - Intersil Corporation ISL6550AIR Datasheet HTML 4Page - Intersil Corporation ISL6550AIR Datasheet HTML 5Page - Intersil Corporation ISL6550AIR Datasheet HTML 6Page - Intersil Corporation ISL6550AIR Datasheet HTML 7Page - Intersil Corporation ISL6550AIR Datasheet HTML 8Page - Intersil Corporation ISL6550AIR Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
FN9036.4
January 18, 2005
Block Diagram
+
-
11
12
13
14
15
16
17
18
20
19
10
9
8
7
6
5
4
3
2
1
VCC
VOPP
VOPM
VOPOUT
VREF5
GND
OVUVTH
BDAC
DACHI
DACLO
UVDLY
PGOOD
START
PEN
OVUVSEN
VID0
VID1
VID2
VID3
VID4
THRESHOLD
PROGRAM
5V REF
BUFFERED
OPAMP
UVDELAY
R1
R2
R3
R4
R5
UVLOCKOUT
5V
10
µA TO 5V
10
µA TO 5V
(EACH VID PIN)
(POR)
OV
UV
PEN: H = ENABLE; L = DISABLE
POR: H = VDD TOO LOW; L = VDD OK
OV: H = OVERVOLTAGE; L = OK
UV: H = UNDERVOLTAGE; L = OK
UVD: H = UV DELAY TIMED OUT;
FAULT
R
S
LATCH
Q
NOTE: S input dominates Q
POR
OV
UV
UVD
PEN
PEN
POR
Q: H = FAULT;
L = NO FAULT
Q
PEN
POR
Q
UV
A
FAULT
R
S
LATCH
Q
NOTE: S input dominates Q
POR
OV
UV
UVD
PEN
PEN
POR
Q: H = FAULT;
L = NO FAULT
Q
POR
OV
UV
C
PEN
LOGIC BLOCK
SEE OPTIONS A, C BELOW
UV/OV HYST:
SEE NOTE
BELOW
NOTE: UV/OV
Hysteresis = 10%
NOTE: UV/OV
Hysteresis = 10%
ST
PG
ST
PG
C1
(OPT)
RST
RPG
5-BIT
DAC _BUFFER
DAC
ST
PG
NOTE: Pin numbers shown are for the 20 lead SOIC package. Please check PINOUT diagrams for QFN pin numbers.
L = NO TIME-OUT
ISL6550A, ISL6550C


Similar Part No. - ISL6550AIR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6551 INTERSIL-ISL6551 Datasheet
619Kb / 26P
   ZVS Full Bridge PWM Controller
ISL6551 INTERSIL-ISL6551 Datasheet
616Kb / 26P
   ZVS Full Bridge PWM Controller
logo
Renesas Technology Corp
ISL6551 RENESAS-ISL6551 Datasheet
1Mb / 27P
   ZVS Full Bridge PWM Controller
Oct 28, 2015
logo
Intersil Corporation
ISL6551AB INTERSIL-ISL6551AB Datasheet
619Kb / 26P
   ZVS Full Bridge PWM Controller
ISL6551AB-T INTERSIL-ISL6551AB-T Datasheet
619Kb / 26P
   ZVS Full Bridge PWM Controller
More results

Similar Description - ISL6550AIR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS389006 TI-TPS389006 Datasheet
3Mb / 120P
[Old version datasheet]   TPS389006 Multichannel Overvoltage and Undervoltage I2C Programmable Voltage Supervisor and Monitor
JUNE 2023
TPS389006-Q1 TI-TPS389006-Q1 Datasheet
2Mb / 10P
[Old version datasheet]   TPS389006-Q1 Multichannel Overvoltage and Undervoltage I2C Programmable Voltage Supervisor and Monitor
MARCH 2022
logo
Linear Technology
LTC1726 LINER-LTC1726_15 Datasheet
227Kb / 14P
   Triple Supply Monitor and P Supervisor with Adjustable Reset and Watchdog Timer
LTC1726 LINER-LTC1726 Datasheet
172Kb / 12P
   Triple Supply Monitor and uP Supervisor with Adjustable Reset and Watchdog Timer
logo
Texas Instruments
TPS389006-Q1 TI-TPS389006-Q1_V01 Datasheet
4Mb / 120P
[Old version datasheet]   TPS389006-Q1 Multichannel Overvoltage and Undervoltage I2C Programmable Voltage Supervisor and Monitor
REVISED MAY 2023
logo
Linear Technology
LTC1726 LINER-LTC1726_1 Datasheet
178Kb / 12P
   Triple Supply Monitor and 짰 Supervisor with Adjustable Reset and Watchdog Timer
logo
Microchip Technology
TC32M MICROCHIP-TC32M_13 Datasheet
155Kb / 14P
   ECONOMONITOR????3-Pin System Supervisor with Power Supply Monitor and Watchdog
11/27/12 2001-2012
logo
Intersil Corporation
X40020 INTERSIL-X40020 Datasheet
346Kb / 24P
   Dual Voltage Monitor with Intergrated CPU Supervisor and System Battery Switch
X40430 INTERSIL-X40430_06 Datasheet
405Kb / 26P
   Triple Voltage Monitor with Integrated CPU Supervisor
logo
Renesas Technology Corp
X40010 RENESAS-X40010 Datasheet
933Kb / 24P
   Dual Voltage Monitor with Integrated CPU Supervisor
March 28, 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com