Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ISL6553 Datasheet(PDF) 3 Page - Intersil Corporation

Part No. ISL6553
Description  Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6553 Datasheet(HTML) 3 Page - Intersil Corporation

  ISL6553 Datasheet HTML 1Page - Intersil Corporation ISL6553 Datasheet HTML 2Page - Intersil Corporation ISL6553 Datasheet HTML 3Page - Intersil Corporation ISL6553 Datasheet HTML 4Page - Intersil Corporation ISL6553 Datasheet HTML 5Page - Intersil Corporation ISL6553 Datasheet HTML 6Page - Intersil Corporation ISL6553 Datasheet HTML 7Page - Intersil Corporation ISL6553 Datasheet HTML 8Page - Intersil Corporation ISL6553 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3
Functional Pin Description
VID3 (Pin 1), VID2 (Pin 2), VID1 (Pin 3), VID0 (Pin 4)
and VID25mV (Pin 5)
Voltage Identification inputs from microprocessor. These pins
respond to TTL and 3.3V logic signals. The ISL6553 decodes
VID bits to establish the output voltage. See Table 1.
COMP (Pin 6)
Output of the internal error amplifier. Connect this pin to the
external feedback and compensation network.
FB (Pin 7)
Inverting input of the internal error amplifier.
FS/DIS (Pin 8)
Channel frequency, FSW, select and disable. A resistor from
this pin to ground sets the switching frequency of the
converter. Pulling this pin to ground disables the converter
and three states the PWM outputs. See Figure 10.
GND (Pin 9)
Bias and reference ground. All signals are referenced to this
pin.
VSEN (Pin 10)
Power good monitor input. Connect to the microprocessor-
CORE voltage.
ISEN2 (Pin 11) and ISEN1 (Pin 14)
Current sense inputs from the individual converter channel’s
phase nodes.
PWM2 (Pin 12) and PWM1 (Pin 13)
PWM outputs for each driven channel in use. Connect these
pins to the PWM input of a HIP6601/2/3 driver.
PGOOD (Pin 15)
Power good. This pin provides a logic-high signal when the
microprocessor CORE voltage (VSEN pin) is within specified
limits and Soft-Start has timed out.
VCC (Pin 16)
Bias supply. Connect this pin to a 5V supply.
Typical Application - Two Phase Converter Using HIP6601 Gate Drivers
VID3
VID2
VID1
VID0
VID25mV
FS/DIS
VSEN
PGOOD
PWM1
PWM2
VCC
FB
ISEN1
COMP
ISEN2
GND
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
MAIN
CONTROL
ISL6553
VID2
VID25mV
PGOOD
FB
+5V
COMP
PWM2
PWM1
ISEN2
ISEN1
VSEN
DRIVER
HIP6601
PWM
VCC
BOOT
UGATE
PHASE
LGATE
VIN = +5V
PVCC
PWM
VCC
BOOT
UGATE
PHASE
LGATE
VIN = +5V
DRIVER
HIP6601
PVCC
FS/DIS
GND
GND
GND
VCC
+VCORE
+12V
+12V
VID1
VID3
VID0
ISL6553


Similar Part No. - ISL6553

ManufacturerPart No.DatasheetDescription
Intersil Corporation
Intersil Corporation
ISL6553 INTERSIL-ISL6553 Datasheet
672Kb / 15P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
Renesas Technology Corp
Renesas Technology Corp
ISL6553 RENESAS-ISL6553 Datasheet
740Kb / 15P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
Intersil Corporation
Intersil Corporation
ISL6553CB INTERSIL-ISL6553CB Datasheet
672Kb / 15P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
Renesas Technology Corp
Renesas Technology Corp
ISL6553CB RENESAS-ISL6553CB Datasheet
740Kb / 15P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
Intersil Corporation
Intersil Corporation
ISL6553CBZ INTERSIL-ISL6553CBZ Datasheet
672Kb / 15P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
More results

Similar Description - ISL6553

ManufacturerPart No.DatasheetDescription
Intersil Corporation
Intersil Corporation
ISL6553 INTERSIL-ISL6553_04 Datasheet
672Kb / 15P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
Renesas Technology Corp
Renesas Technology Corp
HIP6311A RENESAS-HIP6311A Datasheet
778Kb / 16P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
ISL6552 RENESAS-ISL6552 Datasheet
863Kb / 18P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
Intersil Corporation
Intersil Corporation
HIP6302 INTERSIL-HIP6302_04 Datasheet
441Kb / 16P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
HIP6311 INTERSIL-HIP6311_04 Datasheet
442Kb / 17P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
HIP6302CBZA-T INTERSIL-HIP6302CBZA-T Datasheet
459Kb / 16P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
HIP6304 INTERSIL-HIP6304 Datasheet
176Kb / 14P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
Renesas Technology Corp
Renesas Technology Corp
HIP6311 RENESAS-HIP6311 Datasheet
802Kb / 17P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
Intersil Corporation
Intersil Corporation
HIP6301 INTERSIL-HIP6301 Datasheet
191Kb / 16P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
Renesas Technology Corp
Renesas Technology Corp
HIP6301 RENESAS-HIP6301 Datasheet
804Kb / 17P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz