Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N5236B Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # 1N5236B
Description  Zener Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

1N5236B Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  1N5236B Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 1N5236B Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Elektronische Bauelemente
1N52XXB Series
500 mW , DO-35
Zener Diodes
25-Mar-2011 Rev. D
Page 2 of 2
ELECTRICAL RATINGS (TA = 25°C unless otherwise specified)
Zener Voltage Range
2
Zener Impedance
3
Leakage Current
1
VZ
IZT
ZZT @ IZT
ZZK @ IZK
=0.25mA
IR @ VR
θ vz
4
Type Number
1
Min(V)
Nom(V) Max(V)
mA
μA
V
%/°c
1N5244B
13.3
14
14.7
9
15
600
0.1
10
+0.082
1N5245B
14.25
15
15.75
8.5
16
600
0.1
11
+0.082
1N5246B
15.2
16
16.8
7.8
17
600
0.1
12
+0.083
1N5247B
16.15
17
17.85
7.4
19
600
0.1
13
+0.084
1N5248B
17.1
18
18.9
7
21
600
0.1
14
+0.085
1N5249B
18.05
19
19.95
6.6
23
600
0.1
14
+0.086
1N5250B
19
20
21
6.2
25
600
0.1
15
+0.086
1N5251B
20.9
22
23.1
5.6
29
600
0.1
17
+0.087
1N5252B
22.8
24
25.2
5.2
33
600
0.1
18
+0.088
1N5253B
23.75
25
26.25
5
35
600
0.1
19
+0.089
1N5254B
25.65
27
28.35
4.6
41
600
0.1
21
+0.090
1N5255B
26.6
28
29.4
4.5
44
600
0.1
21
+0.091
1N5256B
28.5
30
31.5
4.2
49
600
0.1
23
+0.091
1N5257B
31.35
33
34.65
3.8
58
700
0.1
25
+0.092
1N5258B
34.2
36
37.8
3.4
70
700
0.1
27
+0.093
1N5259B
37.05
39
40.95
3.2
80
800
0.1
30
+0.094
1N5260B
40.85
43
45.15
3
93
800
0.1
33
+0.095
1N5261B
44.65
47
49.35
2.7
105
1000
0.1
36
+0.095
1N5262B
48.45
51
53.55
2.5
125
1100
0.1
39
+0.096
1N5263B
53.2
56
58.8
2.2
150
1300
0.1
43
+0.096
VF=1.1V Max @ IF=200mA for 60V below types, VF=1.4V Max @ IF=200mA for 60V above types
Notes:
1. TOLERANCE AND TYPE NUMBER DESIGNATION (VZ)
The type numbers listed have a standard tolerance on the nominal zener voltage of ± 5%.
2. ZENER VOLTAGE (VZ) MEASUREMENT
The zener voltage (VZ) is tested under pulse condition. The measured VZ is guaranteed to be within specification with device junction in
thermal equilibrium.
3. ZENER IMPEDANCE (VZ) DERIVATION
ZZT and ZZK are measured by dividing the AC voltage drop across the device by the AC current applied. The specified limits are for
IZ(AC) = 0.1 IZ(DC) with AC frequency = 60Hz.
4. TEMPERATURE COEFFICIENT(θvz)
Test conditions for temperature coefficient are as follows:
A.
IZT=7.5mA, T1 = 25°C, T2=125°C (1N5221B through 1N5242B)
B.
IZT=Rated IZT, T1 = 25°C, T2=125°C (1N5243B through 1N5281B)
Device to be temperature stabilized with current applied prior to reading breakdown voltage at the specified ambient temperature.


Similar Part No. - 1N5236B

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
1N5236B TGS-1N5236B Datasheet
264Kb / 3P
   Zener diode
logo
Vishay Siliconix
1N5236B VISHAY-1N5236B Datasheet
47Kb / 4P
   Silicon Z-Diodes
Rev. 2, 06-Aug-99
logo
Micro Commercial Compon...
1N5236B MCC-1N5236B Datasheet
550Kb / 5P
   500 mW Zener Diode 2.4 to 75 Volts
logo
Yea Shin Technology Co....
1N5236B YEASHIN-1N5236B Datasheet
1Mb / 10P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
Tak Cheong Electronics ...
1N5236B TAK_CHEONG-1N5236B Datasheet
332Kb / 5P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
More results

Similar Description - 1N5236B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com