Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6552 Datasheet(PDF) 13 Page - Intersil Corporation

Part # ISL6552
Description  Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6552 Datasheet(HTML) 13 Page - Intersil Corporation

Back Button ISL6552 Datasheet HTML 9Page - Intersil Corporation ISL6552 Datasheet HTML 10Page - Intersil Corporation ISL6552 Datasheet HTML 11Page - Intersil Corporation ISL6552 Datasheet HTML 12Page - Intersil Corporation ISL6552 Datasheet HTML 13Page - Intersil Corporation ISL6552 Datasheet HTML 14Page - Intersil Corporation ISL6552 Datasheet HTML 15Page - Intersil Corporation ISL6552 Datasheet HTML 16Page - Intersil Corporation ISL6552 Datasheet HTML 17Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
13
controller is under full load. This droop compensation allows
larger transient voltage deviations and thus reduces the size
and cost of the output filter components.
RIN should be selected to give the desired “droop” voltage at
the normal full load current 50
µA applied through the RISEN
resistor (or at a different full load current if adjusted as
outlined in the Over-Current, Selecting RISEN section).
RIN = Vdroop/50µA
For a Vdroop of 80mV, RIN = 1.6kΩ
The AC feedback components, RFB and Cc, are scaled in
relation to RIN.
Current Balancing
The detected currents are also used to balance the phase
currents.
Each phase’s current is compared to the average of all
phase currents, and the difference is used to create an offset
in that phase’s PWM comparator. The offset is in a direction
to reduce the imbalance.
The balancing circuit can not make up for a difference in
rDS(ON) between synchronous rectifiers. If a FET has a higher
rDS(ON), the current through that phase will be reduced.
Figures 8 and 9 show the inductor current of a two phase
system without and with current balancing.
Inductor Current
The inductor current in each phase of a multi-phase Buck
converter has two components. There is a current equal to
the load current divided by the number of phases (ILT / n),
and a sawtooth current, (iPK-PK) resulting from switching.
The sawtooth component is dependent on the size of the
inductors, the switching frequency of each phase, and the
values of the input and output voltage. Ignoring secondary
effects, such as series resistance, the peak to peak value of
the sawtooth current can be described by:
iPK-PK = (VIN x VCORE - VCORE
2)/(L x F
SW x VIN)
Where:
VCORE = DC value of the output or VID voltage
VIN = DC value of the input or supply voltage
L = value of the inductor
FSW = switching frequency
Example: For VCORE= 1.6V,
VIN = 12V,
L = 1.3
µH,
FSW = 250kHz,
Then iPK-PK = 4.3A
The inductor, or load current, flows alternately from VIN
through Q1 and from ground through Q2. The ISL6552
samples the on-state voltage drop across each Q2 transistor
to indicate the inductor current in that phase. The voltage
drop is sampled 1/3 of a switching period, i/FSW, after Q1 is
turned OFF and Q2 is turned on. Because of the sawtooth
current component, the sampled current is different from the
average current per phase. Neglecting secondary effects,
the sampled current (ISAMPLE) can be related to the load
current (ILT) by:
ISAMPLE = ILT / n + (VINVCORE -3VCORE
2)/(6L x F
SW x VIN)
Where:
ILT = total load current
n = the number of channels
Example: Using the previously given conditions, and
For
ILT = 100A,
n = 4
Then
ISAMPLE = 25.49A
As discussed previously, the voltage drop across each Q2
transistor at the point in time when current is sampled is
rDSON (Q2) x ISAMPLE. The voltage at Q2’s drain, the
PHASE node, is applied through the RISEN resistor to the
ISL6552 ISEN pin. This pin is held at virtual ground, so the
current into ISEN is:
ISENSE = ISAMPLE x rDS(ON) (Q2)/RISEN.
RIsen = ISAMPLE x rDS(ON) (Q2)/50µA
0
5
10
15
20
25
FIGURE 8. TWO CHANNEL MULTI-PHASE SYSTEM WITH
CURRENT BALANCING DISABLED
0
5
10
15
20
25
FIGURE 9. TWO CHANNEL MULTI-PHASE SYSTEM WITH
CURRENT BALANCING ENABLED
ISL6552


Similar Part No. - ISL6552

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6552 INTERSIL-ISL6552 Datasheet
484Kb / 18P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
logo
Renesas Technology Corp
ISL6552 RENESAS-ISL6552 Datasheet
863Kb / 18P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
logo
Intersil Corporation
ISL6552CB INTERSIL-ISL6552CB Datasheet
484Kb / 18P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
logo
Renesas Technology Corp
ISL6552CB RENESAS-ISL6552CB Datasheet
863Kb / 18P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
logo
Intersil Corporation
ISL6552CBZ INTERSIL-ISL6552CBZ Datasheet
484Kb / 18P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
More results

Similar Description - ISL6552

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6553 INTERSIL-ISL6553_04 Datasheet
672Kb / 15P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
logo
Renesas Technology Corp
HIP6311A RENESAS-HIP6311A Datasheet
778Kb / 16P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
ISL6552 RENESAS-ISL6552 Datasheet
863Kb / 18P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
HIP6304 RENESAS-HIP6304 Datasheet
756Kb / 14P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
March 2000
logo
Intersil Corporation
HIP6304 INTERSIL-HIP6304 Datasheet
176Kb / 14P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
HIP6302 INTERSIL-HIP6302_04 Datasheet
441Kb / 16P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
HIP6302CBZA-T INTERSIL-HIP6302CBZA-T Datasheet
459Kb / 16P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
HIP6311 INTERSIL-HIP6311_04 Datasheet
442Kb / 17P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
logo
Renesas Technology Corp
HIP6311 RENESAS-HIP6311 Datasheet
802Kb / 17P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
logo
Intersil Corporation
HIP6301 INTERSIL-HIP6301 Datasheet
191Kb / 16P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
ISL6553 INTERSIL-ISL6553 Datasheet
182Kb / 15P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com