Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ISL6552 Datasheet(PDF) 9 Page - Intersil Corporation

Part No. ISL6552
Description  Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6552 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL6552 Datasheet HTML 5Page - Intersil Corporation ISL6552 Datasheet HTML 6Page - Intersil Corporation ISL6552 Datasheet HTML 7Page - Intersil Corporation ISL6552 Datasheet HTML 8Page - Intersil Corporation ISL6552 Datasheet HTML 9Page - Intersil Corporation ISL6552 Datasheet HTML 10Page - Intersil Corporation ISL6552 Datasheet HTML 11Page - Intersil Corporation ISL6552 Datasheet HTML 12Page - Intersil Corporation ISL6552 Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
9
width of the comparator to compensate for the detected
“above average” current in that channel.
Droop Compensation
In addition to control of each power channel’s output current,
the average channel current is also used to provide CORE
voltage “droop” compensation. Average full channel current
is defined as 50
µA. By selecting an input resistor, RIN, the
amount of voltage droop required at full load current can be
programmed. The average current driven into the FB pin
results in a voltage increase across resistor RIN that is in the
direction to make the error amplifier “see” a higher voltage at
the inverting input, resulting in the error amplifier adjusting
the output voltage lower. The voltage developed across RIN
is equal to the “droop” voltage. See the “Current Sensing
and Balancing” section for more details.
Applications and Converter Start-Up
Each PWM power channel’s current is regulated. This
enables the PWM channels to accurately share the load
current for enhanced reliability. The HIP6601, HIP6602 or
HIP6603 MOSFET driver interfaces with the ISL6552. For
more information, see the HIP6601, HIP6602 or HIP6603
data sheets [1][2].
The ISL6552 is capable of controlling up to 4 PWM power
channels. Connecting unused PWM outputs to VCC
automatically sets the number of channels. The phase
relationship between the channels is 360o/number of active
PWM channels. For example, for three channel operation,
the PWM outputs are separated by 120o. Figure 2 shows
the PWM output signals for a four channel system.
Power supply ripple frequency is determined by the channel
frequency, FSW, multiplied by the number of active
channels. For example, if the channel frequency is set to
250kHz and there are three phases, the ripple frequency is
750kHz.
The IC monitors and precisely regulates the CORE voltage
of a microprocessor. After initial start-up, the controller also
provides protection for the load and the power supply. The
following section discusses these features.
Initialization
The ISL6552 usually operates from an ATX power supply.
Many functions are initiated by the rising supply voltage to
the VCC pin of the ISL6552. Oscillator, sawtooth generator,
soft-start and other functions are initialized during this
interval. These circuits are controlled by POR, Power-On
Reset. During this interval, the PWM outputs are driven to a
three state condition that makes these outputs essentially
open. This state results in no gate drive to the output
MOSFETs.
Once the VCC voltage reaches 4.375V (+125mV), a voltage
level to insure proper internal function, the PWM outputs are
enabled and the Soft-Start sequence is initiated. If for any
reason, the VCC voltage drops below 3.875V (+125mV).
The POR circuit shuts the converter down and again three
states the PWM outputs.
Soft-Start
After the POR function is completed with VCC reaching
4.375V, the Soft-Start sequence is initiated. Soft-Start, by its
slow rise in CORE voltage from zero, avoids an over-current
condition by slowly charging the discharged output
capacitors. This voltage rise is initiated by an internal DAC
that slowly raises the reference voltage to the error amplifier
input. The voltage rise is controlled by the oscillator
frequency and the DAC within the ISL6552, therefore, the
output voltage is effectively regulated as it rises to the final
programmed CORE voltage value.
For the first 32 PWM switching cycles, the DAC output
remains inhibited and the PWM outputs remain three stated.
From the 33rd cycle and for another, approximately 150
cycles the PWM output remains low, clamping the lower
output MOSFETs to ground, see Figure 3. The time
variability is due to the error amplifier, sawtooth generator
and comparators moving into their active regions. After this
short interval, the PWM outputs are enabled and increment
the PWM pulse width from zero duty cycle to operational
pulse width, thus allowing the output voltage to slowly reach
the CORE voltage. The CORE voltage will reach its
programmed value before the 2048 cycles, but the PGOOD
output will not be initiated until the 2048th PWM switching
cycle.
The Soft-Start time or delay time, DT = 2048/FSW. For an
oscillator frequency, FSW, of 200kHz, the first 32 cycles or
160
µs, the PWM outputs are held in a three state level as
explained above. After this period and a short interval
described above, the PWM outputs are initiated and the
voltage rises in 10.08ms, for a total delay time DT of
10.24ms.
PWM 1
PWM 2
PWM 3
PWM 4
FIGURE 2. FOUR PHASE PWM OUTPUT AT 500kHz
ISL6552


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn