Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ISL6552 Datasheet(PDF) 7 Page - Intersil Corporation

Part No. ISL6552
Description  Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6552 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL6552 Datasheet HTML 3Page - Intersil Corporation ISL6552 Datasheet HTML 4Page - Intersil Corporation ISL6552 Datasheet HTML 5Page - Intersil Corporation ISL6552 Datasheet HTML 6Page - Intersil Corporation ISL6552 Datasheet HTML 7Page - Intersil Corporation ISL6552 Datasheet HTML 8Page - Intersil Corporation ISL6552 Datasheet HTML 9Page - Intersil Corporation ISL6552 Datasheet HTML 10Page - Intersil Corporation ISL6552 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
7
Absolute Maximum Ratings
Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .+7V
Input, Output, or I/O Voltage . . . . . . . . . . GND -0.3V to VCC + 0.3V
ESD Classification . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.5KV
Recommended Operating Conditions
Supply Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +5V
±5%
Ambient Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . 0oC to 70oC
Thermal Information
Thermal Resistance
θJA (oC/W) θJC (oC/W)
SOIC Package (Note 1) . . . . . . . . . . . .
65
NA
QFN Package (Notes 2, 3). . . . . . . . . .
33
4.5
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . 150oC
Maximum Storage Temperature Range . . . . . . . . . -65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300oC
(SOIC - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1.
θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
2.
θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See
Tech Brief TB379.
3. For
θJC, the “case temp” location is the center of the exposed metal pad on the package underside.
Electrical Specifications
Operating Conditions: VCC = 5V, TA = 0
oC to 70oC, Unless Otherwise Specified
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
INPUT SUPPLY POWER
Input Supply Current
RT = 100kΩ
-10
15
mA
POR (Power-On Reset) Threshold
VCC Rising
4.25
4.38
4.5
V
VCC Falling
3.75
3.88
4.00
V
REFERENCE AND DAC
DAC Voltage Accuracy
-1
-
1
%
DAC Pin Input Low Voltage Threshold
--
0.8
V
DAC Pin Input High Voltage Threshold
2.0
-
-
V
VID Pull-Up
VIDx = 0V or VIDx = 3V
10
20
40
µA
OSCILLATOR
Frequency, FSW
RT = 100kΩ, ±1%
224
280
336
kHz
Adjustment Range
(See Figure 10)
0.05
-
1.5
MHz
Disable Voltage
Maximum voltage at FS/DIS to disable controller. IFS/DIS = 1mA.
-
1.2
1.0
V
ERROR AMPLIFIER
DC Gain
RL = 10K to ground
-
72
-
dB
Gain-Bandwidth Product
CL = 100pF, RL = 10K to ground
-
18
-
MHz
Slew Rate
CL = 100pF, RL = 10K to ground
-
5.3
-
V/
µs
Maximum Output Voltage
RL = 10K to ground
3.6
4.1
-
V
Minimum Output Voltage
RL = 10K to ground
-
0.16
0.5
V
ISEN
Full Scale Input Current
-50
-
µA
Over-Current Trip Level
-
82.5
-
µA
POWER GOOD MONITOR
Under-Voltage Threshold
VSEN Rising
-
0.92
-
VDAC
Under-Voltage Threshold
VSEN Falling
-
0.90
-
VDAC
PGOOD Low Output Voltage
IPGOOD = 4mA
-
0.18
0.4
V
PROTECTION
Over-Voltage Threshold
VSEN Rising
1.12
1.15
1.2
VDAC
Percent Over-Voltage Hysteresis
VSEN Falling after Over-Voltage
-
2
-
%
ISL6552


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn