Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ISL6552 Datasheet(PDF) 5 Page - Intersil Corporation

Part No. ISL6552
Description  Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6552 Datasheet(HTML) 5 Page - Intersil Corporation

  ISL6552 Datasheet HTML 1Page - Intersil Corporation ISL6552 Datasheet HTML 2Page - Intersil Corporation ISL6552 Datasheet HTML 3Page - Intersil Corporation ISL6552 Datasheet HTML 4Page - Intersil Corporation ISL6552 Datasheet HTML 5Page - Intersil Corporation ISL6552 Datasheet HTML 6Page - Intersil Corporation ISL6552 Datasheet HTML 7Page - Intersil Corporation ISL6552 Datasheet HTML 8Page - Intersil Corporation ISL6552 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
5
ISEN1, ISEN2, ISEN3 and ISEN4
Current sense inputs from the individual converter channel’s
phase nodes. Unused sense lines MUST be left open.
PGOOD
Power good. This pin provides a logic-high signal when the
microprocessor CORE voltage (VSEN pin) is within specified
limits and Soft-Start has timed out.
VCC
Bias supply. Connect this pin to a 5V supply.
Typical Application - 2 Phase Converter Using HIP6601 Gate Drivers
MAIN
CONTROL
ISL6552
VID3
VID0
PGOOD
FB
+5V
COMP
PWM3
PWM2
PWM1
ISEN3
ISEN2
ISEN1
VSEN
DRIVER
HIP6601
PWM
VCC
BOOT
UGATE
PHASE
LGATE
VIN = +5V
PVCC
PWM
VCC
BOOT
UGATE
PHASE
LGATE
VIN = +5V
DRIVER
HIP6601
PVCC
FS/DIS
PWM4
ISEN4
NC
GND
GND
GND
VCC
+VCORE
NC
+12V
+12V
VID2
VID25mV
VID1
ISL6552


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn