Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6529ACB-T Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL6529ACB-T
Description  Dual Regulator.Synchronous Rectified Buck PWM and Linear Power Controller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6529ACB-T Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL6529ACB-T Datasheet HTML 6Page - Intersil Corporation ISL6529ACB-T Datasheet HTML 7Page - Intersil Corporation ISL6529ACB-T Datasheet HTML 8Page - Intersil Corporation ISL6529ACB-T Datasheet HTML 9Page - Intersil Corporation ISL6529ACB-T Datasheet HTML 10Page - Intersil Corporation ISL6529ACB-T Datasheet HTML 11Page - Intersil Corporation ISL6529ACB-T Datasheet HTML 12Page - Intersil Corporation ISL6529ACB-T Datasheet HTML 13Page - Intersil Corporation ISL6529ACB-T Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
10
FN9070.5
April 12, 2005
Modulator Break Frequency Equations
The compensation network consists of the error amplifier
and the impedance networks ZIN and ZFB. They provide the
link between the modulator transfer function and a
controllable closed loop transfer function of VOUT/VREF. The
goal of component selection for the compensation network is
to provide a loop gain with high 0dB crossing frequency
(f0dB) and adequate phase margin. Phase margin is the
difference between the closed loop phase at f0dB and 180
degrees.
Compensation Break Frequency Equations
Follow this procedure for selecting compensation
components by locating the poles and zeros of the
compensation network:
1. Set the loop gain (R2/R1) to provide a converter
bandwidth of one quarter of the switching frequency.
2. Place the first compensation zero, FZ1, below the output
filter double pole (~75% FLC).
3. Position the second compensation zero, FZ2, at the
output filter double pole, FLC.
4. Locate the first compensation pole, FP1, at the output
filter ESR zero, FESR.
5. Position the second compensation pole at half the
converter switching frequency, FSW.
6. Check gain against error amplifier’s open-loop gain.
7. Estimate phase margin; repeat if necessary.
FIGURE 6. VOLTAGE-MODE BUCK CONVERTER
COMPENSATION DESIGN
VOUT
VREF
LOUT
CO
ESR
VIN
V
OSC
ERROR
AMP
PWM
DRIVER
(PARASITIC)
+
-
0.8V
R1
R3
R2
C3
C2
C1
COMP
VOUT
FB
ZFB
ISL6529
ZIN
COMP
DETAILED COMPENSATION COMPONENTS
PHASE
VE/A
+
-
+
+
ZFB
ZIN
OSC
F
LC
1
2
π
L
O
C
O
×
×
----------------------------------------
=
F
ESR
1
2
π ESR C
O
×
×
-----------------------------------------
=
(EQ. 5)
(EQ. 6)
F
Z1
1
2
π R
× 2C1
×
-----------------------------------
=
F
Z2
1
2
π
R1
R3
+
() C3
×
×
-------------------------------------------------------
=
F
P1
1
2
π R
2
C1
C2
×
C1
C2
+
----------------------


×
×
-------------------------------------------------------
=
F
P2
1
2
π R
× 3C3
×
-----------------------------------
=
(EQ. 10)
(EQ. 11)
(EQ. 8)
(EQ. 9)
Zeros:
Poles:
X1
-
+
INTERNAL 0.8V
REFERENCE
C4
CISS = CGS + CGD
REGULATED OUTPUT
RLOAD
1/gfs
ESR
GATE
SOURCE
DRAIN
RSAMPLE
COUTPUT
SIMPLIFIED MODEL
OF THE MOSFET
R12
AMPLIFIER
ERROR
ISL6529
DRIVE2
FB
CGD
CGS
C16
INPUT VOLTAGE
R5
R6
FIGURE 7. FIGURE A. SIMPLIFIED DIAGRAM OF THE LINEAR VOLTAGE REGULATOR
ISL6529, ISL6529A


Similar Part No. - ISL6529ACB-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6529ACB-T INTERSIL-ISL6529ACB-T Datasheet
376Kb / 15P
   Dual Regulator.Synchronous Rectified Buck PWM and Linear Power Controller
More results

Similar Description - ISL6529ACB-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6529A INTERSIL-ISL6529A Datasheet
376Kb / 15P
   Dual Regulator.Synchronous Rectified Buck PWM and Linear Power Controller
logo
Renesas Technology Corp
ISL6529 RENESAS-ISL6529 Datasheet
1Mb / 20P
   Dual Regulator?밪ynchronous Rectified Buck PWM and Linear Power Controllers
ISL6549 RENESAS-ISL6549 Datasheet
854Kb / 18P
   Single 12V Input Supply Dual Regulator ?봖ynchronous Rectified Buck PWM and Linear Power Controller
logo
Intersil Corporation
ISL6549 INTERSIL-ISL6549 Datasheet
438Kb / 18P
   Single 12V Input Supply Dual Regulator Synchronous Rectified Buck PWM and Linear Power Controller
ISL6528 INTERSIL-ISL6528_06 Datasheet
367Kb / 13P
   Dual Regulator - Standard Buck PWM and Linear Power Controller
logo
ON Semiconductor
NCP5220A ONSEMI-NCP5220A Datasheet
172Kb / 18P
   3?뭝n?? PWM Dual Buck and Linear Power Controller
December, 2005 ??Rev. 4
logo
Intersil Corporation
ISL6528 INTERSIL-ISL6528 Datasheet
390Kb / 13P
   Dual Regulator - Standard Buck PWM and Linear Power Controller
logo
ON Semiconductor
NCP5220 ONSEMI-NCP5220 Datasheet
174Kb / 18P
   3?뭝n?? PWM Dual Buck and Linear Power Controller
November, 2004 ??Rev. 4
logo
Renesas Technology Corp
ISL6528 RENESAS-ISL6528 Datasheet
742Kb / 13P
   Dual Regulator - Standard Buck PWM and Linear Power Controller
logo
Silicon Standard Corp.
SS7529 SSC-SS7529 Datasheet
587Kb / 8P
   Synchronous Buck PWM and Linear Power Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com