Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

1.5KE Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part No. 1.5KE
Description  1500W Peak Power 5.0W Steady State 1500W Peak Power TVS
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SECOS [SeCoS Halbleitertechnologie GmbH]
Homepage  http://www.secosgmbh.com
Logo 

1.5KE Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Elektronische Bauelemente
1.5KE SERIES
Voltage 6.8V ~ 550V
1500W Peak Power / 5.0W Steady State
1500W Peak Power TVS
24-Nov-2014 Rev. E
Page 1 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
A suffix of "-C" specifies halogen & RoHS compliant
FEATURES
1500 Watts Surge Capability at 1ms.
Excellent clamping capability.
Low zener impedance.
Fast response time:Typically less than
1.0ps from 0 volt to BV min.
 Typical IR less than 1 A above 10 V
 High temperature soldering guaranteed:
260°C / 10 seconds / .375” (9.5mm) lead
length, 5lbs.(2.3kg) tension.
MECHANICAL DATA
Case: DO-27
Epoxy:UL 94V-0 rate flame retardant.
Lead:Axial leads, solderable per MIL-STD-202,
method 208 guaranteed.
Polarity:Color band denotes cathode end
Mounting position:Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Maximum Ratings @ TA = 25°C)
CHARACTERISTIC
SYMBOL
VALUE
UNITS
Peak Power Disipation at TA=25°C, TP=1ms
1
PPK
Minimum 1500
W
Steady State Power Dissipation at TL=75°C Lead Length .375”
(9.5mm)
2
PD
6.5
W
Peak Forward Surge Current, 8.3ms Single Half
Sine-Wave superimposed on rated load (JEDEC method)
3
IFSM
200
A
Operating and Storage Temperature Range
TJ, TSTG
-55 ~150
°C
Notes:
1. Non-repetitive current pulse per Fig. 3 and derated above TA=25°C per Fig. 2.
2. Mounted on Copper Pad area of 0.8” X 0.8” (20mm X 20mm) per Fig. 5.
3. 8.3ms single half sine-wave, duty cycle = 4 pulses per minute maximum.
DO - 27
A
C
B
A
D
Millimeter
REF.
Min.
Max.
A
25.4 (TYP)
B
7.20
9.50
C
4.80
5.60
D
0.96
1.32


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn