Electronic Components Datasheet Search |
|
ADSP-21161N Datasheet(PDF) 4 Page - Analog Devices |
|
ADSP-21161N Datasheet(HTML) 4 Page - Analog Devices |
4 / 60 page Rev. C | Page 4 of 60 | January 2013 ADSP-21161N When using the DAGs to transfer data in SIMD mode, two data values are transferred with each access of memory or the regis- ter file. SIMD is supported only for internal memory accesses and is not supported for off-chip accesses. Independent, Parallel Computation Units Within each processing element is a set of computational units. The computational units consist of an arithmetic/logic unit (ALU), multiplier, and shifter. These units perform single-cycle instructions. The three units within each processing element are arranged in parallel, maximizing computational throughput. Single multifunction instructions execute parallel ALU and multiplier operations. In SIMD mode, the parallel ALU and multiplier operations occur in both processing elements. These computation units support IEEE 32-bit single-precision float- ing-point, 40-bit extended precision floating-point, and 32-bit fixed-point data formats. Data Register File A general-purpose data register file is contained in each pro- cessing element. The register files transfer data between the computation units and the data buses, and store intermediate results. These 10-port, 32-register (16 primary, 16 secondary) register files, combined with the SHARC enhanced Harvard architecture, allow unconstrained data flow between computa- tion units and internal memory. The registers in PEX are referred to as R0–R15 and in PEY as S0–S15. Single-Cycle Fetch of Instruction and Four Operands The ADSP-21161N features an enhanced Harvard architecture in which the data memory (DM) bus transfers data and the pro- gram memory (PM) bus transfers both instructions and data (see Figure 2). With the ADSP-21161N’s separate program and data memory buses and on-chip instruction cache, the proces- sor can simultaneously fetch four operands (two over each data bus) and an instruction (from the cache), all in a single cycle. Figure 2. System Diagram DMA DEVICE (OPTIONAL) DATA CLKOUT DMAR2-1 DMAG2-1 ADDR DATA HOST PROCESSOR INTERFACE (OPTIONAL) 3 12 CLOCK CLKIN XTAL IRQ2-0 2 CLK_CFG1-0 EBOOT LBOOT FLAG11-0 TIMEXP CLKDBL RESET JTAG 7 SBTS ADSP-21161N BMS LINK DEVICES (2 MAX) (OPTIONAL) LXCLK LXACK LXDAT7-0 SCLK0 D0B D0A FS0 SERIAL DEVICE (OPTIONAL) CS BOOT EPROM (OPTIONAL) ADDR MEMORY AND PERIPHERALS (OPTIONAL) OE DATA CS RD RAS ACK BR6-1 RPBA ID2-0 PA HBG HBR SDWE MS3-0 WR DATA47-16 DATA ADDR CS ACK WE ADDR23-0 BRST SDRAM (OPTIONAL) SCLK1 D1B D1A FS1 SERIAL DEVICE (OPTIONAL) SCLK2 D2B D2A FS2 SERIAL DEVICE (OPTIONAL) SCLK3 D3B D3A FS3 SERIAL DEVICE (OPTIONAL) SPICLK MISO MOSI SPIDS SPI COMPATIBLE DEVICE (HOSTOR SLAVE) (OPTIONAL) DATA CAS RAS DQM WE ADDR CS A10 CKE CLK DQM CAS REDY SDCKE SDA10 SDCLK1-0 RSTOUT |
Similar Part No. - ADSP-21161N_15 |
|
Similar Description - ADSP-21161N_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |